Part Number Hot Search : 
DU2880U LT1397CS DP126 01118 LN524OKS MBR16100 08140 CXOMKHG
Product Description
Full Text Search
 

To Download RJ22FW103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Multiturn / Cermet / Sealed Listed on the QPL per MIL-R-22097 Panel mount option available

Model RJ22 is currently available, although not recommended for new designs.
RJ22 - 1/2 " Square Trimming Potentiometer
Electrical Characteristics
Standard Resistance Range ..............................10 ohms to 1 megohm (see standard resistance table) Resistance Tolerance ................10 % std. Absolute Minimum Resistance ...............................................1 ohm max. Contact Resistance Variation ..................................2 % or 2 ohms max. (whichever is greater) Adjustability Voltage.........................................0.01 % Resistance ...................................0.05 % Resolution.........................................Infinite Insulation Resistance ....................500 vdc. 1,000 megohms min. Dielectric Strength Sea Level ...................................1,000 vac 80,000 Feet...................................400 vac Effective Travel......................25 turns nom.
Product Dimensions
RJ22FP Common Dimensions (Pin Styles)
12.7 TYP. (.500) ADJ. SLOT 2.03 .38 DIA. (.080 .015) .64 WIDE X (.025) .50 DEEP X (.020) 12.7 TYP. (.500) .71 .08 (.028 .003) DIA. TYP. 13 2.54 (.100)
How To Order
MIL-PRF-22097 Model Characteristic F = 100 ppm/C Temp. Coeff. Max. Terminal Style Resistance Code
RJ22 F W 103
13.21 TYP. (.520) 1.98 DIA. THRU (.078) (2 PLACES) 1.78 (.070) 5.59 (.220) 1.52 (.060) TYP.
Standard Resistance Table
Resistance (Ohms) 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 25,000 50,000 100,000 250,000 500,000 1,000,000 Resistance Code 100 200 500 101 201 501 102 202 502 103 203 253 503 104 254 504 105
2.54 (.100)
2
Environmental Characteristics
Power Rating @ 85 C (400 volts max.) ...................................................0.50 watt Power Rating @ 150 C.....................0 watt Temperature Range ........-65 C to +150 C Temperature Coefficient ........100 ppm/C Seal Test ...........................85 C Fluorinert* (pin styles only) Humidity ........................MIL-STD-202 Method 106 (1 % TR; 10 Megohms IR) Vibration.............20 G (1 % TR; 1 % VR) Shock...............100 G (1 % TR; 1 % VR) Load Life .....1,000 hours 0.5 watt @ 85 C (2 % TR; 1 %VR) Rotational Life ............................200 cycles 2 % TR
13.34 .64 (.525 .025) 2.54 (.100) 2 13 6.35 (.250)
2.54 6.35 (.100) (.250)
RJ22FW
5.59 (.220)
2.79 (.110) 2.54 (.100)
RED 6.35 (.250) YELLOW CCW
2
WIPER
1
CLOCKWISE
3
GREEN CW
RJ22FL
2.36 TYP. (.093)
Physical Characteristics
Torque..................................5.0 oz-in. max. Mechanical Stops......................Wiper idles Terminals ..........MIL-STD-202; Method 208 Flexible leads ..........(7 strands of 30 AWG) Weight ..........................................0.065 oz. Wiper....................50 % (Actual TR) 10 % Flammability ...............................U.L. 94V-0
13.21 (.520) 1.52 (.060) 12.70 (.500)
4.75 (.187) 1.52 (.060)
.89 TYP. (.035) 152.4 LENGTH MIN. (6.00)
Machine Screw Mounting
Torque...................................12 oz-in. max. Marking.....................Mil-spec part number Standard Packaging X, P & W Styles ...............25 pcs. per tube L Style ..............................25 pcs. per bag Adjustment Tool ..................................H-90
12.70 (.500)
RJ22FX
2.54 (.100) 2 13
5.59 (.220) 2.54 (.100) 1.78 (.070)
6.35 (.250)
TOLERANCES: 0.25 (.010) EXCEPT WHERE NOTED DIMENSIONS ARE: MM (INCHES)
REV. 12/05
*"Fluorinert" is a registered trademark of 3M Co. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of RJ22FW103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X