Part Number Hot Search : 
LQH32C 1N821 5KE18 20035 1N5393 1N5393 MP111 MC9S08S
Product Description
Full Text Search
 

To Download RHRG3060CC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RHRG3040CC, RHRG3060CC
Data Sheet January 2002
30A, 400V - 600V Hyperfast Dual Diodes
The RHRG3040CC and RHRG3060CC are hyperfast diodes with soft recovery characteristics (trr < 40ns). They have half the recovery time of ultrafast diodes and are silicon nitride passivated ion-implanted epitaxial planar construction. These devices are intended for use as freewheeling/ clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors. Formerly developmental type TA49063.
Features
* Hyperfast with Soft Recovery. . . . . . . . . . . . . . . . . . <40ns * Operating Temperature . . . . . . . . . . . . . . . . . . . . . . 175oC * Reverse Voltage Up To . . . . . . . . . . . . . . . . . . . . . . . . 600V * Avalanche Energy Rated * Planar Construction
Applications
* Switching Power Supplies * Power Switching Circuits * General Purpose
Ordering Information
PART NUMBER RHRG3040CC RHRG3060CC PACKAGE TO-247 TO-247 BRAND RHRG3040C RHRG3060C
Packaging
JEDEC STYLE TO-247
ANODE 2 CATHODE ANODE 1
NOTE: When ordering, use the entire part number.
Symbol
K
CATHODE (BOTTOM SIDE METAL)
A1
A2
Absolute Maximum Ratings
(Per Leg) TC = 25oC, Unless Otherwise Specified RHRG3040CC RHRG3060CC 600 600 600 30 70 325 125 20 -65 to 175 UNITS V V V A A A W mJ
oC
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV) (TC = 120oC) Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IFRM (Square Wave, 20kHz) Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM (Halfwave, 1 Phase, 60Hz) Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
400 400 400 30 70 325 125 20 -65 to 175
(c)2002 Fairchild Semiconductor Corporation
RHRG3040CC, RHRG3060CC Rev. B
RHRG3040CC, RHRG3060CC
Electrical Specifications
(Per Leg) TC = 25oC, Unless Otherwise Specified RHRG3040CC SYMBOL VF IF = 30A IF = 30A, TC = 150oC IR VR = 400V VR = 600V VR = 400V, TC = 150oC VR = 600V, TC = 150oC trr IF = 1A, dIF/dt = 200A/s IF = 30A, dIF/dt = 200A/s ta tb QRR CJ RJC DEFINITIONS VF = Instantaneous forward voltage (pw = 300s, D = 2%). IR = Instantaneous reverse current. trr = Reverse recovery time (See Figure 9), summation of ta + tb . ta = Time to reach peak reverse current (See Figure 9). tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 9). QRR = Reverse recovery charge. CJ = Junction Capacitance. RJC = Thermal resistance junction to case. pw = pulse width. D = duty cycle. IF = 30A, dIF/dt = 200A/s IF = 30A, dIF/dt = 200A/s IF = 30A, dIF/dt = 200A/s VR = 10V, IF = 0A TEST CONDITION MIN TYP 22 18 100 85 MAX 2.1 1.7 250 1.0 40 45 1.2 MIN RHRG3060CC TYP 22 18 100 85 MAX 2.1 1.7 250 1.0 40 45 1.2 UNITS V V A A mA mA ns ns ns ns nC pF
oC/W
Typical Performance Curves
300 2000 175oC 100 IR , REVERSE CURRENT (A) IF , FORWARD CURRENT (A) 100 100oC
100oC 175oC 10 25oC
10
1
0.1
25oC
1 0 1 2 VF , FORWARD VOLTAGE (V) 3 4
0.01 0 100 200 300 400 500 600 VR , REVERSE VOLTAGE (V)
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
(c)2002 Fairchild Semiconductor Corporation
RHRG3040CC, RHRG3060CC Rev. B
RHRG3040CC, RHRG3060CC Typical Performance Curves
50 TC = 25oC, dIF/dt = 200A/s t, RECOVERY TIMES (ns) t, RECOVERY TIMES (ns) 40 trr
(Continued)
100
TC = 100oC, dIF/dt = 200A/s
80
30
60
trr
20
ta
40
ta
10
tb
20
tb
0 1 10 IF , FORWARD CURRENT (A) 30
0 1 10 IF , FORWARD CURRENT (A) 30
FIGURE 3. trr , ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. trr , ta AND tb CURVES vs FORWARD CURRENT
TC = 175oC, dIF/dt = 200A/s 125 t, RECOVERY TIMES (ns) 100 75 ta tb 25 0 1 10 IF , FORWARD CURRENT (A) 30
IF(AV) , AVERAGE FORWARD CURRENT (A)
150
30 25 DC 20 SQ. WAVE 15
trr
50
10
5 0 75 100 125 150 175 TC , CASE TEMPERATURE (oC)
FIGURE 5. trr , ta AND tb CURVES vs FORWARD CURRENT
FIGURE 6. CURRENT DERATING CURVE
150 CJ , JUNCTION CAPACITANCE (pF) 125 100 75
50 25 0 0 50 100 150 200 VR , REVERSE VOLTAGE (V)
FIGURE 7. JUNCTION CAPACITANCE vs REVERSE VOLTAGE
(c)2002 Fairchild Semiconductor Corporation
RHRG3040CC, RHRG3060CC Rev. B
RHRG3040CC, RHRG3060CC Test Circuits and Waveforms
VGE AMPLITUDE AND RG CONTROL dIF/dt t1 AND t2 CONTROL IF L
DUT RG VGE t1 t2
CURRENT SENSE + VDD 0
IF
dIF dt ta
trr tb
IGBT
-
0.25 IRM IRM
FIGURE 8. trr TEST CIRCUIT
IMAX = 1A L = 40mH R < 0.1 EAVL = 1/2LI2 [VR(AVL) /(VR(AVL) - VDD)] Q1 = IGBT (BVCES > DUT VR(AVL)) L CURRENT SENSE Q1 VDD DUT R + VDD IV
FIGURE 9. trr WAVEFORMS AND DEFINITIONS
VAVL
IL
IL
t0 t1 t2 t
FIGURE 10. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 11. AVALANCHE CURRENT AND VOLTAGE WAVEFORMS
(c)2002 Fairchild Semiconductor Corporation
RHRG3040CC, RHRG3060CC Rev. B
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of RHRG3060CC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X