Part Number Hot Search : 
A6606 CL766 1N413 AAMDB TEF3718 ANTXV2N AD628 TE330
Product Description
Full Text Search
 

To Download RHFL4913S50-04V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RHFL4913 FIXED VERSION
RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
s s
s s
s s
s
s s
s
LOW DROPOUT VOLTAGE EMBEDDED OVERTEMPERATURE, OVERCURRENT PROTECTIONS ADJUSTABLE CURRENT LIMITATION OUTPUT OVERLOAD MONITORING/ SIGNALLING FIXED 2.5; 3.3V; 5.0V OUTPUT VOLTAGES INHIBIT (ON/OFF) TTL COMPATIBLE CONTROL PROGRAMMABLE OUTPUT SHORT CIRCUIT CURRENT REMOTE SENSING OPERATION RADHARD: TESTED UP TO 300krad IN MIL 1019.5 AND LOW DOSE RATE CONDITIONS HEAVY IONS SEL, SEU FREE. SUSTAINS 2x1014 proton/cm2, AND 2x1014 neutron/cm
FPC-16
SMD.5
TO-257
DESCRIPTION The RHFL4913 Fixed is a high performance Rad Hard Positive Voltage Regulator family. Available into various hermetic ceramic packages, it is specifically intended for Space and harsh
radiation environments. Input supply range is from 3 to 12 volts. RHFL4913 Fixed is Qml-V Qualified, DSCC Smd are 5962F02534 / 02535 / 02536 / 02537.
BLOCK DIAGRAM
May 2004
Rev. 5
1/11
RHFL4913 FIXED VERSION
Table 1: Absolute Maximum Ratings (Note 1)
Symbol VI IO PD Tstg Top ESD DC Input Voltage, VI - VGROUND Output Current RHFL4913S, ESY RHFL4913KP TC = 25C Power Dissipation Storage Temperature Range Operating Junction Temperature Range Electrostatic Discharge Capability Parameter Value 14 3 2 15 -65 to +150 -55 to +150 Class 3 Unit V A W C C
Note 1: Exceeding maximum ratings may damage the device.
Table 2: Thermal Data
Symbol Rthj-case Tsold Parameter Thermal Resistance Junction-case Maximum soldering Temperature, 10sec. FPC-16 8.3 TO-257 8.3 300 SMD.5 8.3 Unit C/W C
Figure 1: Connection Diagram (Top view, Bottom view for SMD.5)
FPC-16
SMD.5
TO-257 Table 3: Pin Description
PIN N VO VI GND ISC OCM INHIBIT SENSE NC 2/11 FPC-16 1, 2, 6, 7 3, 4, 5 13 8 10 14 16 9, 11, 12, 15 SMD.5 1 2 3 TO-257 3 1 2
RHFL4913 FIXED VERSION
Table 4: Ordering Codes
FPC-16 RHFL4913KP25-01V RHFL4913KP25-02V RHFL4913KP30-01V RHFL4913KP30-02V RHFL4913KP33-01V RHFL4913KP33-02V RHFL4913KP50-01V RHFL4913KP50-02V SMD.5 RHFL4913S25-03V RHFL4913S25-04V RHFL4913S30-03V RHFL4913S30-04V RHFL4913S33-03V RHFL4913S33-04V RHFL4913S50-03V RHFL4913S50-04V TO-257 RHFL4913ESY2505V RHFL4913ESY2506V RHFL4913ESY3005V RHFL4913ESY3006V RHFL4913ESY3305V RHFL4913ESY3306V RHFL4913ESY5005V RHFL4913ESY5006V SOLDER DIPPING GOLD SOLDER GOLD SOLDER GOLD SOLDER GOLD SOLDER OUTPUT VOLTAGE 2.5 V 2.5 V 3.0 V 3.0 V 3.3 V 3.3 V 5.0 V 5.0 V
Table 5: Part Number - Smd Equivalence
ST PART NUMBER RHFL4913KP25-01V RHFL4913KP25-02V RHFL4913KP33-01V RHFL4913KP33-02V RHFL4913KP50-01V RHFL4913KP50-02V RHFL4913S25-03V RHFL4913S25-04V RHFL4913S33-03V RHFL4913S33-04V RHFL4913S50-03V RHFL4913S50-04V RHFL4913ESY2505V RHFL4913ESY2506V RHFL4913ESY3305V RHFL4913ESY3306V RHFL4913ESY5005V RHFL4913ESY5006V
Note: 3V version is available on request.
SMD PART NUMBER 5962F0253401VXC 5962F0253401VXA 5962F0253501VXC 5962F0253501VXA 5962F0253601VXC 5962F0253601VXA 5962F0253402VYC 5962F0253402VYA 5962F0253502VYC 5962F0253502VYA 5962F0253602VYC 5962F0253602VYA 5962F0253402VZC 5962F0253402VZA 5962F0253502VZC 5962F0253502VZA 5962F0253602VZC 5962F0253602VZA
Table 6: Environmental Characteristics
Parameter Output Voltage thermal drift Output Voltage radiation drift Output Voltage radiation drift Conditions -55C to 125C from 0 krad to 300 krad at 0.55rad/sec from 0 krad to 300 krad, Mil 1019.5 Typical 40 8 6 Unit ppm/C ppm/krad ppm/krad
3/11
RHFL4913 FIXED VERSION
Table 7: Electrical Characteristics (TJ = 25C, VI = VO+2.5V, CI = C O = 1F, unless otherwise specified)
Symbol VI VO ISHORT VO VO VO Parameter Operating Input Voltage Output Voltage accuracy Output Current Limit (*) IO = 1A Test Conditions TJ= -55 to 125C Min. 3 -2 4.5 2.45 3.23 4.9 2.55 3.37 5.1 0.35 0.3 0.5 100 6 8 25 60 1 6 14 40 100 300 350 900 450 950 0.8 2.4 f = 120Hz f = 33KHz 60 30 70 40 15 0.38 ON-OFF OFF-ON 40 20 100 V V dB A V S S Vrms 550 800 400 450 650 V mA On Mode On Mode On Mode On Mode Off Mode Typ. Max. 12 2 Unit V % A V V V % % % m mA
VI = VO+2.5V, IO = 5mA Adjustable by mask/external resistor
Operating Output Voltage IO = 2 A, 2.5 V output voltage Operating Output Voltage IO = 2 A, 3.3 V output voltage Operating Output Voltage IO = 2 A, 5.0 V output voltage VI = VO+2.5V to 12 V, IO = 5mA VI = VO+2.5V, IO = 5mA to 400 mA VI = VO+2.5V, IO = 5mA to 1A IO = 100 mA DC and 20 mA rms VI = VO+2.5V, IO = 5mA VI = VO+2.5V, IO = 30mA VI = VO+2.5V, IO = 300mA VI = VO+2.5V, IO = 1A VI = VO+2V, VINH = 2.4V
VO/VI Line Regulation VO/VO Load Regulation ZOUT Iq Output Impedance Quiescent Current
Iq
Quiescent Current
VI =VO+2.5V, IO=5mA, TJ=-55 to 125C VI =VO+2.5V, IO=30mA, TJ=-55 to 125C VI =VO+2.5V, IO=300mA, TJ=-55 to 125C VI = VO+2.5V, IO = 1A, TJ=-55 to 125C
Vd
Dropout Voltage Dropout Voltage
IO = 400mAVO = 2.5 to 9 V, (-55C) IO = 400mAVO = 2.5 to 9 V, (25C) IO = 1A IO = 2A VO = 2.5 to 9 V, (25C) VO = 2.5 to 9 V, (25C) VO = 2.5 to 9 V, (125C) VO = 2.5 to 9 V, (125C)
Dropout Voltage
IO = 400mAVO = 2.5 to 9 V, (125C) IO = 1A IO = 2A
VINH(ON) Inhibit Voltage VINH(OFF) Inhibit Voltage SVR ISH VOCM tPLH tPHL eN Supply Voltage Rejection Shutdown Input Current OCM Pin Voltage Inhibit Propagation Delay Output Noise Voltage
IO = 5mA, TJ= -55 to 125C IO = 5mA, TJ= -55 to 125C VI = VO+2.5V 0.5V, IO = 5mA VINH = 5 V Sinked IOCM = 10 mA active low VI = VO+2.5V, VINH = 2.4 V, IO = 400 mA B= 10Hz to 100KHz IO = 5mA to 2A
(*) This value is guaranteed by design. For each application it's strongly recommended to comply with the maximum current limit of the package used.
4/11
RHFL4913 FIXED VERSION
Figure 2: Application Diagram For Remote Sensins Operation
DEVICE DESCRIPTION The RHFL4913 Fixed Voltage contains a PNP type power element controlled by a signal resulting from amplified comparison between the internal temperature compensated Band-Gap cell and the fraction of the desired Output Voltage value. This fractional value is obtained from an internal-to-die resistor divider bridge set by STMicroelectronics. The device is protected by several functional blocks. Low pin count Package limitations Some functions (INHIBIT, OCM, SENSE) are not available due to lack of pins. Corresponding die pads are by default connected inside silicon. SENSE pin The Load voltage is applied by a Kelvin line connected to SENSE pin: Voltage feed-back comes from the internal divider resistor bridge. Therefore possible output voltages are set by manufacturer mask metal options. SENSE pin is not available in 3pin packages. INHIBIT ON-OFF Control By setting INHIBIT pin TTL-High, the Device switches off the Output Current and Voltage. The Device is ON when INHIBIT pin is set Low. Since INHIBIT pin is internally pulled down, it can be left floating in case Inhibit function is not utilized. INHIBIT pin is not available in 3pin packages. Overtemperature protection A temperature detector internally monitors the power element junction temperature. The Device goes OFF at approx. 175C, returning to ON mode when back to approx. 40C. It is worth noting that when the internal temperature detector reaches 175C, the active power element can be at 225C: Device reliability cannot be granted in case of extensive operation under these conditions. Overcurrent protection ISC pin. An internal non-fold back Short-Circuit limitation is set with ISHORT > 3.8A (VO is 0V). This value can be reduced by an external resistor connected between ISC pin and VI pin, with a typical value range of 10k to 200k. This adjustment feature is not available in 3pin packages. To keep excellent VO regulation, it is necessary to set ISHORT 1.6 times greater than the maximum desired application IO. When IO reaches ISHORT - 300mA, the current limiter overrules Regulation and VO starts to drop and the OCM flag is risen. When no current limitation adjustment is required, ISC pin must be left unbiased (as it is in 3 pin packages). OCM pin Goes Low when current limiter starts to be active, otherwise VOCM = VI. It is bufferized and can sink 10mA. OCM pin is internally pulled-up by a 5 k resistor. Not available in 3pin packages.
5/11
RHFL4913 FIXED VERSION
Alternate to RHFL4913 Fixed (& custom) Voltages replace all 3-terminal Industry Devices, providing essential benefits - Lower Drop-Out - High radiation performance - Better SVR - Saving the high stability external setting resistors. APPLICATION INFORMATION The RHFL4913 Fixed Voltage is functional as soon as VI-VO voltage difference is slightly above the power element saturation voltage. A minimum 0.5mA IO ensures perfect "no-load" regulation. All available VI pins must always be externally interconnected, same thing for all available VO pins, otherwise Device stability and reliability cannot be granted. All NC pins can be connected to Ground. The INHIBIT function switches off the output current in an electronic way, that is very quickly. According to Lenz's Law, external circuitry reacts with -LdI/dt terms which can be of high amplitude in case some series-inductance exists. The effect would be a large transient voltage developed on both Device terminals. It is necessary to protect the Device with Schottky diodes preventing negative voltage excursions. In the worst case, a 14V Zener diode shall protect the Device Input. The Device has been designed for high stability and low drop out operation: Minimum 1F input and output tantalum capacitors are therefore mandatory. Capacitor ESR range is from 0.5 to over 20 . Such range turns out to be useful when ESR increases at low temperature. When large transient currents are expected, larger value capacitors are necessary. In case of high current operation with expected short-circuit events, caution must be considered relatively to capacitors. They must be connected as close as possible to device terminals. As some tantalum capacitors may permanently fail when submitted to high charge-up surge currents, it is recommended to decouple them with 470nF polyester capacitors. Being RHFL4913 Fixed Voltage manufactured with very high speed bipolar technology 6GHz fT transistors), the PCB lay-out must be performed with extreme care, very low inductance, low mutually coupling lines, otherwise high frequency parasitic signals may be picked-up by the Device resulting into self-oscillation. User's benefit is a SVR performance extended to far higher frequencies. REMOTE SENSING OPERATION In case the Load is located far from the regulator, it is recommended to comply with the scheme below. To obtain the best regulation, it is in addition essential to care about: - The wire connecting R2 to the Load end must not be crossed by the Load current (Kelvin sense). The noise captured by the wires between the Load and the chip could bring a noisy output voltage. In case this happens, it is recommended that shielded cables are used for these connections. The external wrap must be used for connecting the ground of the chip with the Load Ground. It is also recommended to place 1uF tantalum capacitors between Output and Ground close to the device and another next to the Load.
6/11
RHFL4913 FIXED VERSION
ALN FPC-16 (MIL-STD-1835) MECHANICAL DATA
mm. DIM. MIN. A b c D E E2 E3 e L Q S1 0.66 0.13 0.76 1.27 6.72 1.14 0.026 0.005 2.16 0.43 0.13 9.91 6.91 4.32 0.030 0.050 0.265 0.045 TYP MAX. 2.72 MIN. 0.085 0.017 0.005 0.390 0.272 0.170 TYP. MAX. 0.107 inch
e
b
c
L
E3
16 9
E
E2
1
8
E3
L
S1 D
Q A
7450901A
7/11
RHFL4913 FIXED VERSION
SMD.5 MECHANICAL DATA
DIM. A A1 b b1 b2 b3 D D1 E e 0.76 7.52 1.91 mm. MIN. TYP 3.00 0.38 7.26 5.72 2.41 3.05 10.16 0.030 0.296 0.075 MAX. MIN. inch TYP. 0.118 0.015 0.286 0.225 0.095 0.120 0.400 MAX.
7386434A
8/11
RHFL4913 FIXED VERSION
TO-257 MECHANICAL DATA
DIM. A B C D E F G H I J K L M N R 1.65 15.2 2.29 0.71 0.065 3.56 4.7 1.02 3.68 13.51 5.26 0.76 3.05 2.54 16.5 0.598 0.090 0.028 3.81 0.140 mm. MIN. TYP 10.54 10.54 16.64 5.33 0.185 0.40 0.145 0.532 0.207 0.030 0.120 0.100 0.650 0.150 MAX. MIN. inch TYP. 0.415 0.415 0.655 0.210 MAX.
0117268C
9/11
RHFL4913 FIXED VERSION
Table 8: Revision History
Date 05-May-2004 Revision 5 Description of Changes Mistake in Pin description SMD.5 on Table 3
10/11
RHFL4913 FIXED VERSION
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of RHFL4913S50-04V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X