Part Number Hot Search : 
2SK356 MN280R 1H224K 42700 P161J 1N4246 G15AV 00AT90M
Product Description
Full Text Search
 

To Download RGPZ20M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet 2.0 Amp Glass Passivated Description
Sintered Fast Switching Rectifiers
RGPZ20A . . . 20M Series
Mechanical Dimensions
JEDEC D0-15
.104 .140 .230 .300 1.00 Min.
.031 typ.
Features
n LOWEST COST FOR GLASS SINTERED FAST SWITCHING CONSTRUCTION n LOWEST VF FOR GLASS SINTERED FAST SWITCHING CONSTRUCTION n TYPICAL IR < 100 nAmps RGPZ20A . . . RGP20M Series 20A 50 35 50 20B 100 70 100 20D 200 140 200 20G 400 280 400 20J 600 420 600 20K 800 560 800 20M 1000 700 1000 Volts Volts Volts Amps Amps Units n 2.0 AMP OPERATION @ TA = 55C, WITH NO THERMAL RUNAWAY n SINTERED GLASS CAVITY-FREE JUNCTION
Electrical Characteristics @ 25 oC. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...I F(av) Current 3/8" Lead Length @ TA = 55C Non-Repetitive Peak Forward Surge Current...IFSM 8.3mS, 1/2 Sine Wave Superimposed on Rated Load Forward Voltage @ Rated Forward Current and 25C...VF Full Load Reverse Current...IR(av) Full Cycle Average @ TA = 55C DC Reverse Current...IR(max) @ Rated DC Blocking Voltage TA = 25C TA = 150C
............................................. 2.0 ............................................... ............................................. 8 0 ...............................................
............................................. 1.2 ...............................................
Volts
............................................. 1 0 0 ............................................... Amps
............................................. 5.0 ............................................... Amps ............................................. 2 0 0 ............................................... Amps ............................................. 3 5 ............................................... ............................................. 2 2 ............................................... < ................... 1 5 0 .................. > < ........... 250 ........... > pF C / W nS C
Typical Junction Capacitance...CJ (Note 1) Maximum Thermal Resistance...RJA (Note 2) Maximum Reverse Recovery Time...tRR (Note 3) Operating & Storage Temperature Range...TJ, TSTRG
......................................... -65 to 175 ..........................................
Preliminary Data Sheet 2.0 Amp Glass Passivated
Sintered Fast Switching Rectifiers
Die Dimension (mils)
A T
Forward Current Derating Curve
RESISTIVE OR INDUCTIVE LOAD
D
Glass
0.375 (9.5mm) LEAD LENGTH
d
G
TA = Ambient Temperature (C)
D 96
d G 64 2+0.5
T 11
A 15+1
Non-Repetitive Peak Forward Surge Current
TJ = TJ max. 8.3 mS Single Half Sine Wave (Jedec Method)
Typical Junction Capacitance
TJ = 25C f = 1.0 MHZ VSIG = 50mVp-p
Amps
Number of Cycles @ 60 HZ Typical Instantaneous Forward Characteristics
pF
Reverse Voltage (Volts) Typical Reverse Characteristics
TJ = 125C
Amps
TJ = 100C Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Amps
TJ =75C TJ = 25C
Volts
Percent of Rated Peak Voltage
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance from Junction to Ambient at 3/8" Lead Length, P.C. Board Mounted. 3. Reverse Recovery Condition IF = 0.5A, IR = 1.0A, IRR = 0.25A.
RGPZ20A . . . 20M Series
Amps


▲Up To Search▲   

 
Price & Availability of RGPZ20M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X