Part Number Hot Search : 
EPSA1 WM8950 T3324551 GMA8875C NJU6680 LC74751 PS8601 A7260
Product Description
Full Text Search
 

To Download RGP08MT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGP08A......RGP08MT
1 Amp. Glass Passivated Fast Recovery Rectifier
Dimensions in mm. DO-41-MINI (Plastic)
Voltage 50 to 1000 V.
Current 1.0 A. at 25 C.
(R)
3 0.1
58.5 0.5
Mounting instructions 1. Min. distance from body to soldering point, 4 mm. 2. Max. solder temperature, 350 C. 3. Max. soldering time, 3.5 sec. 4. Do not bend lead at a point closer than 2 mm. to the body.
* Glass passivated junction * High current capability * The plastic material carries U/L recognition 94 V-0 * Terminals: Axial Leads * Polarity: Color band denotes cathode
Maximum Ratings, according to IEC publication No. 134
RGP RGP 08A 08B RGP RGP 08D 08G K3 200 K4 400 RGP RGP RGP RGP 08J 08K 08M 08MT K5 600 K6 800 K7 K8
Marking Code V RRM IF(AV) IFRM IFSM trr Tj Tstg ERSM Peak recurrent reverse voltage (V) Forward current at Tamb = 25 C Recurrent peak forward current 8.3 ms. peak forward surge current
(Jedec Method)
K1 50
K2 100
1000 1000
1A 10 A 30 A 150 ns 250 ns - 65 to + 150 C - 65 to + 150 C 15 mJ 500 ns 300 ns
IF = 0.5 A IR = 1 A IRR = 0.25 A Operating temperature range Max. reverse recovery time from Storage temperature range Maximum non repetitive peak reverse avalanche energy. IR = 0.5 A ; TJ = 25 C Max. forward voltage drop at IF = 1.0 A Max. reverse current at VRRM at 25 C at 150 oC MAXIMUM THERMAL RESISTANCE Junction-Ambient. With Heatsink Junction-Ambient. In P.C.B.
o
Electrical Characteristics at Tamb = 25 C
VF IR Rthj-a Rthj-a 1.3 V 5A 200 A 45 C/W 100 C/W Oct - 98
RGP08
Rating And Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC FORWARD CURRENT DERATING CURVE
10
1.4
10 mm. - 10 mm.
1.2 2 1 0.8 0.2
Tj = 25 C
1
0.6 0.4 0.2
0.1
0.01 0.6 0.8 1 1.2 1.4 1.6
0 0 25 50 75 100 125 150 175
VF ' instantaneous forward voltage (V) MAXIMUM NON REPETITIVE PEAK FORWARD SURGE CURRENT
Tamb, ambient temperature (C)
TYPICAL JUNCTION CAPACITANCE
10 40 5 30
20
Tj = 25C f = 1 MHz
10
0 1 2 4 6 10 20 40 100
Number of cycles at 60 Hz.
1 1 5 10 50 100
VR reverse voltage (V)
Oct - 98


▲Up To Search▲   

 
Price & Availability of RGP08MT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X