Part Number Hot Search : 
GSC4424 1210X PC100 R4000 FG4205 P10A9 5BR10 E004212
Product Description
Full Text Search
 

To Download RGF20MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGF20A THRU RGF20M
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
D TENTE PA
0.150(3.80) 0.130(3.30)
DO-214AA
FEATURES
0.083(2.12) 0.077(1.95) 0.187(4.75) 0.167(4.24)
0.016(0.40) 0.006(0.15) 0.102(2.60) 0.079(2.00) 0.050(1.27) 0.030(0.76) 0.236(6.00) 0.197(5.00)
GPRC (Glass Passivated Rectifier Chip) inside Glass passivated cavity-free junction Ideal for surface mount automotive applications Fast switching for high efficiency Built-in strain relief Easy pick and place o High temperature soldering guaranteed: 260 C/10 seconds, at terminals * Plastic package has Underwriters Laboratory Flammability Classification 94V-0
* * * * * * *
MECHANICAL DATA
Case : JEDEC DO-214AA molded plastic over passivated chip Terminals : Solder plated , solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes cathode end Mounting Position : Any Weight : 0.003 ounes , 0.093 gram
*Dimensions in inches and (millimeters)
TM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature SYMBOLS unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TA=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 2.0 A Maximum full load reverse current, full cycle o average , 0.375" (9.5mm) lead lengths at TA=55 C Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range TA=25 C o TA=125 C o TA=150 C
o o o
RGF20 A B
100 70 100
UNITS K
800 560 800
D
200 140 200
G
400 280 400
J
600 420 600
JA
600 420 600
KA
800 560 800
M
1000 700 1000
MA
1000 700 1000
VRRM VRMS VDC I (AV)
50 35 50
Volts Volts Volts Amps
2.0
IFSM VF IR (AV)
65 1.3 100 5 30 100 150 250 35 55 18 -65 to +175 150 500 300 500 300
Amps Volts uA
IR trr CJ R R
JA JL
uA nS pF
o
C/W
o
TJ,TSTG
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
REV. : 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES RGF20A THRU RGF20M
FIG.1 - FORWARD CURRENT DERATING CURVE 2.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES PEAK FORWARD SURGE CURRENT, AMPERES
60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 80 70 60 50 40 30 20 10 0 1 10 NUMBER OF CYCLES AT 60Hz 100
TA=25 C 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
o
1.50
1.00
0.50
0 0 25 50 75 100 125
o
150
175
AMBIENT TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES 100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
TJ=25 C
o
1.00
PULSE WIDTH=300uS 1% DUTY CYCLE
10
1
0.10
TJ=125 C TJ=150 C
o
o
0.1 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, VOLTS 0 20 40 60 80 100 110 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
200
JUNCTION CAPACITANCE, pF
TRANSIENT THERMAL IMPEDANCE( C/W)
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25 C
o
FIG.6 - TYPICAL TRANSIENT THERMAL IMPEDANCE 100
100 60 40
20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, VOLTS
o
10
1
0.1 0.01
0.10
1.0
10
100
t , PULSE DURATION, sec
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of RGF20MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X