Part Number Hot Search : 
1N5755B X1N958U MPC8544E 5325F7 SMAJ45A CDRH5D28 MB90F9 KRF7319
Product Description
Full Text Search
 

To Download RG4Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Fast-Recovery Rectifier Diodes
Absolute Maximum Ratings Parameter Type No. VRM (V) IF (AV) (A)
( ) is with Heatsink
IFSM (A)
50Hz Half-cycle Sinewave Single Shot
Tj (C)
Tstg (C)
VF (V) max IF (A)
IR IR (H) (mA) (mA) VR = VRM VR = VRM Ta =100C max max
Electrical Characteristics (Ta = 25C) t rr trr (ns) (ns) IF/IRP (mA) IF/IRP (mA)
Others Rth (j- ) (C/ W) Mass Fig. (g)
RG 4Y RG 4Z RG 4 RG 4A RG 4C
70 200
2.0 (3.5)
100
1.3 1.7
3.5 1.0 5.0 100/100 100 0.5 2.0 2.5 500/500 500/1000 50 100/200 8 1.2
A
1.0 (3.0) 400 600 1.0 (2.0) 1000
80 -40 to +150 50 60 1.8 2.0 3.0
3.0
RG 4Y
Ta--IF(AV) Derating
5
IF(AV) (A)
20*20*1t Cu
VF --IF Characteristics (Typical)
IFSM (A)
IFMS Rating
100
IFSM (A)
20ms
20 10
Forward Current IF (A)
4
5mm 5mm
80
Average Forward Current
1
Peak Forward Surge Current
3
W
W
60
2
ith
ou
0.1
tH
ea
tsi
nk
1
0.01
Ta = 150C 100C 60C 25C
ith He at sin k
40
20
0
0
25 50 60 75 100 125 Ambient Temperature Ta (C)
150
0.001 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 Forward Voltage VF (V)
0
1
5 10 Overcurrent Cycles
50
RG 4Z, RG 4, RG 4A
Ta--IF(AV) Derating
5
IF(AV) (A)
20*20*1 t Cu
VF --IF Characteristics (Typical)
30
IFSM (A)
80 70 60 50 40 30 20 10
IFMS Rating
IFSM (A)
10 RG 4Z, RG 4
3
W ith
Forward Current IF (A)
4
5mm 5mm
20ms
Average Forward Current
1
Peak Forward Surge Current
RG 4Z, RG 4 RG 4A
0.1
2
He at sin k
eats
Ta = 150C 100C 60C 25C
1
0.01
RG 4A With o
0
ut H
0
ink
25 50 60 75 100 125 Ambient Temperature Ta (C)
150
0.001 0.2
0.6 1.0 1.4 1.8 Forward Voltage VF (V)
2.2
0
1
5 10 Overcurrent Cycles
50
RG 4C
2.0
IF(AV) (A)
Ta--IF(AV) Derating
20*20*1t Cu
VF --IF Characteristics (Typical)
6
IFSM (A)
60 50 40 30 20 10
IFMS Rating
IFSM (A)
Forward Current IF (A)
1.6
5mm 5mm
1
Ta = 25C
20ms
1.2
0.1
0.8
0.01
0.4
0
0
25 40 50 75 100 125 Ambient Temperature Ta (C)
150
0.001 0.4
Peak Forward Surge Current
Average Forward Current
0.8
1.2 1.6 2.0 2.4 Forward Voltage VF (V)
2.8
0
1
5 10 Overcurrent Cycles
50
External Dimensions
(Unit: mm) Flammability: UL94V-0 or Equivalent
Fig. A
1.4 0.1
Cathode Mark
50.0 1.0
8.00.2
6.5 0.2
47


▲Up To Search▲   

 
Price & Availability of RG4Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X