Part Number Hot Search : 
IRGBC20 LTC405 AN1366 CNY17F2 DA114 TS50P05G UPA1792G BD00FC
Product Description
Full Text Search
 

To Download RG10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RG10 - RG10Y
PRV : 70 - 600 Volts Io : 1.0 - 1.5 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Super fast recovery time
SUPER FAST RECTIFIER DIODES
D2
0.161 (4.1) 0.154 (3.9)
1.00 (25.4) MIN.
0.284 (7.2) 0.268 (6.8)
MECHANICAL DATA :
* Case : D2 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.465 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum Reverse Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Peak Forward Surge Current, 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Peak Forward Voltage at IF = 1.0 A. Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C Ta = 55 C
SYMBOL VRRM VRMS VDC IF(AV)
RG10Y 70 49 70 1.5
RG10 400 280 400 1.2
RG10A 600 420 600 1.0
UNITS Volts Volts Volts Amp.
IFSM VF IR IR(H)
Trr
50 1.1 1.8 5 50 35 50 - 65 to + 150 - 65 to + 150 2.0
Amps. Volts A A ns pf C C
Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Junction Temperature Range Storage Temperature Range
CJ TJ TSTG
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A. ( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
UPDATE : APRIL 23, 1998
RATING AND CHARACTERISTIC CURVES ( RG10 - RG10Y )
FIG.1 - REVERSE RECOVERY TIM E CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 A D.U.T. 0 PULSE GENERATOR ( NOTE 2 ) 1 OSCILLOSCOPE ( NOTE 1 ) - 0.25 Trr
+
50 Vdc (approx)
- 1.0 A SET TIME BASE FOR 15 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1 cm
PERCENTAGE AGAINST RATED CURRENT Io (%)
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
100 50
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
8.3 ms SINGLE HALF SINE WAVE Ta = 50 C 40
80
60
30
40
20
20 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150 175
10
0
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, ( C) FIG.4 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES
NUMBER OF CYCLES AT 60Hz
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
100
10 TJ = 100 C
FORWARD CURRENT, AMPERES
10
1.0
RG10Y 1.0 RG10A
RG10
0.1 TJ = 25 C
0.1
Pulse Width = 300 s 2% Duty Cycle TJ = 25 C
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
2.4
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of RG10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X