Part Number Hot Search : 
T1122 A102A BA5919FP 16800 HD74HC51 FN2944 AX1007EA 10100F
Product Description
Full Text Search
 

To Download RF6100-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF6100-2 Linear Amplifier
RF Micro Devices(R) 3V 900 MHz Linear Amplifier
The RF6100-2 is a high-power, high-efficiency linear amplifier module specifically designed for 3V handheld systems. The device is manufactured on an advanced third-generation GaAs HBT process and has been designed for use as the final RF amplifier in 3V IS-95/CDMA 2000 1x/AMPS handheld digital cellular equipment, spread-spectrum systems and other applications in the 824 MHz to 849 MHz band. The RF6100-2 has a digital control line for low power applications in order to lower quiescent current. The device is self-contained with 50 input and output that is matched to obtain optimum power, efficiency and linearity. The module is an ultra-small 4x4mm land grid array with backside ground. The RF6100-2 is footprint compatible with industry standard 4x4mm CDMA modules and requires only one decoupling capacitor.
Features Advanced third-generation GaAs HBT process 4x4mm 50 internally matched package 28 dBm linear output power 40% power added efficiency 54% AMPS power added efficiency -50 dBc adjacent channel power rejection 3V regulated voltage 55mA quiescent current (up to 28 dBm) 29 dB linear gain
Typical Applications 3V CDMA/AMPS cellular handsets 3V CDMA 2000 1x cellular handsets Spread spectrum systems
VREF
GND
VMODE GND
GND RF OUT
RF6100-2 Application Schematic
RF IN VCC1
GND VCC2
For sales or technical support, contact RFMD at 336-678-5570 or callcenter@rfmd.com.
7628 Thorndike Road, Greensboro, NC 27409-9421 Phone 336-664-1233 * Fax 336-931-7454
www.rfmd.com
RF MICRO DEVICES(R), RFMD(R), Providing Communication SolutionsTM are trademarks of RFMD, LLC. (c) RFMD 2003.
RF6100-2: Typical Performance Charts
RF6100-2: IS-95 Icc vs Pout Vcc = 3.4V, Vreg = 3.0V, Vmode = 0V, F = 836 MHz RF6100-2: IS-95 Gain vs Pout Vcc = 3.4V, Vreg = 3.0V, Vmode = 0V, F = 836 MHz
RF6100-2: IS-95 ACPR @ 885kHz vs Pout Vcc = 3.4V, Vreg = 3.0V, Vmode = 0V, F = 836 MHz
RF6100-2: IS-95 Gain vs Pout Vcc = 3.4V, Vreg = 3.0V, Vmode = 2.85V, F = 836 MHz
RF6100-2: AMPS PAE vs. Frequency Vcc = 3.4V, Vreg = 3.0V, Vmode = 0V, Pout = 31 dBm
RF6100-2: IS-95 Gain vs. Frequency Vcc = 3.4V, Vreg = 3.0V, Vmode = 0V, Pout = 28 dBm


▲Up To Search▲   

 
Price & Availability of RF6100-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X