|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Proposed 0 Typical Applications * EGSM/DCS Handsets * EGSM/DCS/PCS Handsets RoHS Compliant & Pb-Free Product RF2722 Part of the POLARISTM TOTAL RADIOTM Solution GSM/GPRS/EDGE RECEIVER * GSM850/PCS Handsets * GSM850/EGSM/DCS/PCS Handsets Product Description -A- 2 PLCS 0.10 C A 0.05 C 0.90 0.85 The RF2722 is a highly-integrated receiver IC supporting GSM, GPRS, and EDGE cellular standards in the GSM850, EGSM, DCS, and PCS bands. The RF2722 supports both very-low intermediate frequency (VLIF) as well as direct conversion receive (DCR) architectures, reducing external component count and eliminating the need for IF SAW and RF interstage filters without compromising performance. The IC includes: four LNA's for multi-band support; an integrated voltage controlled oscillator (VCO); automatic gain control (AGC); a quadrature downconverting mixer; and, low and high band transmit buffers. Chip functionality, including IF AGC setting, is controlled through a three-wire serial data interface (SDI). The RF2722 is part of the POLARISTM TOTAL RADIOTM solution. Optimum Technology Matching(R) Applied Si BJT Si Bi-CMOS InGaP/HBT LNA VCC GPO2 GPO1 5.00 SQ. 2.50 TYP. 0.70 0.65 3 2 PLCS 0.10 C B 0.05 0.00 2 PLCS 0.10 C B 12 MAX -B-C2.37 TYP. 2 PLCS 0.10 C A SEATING PLANE 4.75 SQ. 0.10 M C A B 0.60 0.24 TYP. 0.30 0.18 2 Shaded lead is pin 1. Pin 1 ID R.20 Dimensions in mm. 3.45 SQ. 3.15 0.50 0.30 0.50 Package Style: QFN, 32-Pin, 5x5 GaAs HBT SiGe HBT GaN HEMT CLK IN RX EN SCLK GaAs MESFET Si CMOS SiGe Bi-CMOS Features * GSM850, EGSM, DCS & PCS Operation * Supports Both VLIF & DCR Modes * Integrated RF VCO 32 LNA 1P 1 LNA1 31 30 29 28 27 26 25 24 DIG/FLT VCC SSB SDI LNA 1N 2 Serial Data Interface 23 I OUT * Integrated LNA's Support up to Four RF Bands * EDGE Receive Compatible LNA 2P 3 LNA2 22 IB OUT LNA 2N 4 Quadrature Mixer Polyphase Filter DC Correct 21 QB OUT LNA 3P 5 LNA3 20 Q OUT LNA 3N 6 19 TX EN Ordering Information RF2722 GSM/GPRS/EDGE Receiver RF2722PCBA-41XFully Assembled Evaluation Board LNA 4P 7 LNA4 Quadrature Generator 18 TXB IN HB LNA 4N 8 9 MIX VCC 10 LO VCC 11 VCO OUT 12 TX OUT LB 13 TX OUT HB 14 VT 15 VTC 16 VCO VCC 17 TXB IN LB Functional Block Diagram RF Micro Devices, Inc. 7628 Thorndike Road Greensboro, NC 27409, USA Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com Rev A4 050919 8-361 Part of the POLARISTM TOTAL RADIO TM Solution RF2722 Proposed Please contact RF Micro Devices Applications Engineering at (336) 678-5570 for more information. 8-362 Rev A4 050919 |
Price & Availability of RF2722PCBA-41X |