Part Number Hot Search : 
IN74HC20 IRFC150 IR2153 2SC147 CDSV2 SML80J44 TCIHG 550T007M
Product Description
Full Text Search
 

To Download RF2366PCBA-PCS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF2366
4
Typical Applications * CDMA PCS Bypass LNA * CDMA PCS Bypass Driver Amplifier * General Purpose Amplification * Commercial and Consumer Systems
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
Product Description
The RF2366 is a switchable low noise amplifier with a very high dynamic range designed for digital cellular applications. The device functions as an outstanding front end low noise amplifier. When used as an LNA, the bias current can be set externally. When used as a PA driver, the IC can operate directly from a single cell Li-ion battery and includes a power down feature that can be used to completely turn off the device. The IC is featured in a standard SOT 6-lead plastic package.
1.80 1.40 0.50 0.35 3.10 2.70 0.10 MAX.
4
GENERAL PURPOSE AMPLIFIERS
TEXT *
1.90
3.00 2.60
1.30 1.00
0.90 0.70
9 1 All dimensions in mm.
0.25 0.10 0.37 MIN.
*When Pin 1 is in upper left, text reads downward (as shown).
Optimum Technology Matching(R) Applied
Si BJT Si Bi-CMOS
u
Package Style: SOT 6-Lead
GaAs HBT SiGe HBT
GaAs MESFET Si CMOS
Features * Low Noise and High Intercept Point * Adjustable Bias Current * Power Down Control
VREF/PD 1
Logic Control
6
SELECT
* Single 2.5V to 6.0V Power Supply * 1000MHz to 2500MHz Operation * Meets IS-98B Single-Tone and IMD
GND1 2
5
GND2
RF IN 3
4
RF OUT
Ordering Information
RF2366 3V Low Noise Amplifier/ 3V PA Driver Amplifier) RF2366 PCBA-PCS Fully Assembled Evaluation Board (LNA)
Functional Block Diagram
RF Micro Devices, Inc. 7625 Thorndike Road Greensboro, NC 27409, USA
Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com
Rev A6 010816
4-183
RF2366
Absolute Maximum Ratings Parameter
Supply Voltage Input RF Level Operating Ambient Temperature Storage Temperature
Rating
-0.5 to +8.0 +10 -40 to +85 -40 to +150
Unit
VDC dBm C C
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate at the time of this printing. However, RF Micro Devices reserves the right to make changes to its products without notice. RF Micro Devices does not assume responsibility for the use of the described product(s).
Parameter
Specification Min. Typ. Max.
Unit
Condition
TAMB =25C, VCC =3.0V RF=1930MHz to 1990MHz
4
GENERAL PURPOSE AMPLIFIERS
Overall PCS Low Noise Amplifier
Frequency Range HIGH GAIN MODE Gain Noise Figure IIP3 Current Drain Input VSWR Output VSWR BYPASS MODE Gain IIP3 Input VSWR Output VSWR Current Drain 1930 to 1990 10 9 12.5 1.4 14 6.5 1.8:1 1.6:1 -2.5 18.5 1.8:1 1.8:1 0.85 1850 to 1910 12 1.6 4 -60 1.9:1 1.6:1 6.5 -3 17 2:1 1.5:1 0.85 3 0.8 1.8 10 MHz
Gain Select<0.8V, VPD/VREF =3V 1.8 dB dB dBm mA
Gain Select>1.8V, VPD/VREF =0V -4.0 dB dBm 3:1 2.5:1 mA RF=1850MHz to 1910MHz MHz Gain Select<0.8V, VPD/VREF =3V dB dB dBm dBc/30kHz
PCS CDMA Driver
Frequency HIGH GAIN MODE Gain Noise Figure Output Power ACPR1 Input VSWR Output VSWR Current Drain BYPASS MODE Gain IIP3 Input VSWR Output VSWR Current Drain
POUT =+4dBm, +1.25MHz offset
mA Gain Select>1.8V, VPD/VREF =0V dB dBm
mA V V V A
Power Supply
Voltage (VCC) VSELECT Low VSELECT High Power Down High Gain mode. Select<0.8V, VPD/VREF =3V Low Gain mode. Select>1.8V, VPD/VREF =0V Gain Select<0.8V, VPD/VREF =0V, VCC =0V
4-184
Rev A6 010816
RF2366
Bypass Possibility
Gain Select
>1.8V >1.8V
VPD/VREF
0V 3V
VCC
3V 3V
Current
0.85mA 2mA
Comments
Recommended Bypass Mode Alternative Bypass Mode
4
GENERAL PURPOSE AMPLIFIERS
Rev A6 010816
4-185
RF2366
Pin 1 Function VREF/PD Description
For low noise amplifier applications, this pin is used to control the bias current. An external resistor can be used to set the bias current for any VPD voltage.
Interface Schematic
VREF/PD
2 3
GND1 RF IN
Ground connection. For best performance, keep traces physically short and connect immediately to ground plane. RF input pin.
4
GENERAL PURPOSE AMPLIFIERS
To Bias Circuit RF OUT RF IN
4
RF OUT
5
GND2
Amplifier output pin. This pin is an open-collector output. It must be biased to VCC through a choke or matching inductor. This pin is typically matched to 50 with a shunt bias/matching inductor and series blocking/matching capacitor. Refer to application schematics. LNA emittance inductance. Total inductance is comprised of package+bondwire+stripline (L1) on PCB.
6
SELECT
This pin selects high gain and bypass. Select < 0.8V, high gain. Select > 1.8V, low gain.
4-186
Rev A6 010816
RF2366
Application Schematic PCS Low Noise Amplifier ~1950MHz
C1 0.1F 1 C2 0.1F 2 50 strip C6 33 nF 3 4 R2 8.2 k L2 3.3 nH VCC C5 10 nF C4 100 pF
Logic Control
R1 1.3 k VREF/PD
6 L1
Minimum Length Stripline
SELECT
5 C3 1.5 pF 50 strip
J1 RF IN
J2 RF OUT
4
GENERAL PURPOSE AMPLIFIERS
Application Schematic PCS Driver Amplifier ~1880MHz
C1 0.1F 1 C2 0.1F 2 50 strip C6 33 nF 3 4 R2 8.2 k L2 3.3 nH VCC C5 10 nF C4 100 pF
Logic Control
R1 1.3 k VREF/PD
6 L1
Minimum Length Stripline
SELECT
5 C3 1.5 pF 50 strip
J1 RF IN
J2 RF OUT
Rev A6 010816
4-187
RF2366
Evaluation Board Schematic - PCS LNA
P1 P1-1 1 2 P1-3 3 CON3 VCC GND NC P2-3 P2-1 P2 1 2 3 CON3 C1 0.1F 1 C2 0.1F 2 50 strip C6 33 nF 3 4 R2 8.2 k
2366400A
VREF GND SELECT
R1 1.3 k
4
GENERAL PURPOSE AMPLIFIERS
VREF
Logic Control
6 L1
Minimum Length Stripline
SELECT
5 C3 1.5 pF L2 3.3 nH VCC C5 10 nF C4 100 pF 50 strip
J1 RF IN
J2 RF OUT
4-188
Rev A6 010816
RF2366
Evaluation Board Layout - PCS Board Size 1.0" x 1.0"
Board Thickness 0.031", Board Material FR-4
Assembly Top Back
4
GENERAL PURPOSE AMPLIFIERS
Rev A6 010816
4-189
RF2366
12.9 12.9 12.8 12.8
High Gain Mode Gain versus VCC, PCS LNA
Gain, -30 Gain, 25 Gain, 85
2.0 1.8 1.6 1.4 1.2
High Gain Mode NF versus VCC, PCS LNA
Gain (dB)
12.7 12.7 12.6
NF (dB)
1.0 0.8 0.6 NF, -30 NF, 25 NF, 85 0.4 0.2 0.0
4
GENERAL PURPOSE AMPLIFIERS
12.6 12.5 12.5 2.5 2.7 2.9 3.1 3.3 3.5
2.5
2.7
2.9
3.1
3.3
3.5
VCC (V)
VCC (V)
16.0
High Gain Mode IIP3 versus VCC, PCS LNA
11.0 10.0 IIP3, -30 IIP3, 25 IIP3, 85 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0
High Gain Mode Total Current versus VCC, PCS LNA
15.5
15.0
I, -30 I, 25 I, 85
14.5
14.0
13.5
13.0
12.5
12.0 2.5 2.7 2.9 3.1 3.3 3.5
Total Current (mA)
IIP3 (dBm)
2.5
2.7
2.9
3.1
3.3
3.5
VCC (V)
VCC (V)
-1.4 Gain, -30 Gain, 25 -1.6 Gain, 85
BYP Mode Gain versus VCC, PCS LNA
23.0 22.0 21.0 IIP3, -30 IIP3, 25 IIP3, 85
BYP Mode IIP3 versus VCC, PCS LNA
-1.8 20.0 -2.0
IIP3 (dBm)
2.5 2.7 2.9 3.1 3.3 3.5
Gain (dB)
19.0 18.0 17.0
-2.2
-2.4 16.0 -2.6 15.0 -2.8 14.0 2.5 2.7 2.9 3.1 3.3 3.5
VCC (V)
VCC (V)
4-190
Rev A6 010816
RF2366
12.20
High Gain Mode Gain versus VCC, PCS Driver
2.5
High Gain Mode NF versus VCC, PCS Driver
12.00 2.0
11.80
Gain (dB)
1.5 11.60 Gain, -30 11.40 Gain, 25 Gain, 85 0.5 11.20
NF (dB)
1.0 NF, -30 NF, 25 NF, 85
4
3.5
11.00 2.5 2.7 2.9 3.1 3.3 3.5
0.0 2.5 2.7 2.9 3.1 3.3
VCC (V)
VCC (V)
-2.5 Gain, -30 Gain, 25 Gain, 85
BYP Mode Gain versus VCC, PCS Driver
22.0 IIP3, -30 20.0 IIP3, 25 IIP3, 85
BYP Mode IIP3 versus VCC, PCS Driver
-2.6
-2.7 18.0 -2.8
-2.9
IIP3 (dBm)
Gain (dB)
16.0
-3.0 14.0 -3.1 12.0 -3.2
-3.3 2.5 2.7 2.9 3.1 3.3 3.5
10.0 2.5 2.7 2.9 3.1 3.3 3.5
VCC (V)
VCC (V)
12.20
High Gain Mode Gain versus VCC, PCS Driver
2.5
High Gain Mode NF versus VCC, PCS Driver
12.00 2.0
11.80
Gain (dB)
1.5 11.60 Gain, -30 11.40 Gain, 25 Gain, 85 0.5 11.20
NF (dB)
1.0 NF, -30 NF, 25 NF, 85
11.00 2.5 2.7 2.9 3.1 3.3 3.5
0.0 2.5 2.7 2.9 3.1 3.3 3.5
VCC (V)
VCC (V)
Rev A6 010816
4-191
GENERAL PURPOSE AMPLIFIERS
RF2366
-2.5 Gain, -30 Gain, 25 Gain, 85
BYP Mode Gain versus VCC, PCS Driver
22.0 IIP3, -30 20.0 IIP3, 25 IIP3, 85
BYP Mode IIP3 versus VCC, PCS Driver
-2.6
-2.7 18.0 -2.8
-2.9
IIP3 (dBm)
2.5 2.7 2.9 3.1 3.3 3.5
Gain (dB)
16.0
-3.0 14.0
4
GENERAL PURPOSE AMPLIFIERS
-3.1 12.0 -3.2
-3.3
10.0 2.5 2.7 2.9 3.1 3.3 3.5
VCC (V)
VCC (V)
4-192
Rev A6 010816


▲Up To Search▲   

 
Price & Availability of RF2366PCBA-PCS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X