Part Number Hot Search : 
UCY75451 94C33 Q0270 STTH5 FM105 FM105 100BG 00130
Product Description
Full Text Search
 

To Download RF236006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF2360
0
Typical Applications * CATV Distribution Amplifiers * Cable Modems * Broadband Gain Blocks Product Description
The RF2360 is a general purpose, low-cost, high-linearity RF amplifier IC. The device is manufactured on a Gallium Arsenide process and is featured in an SOP-16 batwing package. It has been designed for use as an easily cascadable 75 gain block with a Noise Figure of less than 2dB. Gain flatness better than 0.5dB from 5MHz to 1000MHz, and high linearity make this part ideal for cable TV applications. Other applications include IF and RF amplification in wireless voice and data communication products operating in frequency bands up to 1000MHz. The device is self-contained with 75 input and output impedances providing less than 2:1 VSWR matching. For higher input and output return losses, see the evaluation schematic.
-A0.158 0.150 0.021 0.014 0.009 0.004
LINEAR GENERAL PURPOSE AMPLIFIER
RoHS Compliant & Pb-Free Product * Laser Diode Driver * Return Channel Amplifier * Base Stations
0.392 0.386
0.069 0.064
0.050
0.244 0.230 8 MAX 0 MIN 0.010 0.008
0.060 0.054
0.035 0.016
Optimum Technology Matching(R) Applied
Si BJT Si Bi-CMOS InGaP/HBT GaAs HBT SiGe HBT GaN HEMT GaAs MESFET Si CMOS SiGe Bi-CMOS
Package Style: Standard Batwing
Features * 5MHz to 1500MHz Operation * Internally Matched Input and Output * 20dB Small Signal Gain * 1.2dB Noise Figure * +24dBm Output Power * Single 6V to 9V Positive Power Supply
NC 1 NC 2 GND 3 GND 4 GND 5 RF IN 6 NC 7 NC 8
16 NC 15 NC 14 RF OUT 13 GND 12 GND 11 NC 10 NC 9 NC
Ordering Information
RF2360 RF2360 PCBA RF2360 411 RF2360 412 Linear General Purpose Amplifier Fully Assembled Evaluation Board 50 Fully Assembled Evaluation Board 75H Fully Assembled Evaluation Board 75L Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com
Functional Block Diagram
RF Micro Devices, Inc. 7628 Thorndike Road Greensboro, NC 27409, USA
Rev A11 060515
3-43
RF2360
Absolute Maximum Ratings Parameter
Device Current Device Voltage Input RF Power Output Load VSWR Ambient Operating Temperature Storage Temperature
Rating
175 9 +13 20:1 -40 to +85 -40 to +150
Unit
mA V dBm C C Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate at the time of this printing. RoHS marking based on EUDirective2002/95/EC (at time of this printing). However, RF Micro Devices reserves the right to make changes to its products without notice. RF Micro Devices does not assume responsibility for the use of the described product(s).
Parameter
Overall (50)
Frequency Range Input VSWR
Specification Min. Typ. Max.
Unit
Condition
T=25 C, VDD =7V, 50 System, PIN =-8dBm 3dB Bandwidth Appropriate values for the output DC blocking capacitor and bias inductor are required to maintain this VSWR over the intended operating frequency range. See note for Input VSWR. At 500MHz 5MHz to 1000MHz At 500MHz From 5MHz to 1000MHz At 10MHz, Delta F1 and F2 = 1MHz At 500MHz At 1000MHz At 100MHz, Delta F1 and F2 = 156MHz At 1000MHz At 10MHz At 500MHz At 1000MHz At 500MHz T=25 C, VDD =9V, PIN =-8dBm At 500MHz 5MHz to 1000MHz At 500MHz From 5MHz to 1000MHz, At 10MHz, Delta F1 and F2 = 1MHz At 500MHz At 1000MHz At 100MHz, Delta F1 and F2 = 156MHz At 1000MHz At 10MHz At 500MHz At 1000MHz
5 1.6:1
1500
MHz
Output VSWR Gain Gain Flatness Noise Figure Noise Figure Output IP3 Output IP3 Output IP3 Output IP2 Output IP2 Output P1dB Output P1dB Output P1dB Reverse Isolation Gain Gain Flatness Noise Figure Noise Figure Output IP3 Output IP3 Output IP3 Output IP2 Output IP2 Output P1dB Output P1dB Output P1dB
1.2:1 20 +/-0.9 1.2 1.5 33.7 37.2 36.4 46.3 44.4 21 24 23.7 24 20 +/-0.9 1.1 1.5 34.8 38.1 38.7 44.1 48.6 22.5 25.1 25.3 6 7 9
dB dB dB dB dBm dBm dBm dBm dBm dBm dBm dBm dB dB dB dB dB dBm dBm dBm dBm dBm dBm dBm dBm V
Power Supply
Supply Voltage (VDD)
3-44
Rev A11 060515
RF2360
Parameter
Overall (75)
Frequency Range Input VSWR 5 1.6:1 1500 MHz
Specification Min. Typ. Max.
Unit
Condition
T=25oC, VDD =7V, 75 System, PIN =-8dBm 3dB Bandwidth Appropriate values for the output DC blocking capacitor and bias inductor are required to maintain this VSWR over the intended operating frequency range. See note for input VSWR. At 500MHz 5MHz to 1000MHz At 50MHz, Delta F1 and F2 = 1MHz At 500MHz At 500MHz, Delta F1 and F2 = 55.25MHz At 10MHz At 500MHz At 1000MHz 10dBmV per channel, flat, at the input of the amplifier; VCC =7V, ICC =120mA At 55.25MHz At 331.25MHz At 547.25MHz At 55.25MHz At 331.25MHz At 547.25MHz At 55.25MHz At 331.25MHz At 547.25MHz At 55.25MHz At 331.25MHz At 547.25MHz
Output VSWR Gain Gain Flatness Output IP3 Output IP2 Output IP1dB
Operating Current Range
100
1.3:1 20 +0.5 36.8 36.0 50.1 21 23 22 104
109
dB dB dBm dBm dBm dBm dBm dBm mA
110 Channels
CTB -75 -77 -75 -91 -60 -57 -55 -54 -56 +66 +65 +65 6 115 7 120 9 130 dBc dBc dBc dBc dBc dBc dBc dBc dBc dB dB dB V mA
CSO+1.25MHz
CSO-1.25MHz
CNR
Power Supply
Supply Voltage (VDD) Operating Current Range
Rev A11 060515
3-45
RF2360
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Function NC NC GND GND GND RF IN NC NC NC NC NC GND GND RF OUT Description
No connection. This pin should be connected to the ground plane. Same as pin 1. Ground connection. Keep traces physically short and connect immediately to ground plane for best performance. Each ground pin should have a via to the ground plane. Same as pin 3. Same as pin 3. RF input pin. This pin is internally DC blocked. An external DC blocking capacitor is not required. Same as pin 1. Same as pin 1. Same as pin 1. Same as pin 1. Same as pin 1. Same as pin 3. Same as pin 3. RF output and bias pin. Because DC is present on this pin, a DC blocking capacitor, suitable for the frequency of operation, should be used in most applications. For biasing, only an RF choke is needed.
RF OUT
Interface Schematic
RF IN
15 16
NC NC
Same as pin 1. Same as pin 1.
3-46
Rev A11 060515
RF2360
Application Schematic 869-894MHz Narrowband Operation
VDD 1 2 3 4 5 8.2 nH 100 pF RF IN 2 pF 6 7 8 11 10 9 16 15 3 pF 14 100 pF 13 12 100 pF
8.2 nH RF OUT
Rev A11 060515
3-47
RF2360
Evaluation Board Schematic - 50
P1 1 2 P1-3 3 GND GND VDD 2 3 4 L1 4.7 nH 5 6 7 8 15 14 13 12 11 10 9 L2 1 H C2 10 nF 1 16 P1-3 C1 10 nF
J2 OUT
J1 IN
2360400 Rev 1
3-48
Rev A11 060515
RF2360
Evaluation Board Schematic - 75 High Frequency (50MHz to 2000MHz)
P1 1 2 P1-3 3 GND GND VDD 2 3 4 C3 10 nF C1 1.5 pF L1 10 nH 5 6 7 8 15 14 13 12 11 10 9 C4 390 pF L3 10 H C2 10 nF J2 OUT 1 16 P1-3
J1 IN
2360401-
NOTES: J1 and J2 are 75 F connectors.
Evaluation Board Schematic - 75 Low Frequency (5MHz to 200MHz)
P1 1 2 P1-3 3 GND GND VDD 2 3 4 5 J1 IN L1 10 nH R1 68 6 7 8 15 14 13 12 11 10 9 C1 10 nF L1 10 H C2 10 nF J2 OUT 1 16 P1-3
2360402-
NOTES: J1 and J2 are 75 F connectors.
Rev A11 060515
3-49
RF2360
Evaluation Board Layout - 50 Board Size 1.5" x 1.5"
Board Thickness 0.031", Board Material FR-4
3-50
Rev A11 060515
RF2360
Evaluation Board Layout - 75 High Frequency (50MHz to 2000MHz) Board Size 1.25" x 1.0"
Board Thickness 0.062", Board Material FR-4
Evaluation Board Layout - 75 Low Frequency (5MHz to 200MHz)
Rev A11 060515
3-51
RF2360
55.0 50.0 45.0
Gain, OIP2 and OIP3 versus Frequency VCC = 9V, Temp = 25C, PIN = -8dBm
50.0
Gain, OIP2 and OIP3 versus Temperature VCC = 9V, PIN = -8dBm, F = 500MHz
Gain (dB), OIP2 (dBm), OIP3 (dBm)
45.0 40.0 35.0 Gain 30.0 25.0 20.0 15.0 10.0 0.0 500.0 1000.0 1500.0 2000.0 IP3 IP2
Gain (dB), OIP2 (dBm), OIP3 (dBm)
40.0
35.0
Gain IP3
30.0
IP2
25.0
20.0
15.0 -40.0 -20.0 0.0 20.0 40.0 60.0 80.0
Frequency (MHz)
Temperature (C)
50.0
Gain, OIP2 and OIP3 versus PIN VCC = 9V, Temp = 25C, F = 500MHz
45.0
Gain (dB), OIP2 (dBm), OIP3 (dBm)
40.0
35.0 Gain 30.0 IP3 IP2 25.0
20.0
15.0
10.0 -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0
Pin (dBm)
3-52
Rev A11 060515
RF2360
75 Smith 8V, 25C Ohm, Chart
1.0
0 .6
Swp Max 2.001GHz
2. 0
0.8
10.0
0.2
0.4
0.6
0.8
2.0
3.0
4.0
1.0
5.0
0
S[2,2]
0
-0
.4
- 0.
6
-2
.0
Swp Min 0.001GHz
-0.8
5050OHM - Return Loss Ohm, 8V - Return Loss
1.0
0.6
-1.0
0 .6
Swp Max 3000MHz
2. 0
1.0
0.8
0.8
S[1,1]
S[1,1]
3.0
2.0
S[2,2]
10.0
10.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0 5.0
0.2
0.4
0.6
0.8
2.0
3.0
4.0
1.0
5.0
0
10.0
0
.4 -0
.4 -0
0
-0. 6
. -2
-0.8
- 0.
6
-2
.0
Swp Min 0.03MHz
Swp Min 1MHz
-1.0
-0.8
Rev A11 060515
-1.0
-5.0
- 4. 0
-3 .0
-4. 0 -5.0
-0.2
- 0 .2
-10.0
0 .2
4.0 5.0
0. 4
-10.0
-5.0
-0.2
-10.0
- 4.
-3 .0
-3 .
0
0. 4
0. 4
0 3.
4 .0
5.0
0.2
10.0
S[1,1]
75OHM Return Loss 75 Ohm, 8V- - Return Loss
Swp Max 3000MHz
0 3.
4 .0
5 .0
0.2
S[2,2]
10.0
3-53
RF2360
3-54
Rev A11 060515


▲Up To Search▲   

 
Price & Availability of RF236006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X