Part Number Hot Search : 
74HC126 T0805DH 2122E S1202 42900 AD688AQ LX9071 HN1A02F
Product Description
Full Text Search
 

To Download RF212607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF2126High Power Linear Amplifier
RF2126
HIGH POWER LINEAR AMPLIFIER
RoHS Compliant & Pb-Free Product Package Style: SOIC-8 Slug
2
POWER AMPLIFIERS
Features
Single 3V to 6.0V Supply 1.3W Output Power 12dB Gain 45% Efficiency Power Down Mode 400MHz to 2700MHz Operation
RF IN 1 RF IN 2 PC 3 VCC 4 PACKAGE BASE GND
8 RF OUT 7 RF OUT 6 RF OUT 5 RF OUT
BIAS CIRCUIT
Applications
2.5GHz ISM Band Applications Digital Communication Systems PCS Communication Systems Commercial and Consumer Systems Portable Battery-Powered Equipment
Functional Block Diagram
Product Description
The RF2126 is a high-power, high-efficiency, linear amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process and has been designed for use as the final RF amplifier in 2.45 GHz ISM applications such as WLAN and POS terminals. The part will also function as the final stage in transmitters requiring linear amplification operating between 400MHz and 2700MHz. The device is packaged in an 8-lead plastic package with a backside ground. The device is self-contained with the exception of the output matching network and power supply feed line. It produces a typical output power level of 1W.
Ordering Information
RF2126 RF2126PCK High Power Linear Amplifier Fully Assembled Evaluation Board
Optimum Technology Matching(R) Applied
GaAs HBT GaAs MESFET InGaP HBT SiGe BiCMOS Si BiCMOS SiGe HBT GaAs pHEMT Si CMOS Si BJT GaN HEMT
RF MICRO DEVICES(R), RFMD(R), Optimum Technology Matching(R), Enabling Wireless ConnectivityTM, PowerStar(R), POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. (c)2006, RF Micro Devices, Inc.
Rev A14 DS070511
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
2-3
RF2126
2
POWER AMPLIFIERS
Absolute Maximum Ratings Parameter
Supply Voltage (VCC) Power Control Voltage (VPC) DC Supply Current Input RF Power Output Load VSWR Operating Ambient Temperature Storage Temperature
Rating
-0.5 to +6.5 -0.5 to +5V 450 (see Note) +20 20:1 -40 to +85 -40 to +125
Unit
VDC V mA dBm C C Caution! ESD sensitive device.
The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice. RoHS status based on EUDirective2002/95/EC (at time of this document revision).
Parameter
Overall
Frequency Range Maximum Output Power Maximum Output Power Maximum Output Power Total Power Added Efficiency Total Power Added Efficiency Total Power Added Efficiency Small-signal Gain Second Harmonic Third Harmonic
Min.
Specification Typ.
Max.
Unit
Condition
T=25 C, VCC =6.0V, VPC =3.0V, ZLOAD =12, Pin = 0dBm, Freq=2450MHz, Idle current=180mA
1800 +27.0 +29 +30.0 +31.0 45 45 45 12 -55 -60
2500
MHz dBm dBm dBm % % % dB dBc dBc See Application Schematic, PIN =+17dBm VCC =3.6V, PIN =+19dBm VCC =4.8V, PIN =+19dBm VCC =6.0V, PIN =+19dBm Maximum output, VCC =3.6V Maximum output, VCC =4.8V Maximum output, VCC =6.0V
Input VSWR
1.5:1
With external matching network; see application schematic dBm dBc dBc dBc 3.5 V V PEP-3dB POUT =+24dBm for each tone POUT =+24dBm for each tone POUT =+24dBm for each tone To obtain 180mA idle current Threshold voltage at device input
Two-tone Specification
Average Two-Tone Power IM3 IM5 IM7 -24 +27 -25 -35 -55 1.5 0.2 3.0 0.5
Power Control
VPC Power Control "OFF"
2-4
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A14 DS070511
RF2126
Parameter
Power Supply
Power Supply Voltage Supply Current Power Down Current 3.0 350 0.5 10 6.5 V mA A POUT =+30dBm, VCC =6.0V VPC =0.2V
Min.
Specification Typ.
Max.
Unit
Condition
2
POWER AMPLIFIERS
Note: For infrastructure class operation, the maximum allowable current over all operating conditions is 260mA. This implies the need for an external active bias control network to control ICC over temperature and normal process variation. The RF5187 datasheet provides an example of a recommended active bias control circuit. For consumer systems with typical ambient operating temperature requirements below +50C, the customer may exceed this 260mA ICC limit. However, for best reliability in all applications, the maximum continuous dissipated power (ICC *VCC -PRF) for this part is 1.3W.
Rev A14 DS070511
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
2-5
RF2126
2
POWER AMPLIFIERS
Pin 1
Function RF IN
Description
RF input. This input is DC coupled, so an external blocking capacitor is required if this pin is connected to a DC path. An optimum match to 50 is obtained by providing an external series capacitor of 1.8pF and then a shunt capacitor of 1.3pF; see the Application Schematic. Those values are typical for 2450MHz; other values may be required for other frequencies. Same as pin 1. Power control pin. For obtaining maximum performance the voltage on this pin can be used to set correct bias level. In a typical application this is implemented by a feedback loop. The feedback can be based on the actual supply current of the device, i.e. maintaining a fixed current level, or it can be based on the RF output power level to maintain a fixed RF power level (Automatic Level Control loop). A voltage of 0.5V or lower brings the part into power down state. Power supply pin for the bias circuits. External low frequency bypass capacitors should be connected if no other low frequency decoupling is nearby. RF output and bias for the output stage. The power supply for the output transistor needs to be supplied to this pin. This can be done through a quarter-wavelength microstrip line that is RF grounded at the other end, or through an RF inductor that supports the required DC currents. Optimum load impedance is achieved by providing a shunt capacitor of 1.8pF and a series capacitor of 3.3pF; see the Application Schematic. Those values are typical for 2450MHz; other values may be required for other frequencies. Since there are several output pins available, which are internally connected, one pin can be used for connecting the bias, another for connecting a (third) harmonic trap filter, and the other pins for the RF output. Same as pin 5. Same as pin 5. Same as pin 5. Ground connection. The backside of the package should be connected to the ground plane through a short path, i.e., vias under the device may be required.
Interface Schematic
2 3
RF IN PC
4 5
VCC RF OUT
6 7 8 Pkg Base
RF OUT RF OUT RF OUT GND
Package Drawing
0.157 0.150 0.0192 0.0138 0.004 0.002
-A-
0.196 0.189
0.050
0.244 0.230 Shaded lead is pin 1. EXPOSED HEATSINK
0.065 0.055
0.123 0.107
8 MAX 0 MIN 0.035 0.016 0.087 0.071 0.0098 0.0075
2-6
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A14 DS070511
RF2126
Application Schematic 2450MHz Operation
1.8 pF RF IN 1.3 pF VPD 1000 pF 4 PACKAGE BASE 2 3 7 1.8 pF BIAS CIRCUIT 6 5 4.7 nH 1 8 3.3 pF RF OUT
2
POWER AMPLIFIERS 2-7
VCC 1000 pF
33 pF
Rev A14 DS070511
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF2126
2
POWER AMPLIFIERS
Application Schematic 433MHz Operation
15 RF IN 15 nH VPD 1 2 3 1000 pF VCC 4 PACKAGE BASE 8 6.8 nH 7 6 5 56 nH 15 pF 100 pF RF OUT
BIAS CIRCUIT
1000 pF
33 pF
2-8
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A14 DS070511
RF2126
Evaluation Board Schematic 2450 MHz Operation
P1 P1-1 1 2 P1-3 50 strip C1 1.3 pF VPD C6 1000 pF C2 1.8 pF 1 2 3 4 PACKAGE BASE 8 7 6 5 L1 4.7 nH C5 33 pF C3 1.8 pF C4 3.3 pF 50 strip 3 VCC GND VPC
2
POWER AMPLIFIERS
J2 RF OUT
J1 RF IN
BIAS CIRCUIT
VCC C8 1 uF C7 1000 pF
Rev A14 DS070511
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
2-9
RF2126
2
POWER AMPLIFIERS
Evaluation Board Layout 1.5" x 1.0"
Board Thickness 0.031", Board Material FR-4
2-10
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A14 DS070511
RF2126
RoHS* Banned Material Content
RoHS Compliant: Package total weight in grams (g): Compliance Date Code: Bill of Materials Revision: Pb Free Category: Yes 0.091 0506 e3 Pa r ts Pe r Mi l l i o n (PPM ) Pb 0 0 0 0 0 0 Cd 0 0 0 0 0 0 Hg 0 0 0 0 0 0 Cr VI 0 0 0 0 0 0 PB B 0 0 0 0 0 0 PB DE 0 0 0 0 0 0
2
POWER AMPLIFIERS 2-11
B i l l o f Ma te r i a l s Di e Mo l di ng Co mp o und Le a d F r a me Di e Atta ch Ep o x y Wi r e So l de r Pl a ti ng
Thi s R o HS b a nne d ma te r i a l co nte nt de cl a r a ti o n wa s pr e p a r e d so l e l y o n i nfo r ma ti o n, i ncl udi ng a na l y ti ca l da ta , pr o vi de d to R F M D by i ts sup pl i e r s, a nd a p p l i e s to the B i l l o f Ma te r i a l s (B OM ) r e vi si o n no te d * DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
Rev A14 DS070511
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF2126
2
POWER AMPLIFIERS
2-12
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A14 DS070511


▲Up To Search▲   

 
Price & Availability of RF212607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X