Part Number Hot Search : 
70N10A MAX3229 MM1414 SAC10 0Q101 MB356W TY272MX 0Q101
Product Description
Full Text Search
 

To Download RF1210B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
RF1210B 303.825 MHz SAW Filter
* * * * *
Ideal Front-End Filter for European Wireless Receivers Low-Loss, Coupled-Resonator Quartz Design Simple External Impedance Matching Surface-Mount Ceramic Case with 52 mm2 Footprint Complies with Directive 2002/95/EC (RoHS)
The RF1210B is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 303.825 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remote-control and security devices operating in the USA under FCC Part 15, Australia, Japan and Korea. This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically greater than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz IF. RFM's advanced SAW design and fabrication technology is utilized to achieve high performance and very low loss with simple external impedance matching (not included). Quartz construction provides excellent frequency stability over a wide temperature range. Our new patent pending solder seal process utilizes a Faraday shield lid, which improves out of band rejection.
SM8558-8 Case
Electrical Characteristics
Characteristic Center Frequency at 25C Insertion Loss 3 dB Bandwidth Rejection at fc - 21.4 MHz (Image) at fc - 10.7 MHz (LO) Ultimate Temperature Operating Case Temp. Turnover Temperature Turnover Frequency Freq. Temp. Coefficient Frequency Aging External Impedance Absolute Value during the First Year Series Inductance Shunt Capacitance Lid Symbolization (in addition to Lot and/or Date Codes) TC TO fO FTC |fA| L C 5 1 3, 4 -35 22 37 fc 0.032 10 82 9 RFM RF1210B 1 Absolute Frequency Tolerance from 303.825 MHz Sym fc fc IL BW3 Notes 1, 2 1 1, 2 500 40 15 1.7 700 50 40 80 +85 52 C MHz ppm/C2 ppm/yr nH pF dB Minimum 303.745 Typical Maximum 303.905 80 3.0 800 Units MHz kHz dB kHz
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes: 1. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50 test system with VSWR 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fc. Note that insertion loss and bandwidth are dependent on the impedance matching component values and quality. 2. The frequency fc is defined as the midpoint between the 3dB frequencies. 3. Unless noted otherwise, specifications apply over the entire specified operating temperature range. 4. The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may be calculated from: f = fo [1 - FTC (To - Tc)2]. 5. Frequency aging is the change in fc with time and is specified at +65C or less. Aging may exceed the specification for prolonged temperatures above +65C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years. 6. The design, manufacturing process, and specifications of this device are subject to change without notice. 7. One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending. 8. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com RF1210B-083101
Page 1 of 2
303.825 MHz
Absolute Maximum Ratings
Rating Incident RF Power DC Voltage between any 2 pins (Observe ESD Precautions) Case Temperature5
SAW Filter
Value +13 30 -40 to +85 (10 seconds / 5 cycles max.) 260 Units dBm VDC C C
Soldering Temperature
Electrical Connections Pin 1 2 3 4 5 6 7 8 Connection Input Ground Output Return Case Ground Output Ground Input Return Case Ground
Case Design
Dimensions A
Millimeters Min Max 8.71 6.04 2.03 0.79 Nominal 1.14 Nominal 1.98 Nominal 0.79 Nominal 6.91 4.24 0.81 2.54 Nominal 1.91 Nominal Min
Inches Max 0.343 0.238 0.080 0.031 Nominal 0.045 Nominal 0.078 Nominal 0.031 Nominal 0.040 0.167 0.032 0.100 Nominal 0.075 Nominal
Typical Test Circuit
B C D E F G H K M N P
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com RF1210-083101
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of RF1210B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X