|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) RF1210 303.825 MHz SAW Filter * * * * * Ideal Front-End Filter for 303.825 MHz Wireless Receivers Low-Loss, Coupled-Resonator Quartz Design Simple External Impedance Matching Rugged TO39 Hermetic Package Complies with Directive 2002/95/EC (RoHS) Pb The RF1210 is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 303.825 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remote-control and security devices operating in the USA under FCC Part 15, in Australia, in Japan, and in Korea. This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically greater than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz IF. RFM's advanced SAW design and fabrication technology is utilized to achieve high performance and very low loss with simple external impedance matching (not included). Quartz construction provides excellent frequency stability over a wide temperature range. TO39-3 Case Electrical Characteristics Characteristic Center Frequency at 25C Insertion Loss 3 dB Passband Rejection at fc - 21.4 MHz (Image) at fc - 10.7 MHz (LO) Ultimate Temperature Operating Case Temp. Turnover Temperature Turnover Frequency Freq. Temp. Coefficient Frequency Aging External Impedance Absolute Value during the First Year Series Inductance Shunt Capacitance TC TO fO FTC |fA| L C 5 1 3, 4 -35 37 52 fC+7 0.032 10 87 9 RFM RF1210 pF 1 Absolute Frequency Tolerance from 303.825 Sym fC fC IL BW3 Notes 1, 2 1 1, 2 500 40 15 Minimum 303.745 1.7 700 50 40 80 +85 67 C MHz ppm/C2 ppm/yr dB Typical Maximum 303.905 80 3.0 800 Units MHz kHz dB kHz Lid Symbolization (in addition to Lot and/or Date Codes) CAUTION: Electrostatic Sensitive Device. Observe precautions for handling. Notes: 1. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50 test system with VSWR 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fc. Note that insertion loss, bandwidth, and passband shape are dependent on the impedance matching component values and quality. 2. The frequency fc is defined as the midpoint between the 3dB frequencies. 3. Unless noted otherwise, specifications apply over the entire specified operating temperature range. 4. The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may be calculated from: f = fo [1 - FTC (To - Tc)2]. 5. Frequency aging is the change in fc with time and is specified at +65C or less. Aging may exceed the specification for prolonged temperatures above +65C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years. 6. The design, manufacturing process, and specifications of this device are subject to change without notice. 7. One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending. 8. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale. RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc. E-mail: info@rfm.com http://www.rfm.com RF1210-082401 Page 1 of 2 303.825 MHz Absolute Maximum Ratings Rating Incident RF Power DC Voltage Between Any Two Pins (Observe ESD Precautions) Case Temperature5 SAW Filter Value +13 30 -40 to +85 Units dBm VDC C Typical Filter Response Typical filter responses are shown below. The actual response is dependent on external impedance matching and circuit layout. Illustrated frequencies and minimum rejection for LO and IMAGE are shown only for superhet receivers with 10.7 MHz IF. . 0 dB -10 Amplitude Response 0 dB -1 LO -20 -30 -40 -50 -60 -70 -80 Image -2 Amplitude Response -3 -4 -5 -6 -7 -8 Minimum 3dB Passband at 25 oC 5 MHz/div Frequency 100 KHz/div Frequency Electrical Connections Bottom View Case Design C B G Pin 1 2 3 Connection Input or Output Output or Input Case Ground Pin 1 Pin 2 H Pin 3 3 F A D (3 places) E Typical Test Circuit J (2 places) 45 L From 50 Network Analyzer 1 2 3 L Millimeters Dimensions C To 50 Network Analyzer Inches Min Max 0.370 0.125 0.098 0.138 0.018 Nominal 0.200 Nominal 0.100 Nominal 0.100 Nominal 0.040 0.055 Min A B C D E F G H J 1.40 2.50 Max 9.40 3.18 3.50 C 0.46 Nominal 5.08 Nominal 2.54 Nominal 2.54 Nominal 1.02 RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc. E-mail: info@rfm.com http://www.rfm.com RF1210-082401 Page 2 of 2 |
Price & Availability of RF1210 |