![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features Regulated Converters 2.2W DIP Package 1kVDC Isolation Regulated Output Wide Input Range 2 : 1 and 4 : 1 UL94V-0 Package Material Continuous Short Circuit Protection Cost Effective 100% Burned In Efficiency to 84% ECONOLINE DC/DC-Converter REC2.2S_DRW/H1 Series 2.2 Watt DIP24 Single & Dual Output Selection Guide Part Number DIP24 REC2.2-xx3.3SRW/H1 REC2.2-xx05SRW/H1 REC2.2-xx09SRW/H1 REC2.2-xx12SRW/H1 REC2.2-xx15SRW/H1 REC2.2-xx3.3DRW/H1 REC2.2-xx05DRW/H1 REC2.2-xx09DRW/H1 REC2.2-xx12DRW/H1 REC2.2-xx15DRW/H1 REC2.2-xx3.3SRWZ/H1 REC2.2-xx05SRWZ/H1 REC2.2-xx09SRWZ/H1 REC2.2-xx12SRWZ/H1 REC2.2-xx15SRWZ/H1 REC2.2-xx3.3DRWZ/H1 REC2.2-xx05DRWZ/H1 REC2.2-xx09DRWZ/H1 REC2.2-xx12DRWZ/H1 REC2.2-xx15DRWZ/H1 2:1 Input (REC2.2-S/DRW/H1) xx = 4.5-9Vin = 05 xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-72Vin = 48 Input Voltage (VDC) 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 4:1 Input (REC2.2-S/DRWZ/H1) xx = 9-36Vin = 24 xx = 18-72Vin = 48 Output Voltage (VDC) 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 Output Current (mA) 600 440 244 183 146 300 220 122 91 73 600 440 244 183 146 300 220 122 91 73 AB C * add suffix "/A", "/B" or "/C" for Pinning, see next page M * add suffix "/M" for metal case e.g. REC2.2-2412SRW/H1/AM = / Pinout A "A" / metal case. www.recom-international.com 24-June-2005 85 ECONOLINE DC/DC-Converter Specifications (Core Operating Area) Input Voltage Range Output Voltage Accuracy Line Regulation (HL-LL) 2:1 Input types 4:1 Input types REC2.2-S_DRW/H1 Series 2:1 & 4:1 1% max. 0.2% max. 0.2% max. 0.5% max. 50mVp-p max. 90kHz min. / 150kHz max. 120kHz min. / 180kHz max. Pi Network 84% max. 200mW typ. Output Power (%) 100 80 60 50 40 20 0 -40 0 50 100 85 105 150 Load Regulation (for output load current change from 20% to 100%) Output Ripple and Noise (0,1F capacitor on output, 20MHz BW) Switching Frequency at Full Load 2:1 Input types and nominal Input Voltage 4:1 Input types Input Filter Efficiency at Full Load No Load Power Consumption Derating-Graph (Ambient Temperature) Safe Operating Area Isolation Voltage SMD Pinout and metal case (see note1) (tested for 1 second) 1.000VDC min. Rated Working Voltage (long term isolation) see Application Notes Isolation Capacitance 2:1 Input types 20pF min. / 60pF max. 4:1 Input types 40pF min. / 80pF max. Isolation Resistance Short Circuit Protection Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Case Material Thermal Impedance Package Weight MTBF (+25C) (+85C) Natural convection MSL Level 1 1 G min. Continuous -40C to +85C (see Graph) -55C to +125C 95% RH Non-Conductive Plastic 20C/W for metal case 12 g using MIL-HDBK 217F Detailed Information see Application Notes chapter "MTBF" using MIL-HDBK 217F 1102 x 10 hours 186 x 103 hours 3 Operating Temperature C } Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1 Package A 3rd angle projection 32.00 10.20 3.81 4.60 0.51 20.30 Pin Connections 15.24 Pin # 2 3 9 11 14 16 22 2.54 Top View Single -Vin -Vin NC NC +Vout - Vout +Vin +Vin Dual -Vin -Vin Com -Vout +Vout Com +Vin +Vin Recommended Footprint Details 1.00 o+0.15/0 23 9 Bottom View 23 22 16 14 11 23 2.54 NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm 86 24-June-2005 www.recom-international.com ECONOLINE DC/DC-Converter REC2.2-S_DRW/H1 Series 20.30 10.20 3.81 Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1 Package B 32.00 3rd angle projection Pin Connections Pin # Single +Vin No Pin No Pin -Vout + Vout -Vin -Vin + Vout -Vout No Pin No Pin +Vin Dual +Vin -Vout Com Com + Vout -Vin -Vin + Vout Com Com -Vout +Vin 2.06 0.51 15.24 1 2 3 10 11 12 13 14 15 2.54 Top View Recommended Footprint Details 1.00 o+0.15/0 123 Bottom View 24 23 22 10 11 12 15 14 13 22 23 24 2.54 XX.X 0.5 mm XX.XX 0.25 mm Package C 32.00 10.20 3.81 2.06 0.51 20.30 Pin Connections Pin # 15.24 1 2 10 11 12 13 15 23 15 13 Top View Single +Vin +Vin NC NC -Vout + Vout NC -Vin -Vin Dual +Vin +Vin Com Com NC -Vout +Vout -Vin -Vin Recommended Footprint Details 1.00 o+0.15/0 12 Bottom View 24 23 10 11 12 2.54 24 2.54 NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm Mechanical drawings of DIP24 SMD case 32.00 31.40 11.20 10.90 3.81 6.35 20.30 25.40 19.90 2.54 Recommended Footprint Details Pin area 0.1 x 0.50 12345 0.50 9 10 11 12 2.54 1.54 2.03 23.40 Bottom View 24 23 22 21 20 16 15 14 13 26.67 24.64 1 Top View Tol.: 0.35 mm 11 x 2.54 27.94 length of plastic case is 31,8mm, length of metal case 32.0mm www.recom-international.com 24-June-2005 87 |
Price & Availability of REC22-4833SRWZH1
![]() |