Part Number Hot Search : 
M62003P ZMM5241 TM32F VCSP50L 2SJ46407 FR2KL FRS14 2SC460
Product Description
Full Text Search
 

To Download REC22-4833SRH1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

2.2W DIP Package 1kVDC Isolation Regulated Output UL94V-0 Package Material Continuous Short Circuit Protection Internal SMD design 100% Burned In Efficiency to 75%
ECONOLINE
DC/DC-Converter
REC2.2S_DR/H1 Series
Output Current (mA) 600 440 244 183 146
Selection Guide
Part Number DIP24 REC2.2-xx3.3SR/H1 REC2.2-xx05SR/H1 REC2.2-xx09SR/H1 REC2.2-xx12SR/H1 REC2.2-xx15SR/H1 REC2.2-xx05DR/H1 REC2.2-xx09DR/H1 REC2.2-xx12DR/H1 REC2.2-xx15DR/H1 xx = Input Voltage Input Voltage (VDC) 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 5, 12, 24, 48 Output Voltage (VDC) 3.3 5 9 12 15 5 9 12 15
2.2 Watt DIP24 Single & Dual Output
220 122 92 73
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load ) Output Ripple and Noise (at 20MHz BW) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Thermal Impedance Package Weight MTBF (+25C) (+80C) MSL Level 1 Natural convection (tested for 1 second) (long term isolation) 15% 3% typ. 0.5% max 1% max. 100mVp-p max. 75kHz min. 65% min. 200mW max. 1.000VDC min. see Application Notes 30pF typ.
Output Power (%)
100 80 60 40 30 20 0
Derating-Graph
(Ambient Temperature)
1 G min. Continuous -40C to +80C (see Graph) -50C to +125C 95% RH 20C/W for metal case 12 g 1000 x 10 hours
3
Safe Operating Area
80 Operating Temperature C
-40
0
50
100
150
}
using MIL-HDBK 217F Detailed Information see Application Notes chapter "MTBF" using MIL-HDBK 217F
150 x 103 hours 83
www.recom-international.com
April-2005
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
REC2.2-S_DR/H1 Series
3rd angle projection
24 PIN DIP Package
32.00 10.20 3.81 2.06 0.51
20.30
Pin Connections Pin # 1 2 Single +Vin No Pin No Pin -Vout + Vout -Vin -Vin + Vout -Vout No Pin No Pin +Vin Dual +Vin -Vout Com Com + Vout -Vin -Vin + Vout Com Com -Vout +Vin
15.24
3 10 11
Recommended Footprint Details
1.00 o+0.15/0
12 13 14 15 22 23 24
123 Bottom View 24 23 22
10 11 12
15 14 13 Top View
2.54
XX.X 0.5 mm XX.XX 0.25 mm
2.54
84
April-2005
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of REC22-4833SRH1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X