Part Number Hot Search : 
K2519 S1812 AN520 GBU10005 C1367 MAX970 5J310 2SK42
Product Description
Full Text Search
 

To Download RD65FV06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RD65FV
RD65FV
Rectifier Diode Target Information
Replaces November 2000, version DS5408-1.1 DS5408-2.0 October 2001
FEATURES
s s s
KEY PARAMETERS VRRM IF(AV) IFSM (max) (max) 600V 11745A 162000A
Optimised For High Current Rectifiers High Surge Capability Very Low On-state Voltage
APPLICATIONS
s s s
Electroplating Power Supplies Welding
VOLTAGE RATINGS
Part and Ordering Repetitive Peak Number Reverse Voltage VRRM V RD65FV06 RD65FV05 RD65FV04 RD65FV03 RD65FV02 RD65FV01 600 500 400 300 200 100 Conditions
VRSM = VRRM Outline type code: V (See Package Details for further information) Fig. 1 Package outline
ORDERING INFORMATION
When ordering, select the required part number shown in the Voltage Ratings selection table. For example: RD65FV04 Note: Please use the complete part number when ordering and quote this number in any future correspondance relating to your order.
1/7
www.dynexsemi.com
RD65FV
CURRENT RATINGS
Tcase = 75oC unless otherwise stated Symbol Double Side Cooled IF(AV) IF(RMS) IF Mean forward current RMS value Continuous (direct) forward current Half wave resistive load 11745 18450 16974 A A A Parameter Conditions Max. Units
Single Side Cooled (Anode side) IF(AV) IF(RMS) IF Mean forward current RMS value Continuous (direct) forward current Half wave resistive load 7632 11988 10079 A A A
Tcase = 85oC unless otherwise stated Symbol Double Side Cooled IF(AV) IF(RMS) IF Mean forward current RMS value Continuous (direct) forward current Half wave resistive load 11120 17500 16000 A A A Parameter Test Conditions Max. Units
Single Side Cooled IF(AV) IF(RMS) IF Mean forward current RMS value Continuous (direct) forward current Half wave resistive load 7200 11300 9450 A A A
2/7
www.dynexsemi.com
RD65FV
SURGE RATINGS
Symbol IFSM I2t IFSM I2t Parameter Surge (non-repetitive) forward current I2t for fusing Surge (non-repetitive) forward current I2t for fusing Test Conditions 10ms half sine, Tcase = 175C VR = 50% VRRM - 1/4 sine 10ms half sine, Tcase = 175C VR = 0 Max. 130 84.5 x 106 162 132 x 106 Units kA A2s kA A2s
THERMAL AND MECHANICAL RATINGS
Symbol Rth(j-c) Parameter Thermal resistance - junction to case Test Conditions Double side cooled Single side cooled DC Anode DC Cathode DC Rth(c-h) Thermal resistance - case to heatsink Clamping force 43.0kN Double side Min. -55 38.7 Max. 0.0075 0.015 0.015 0.002 0.004 225 200 200 47.3 Units CW CW CW CW CW C C C kN
(with mounting compound) Single side Tvj Virtual junction temperature Forward (conducting) Reverse (blocking) Tstg Fm Storage temperature range Clamping force
CHARACTERISTICS
Symbol IRM Irr QS VTO rT Parameter Peak reverse current Peak reverse recovery current Total stored charge Threshold voltage Slope resistance Test Conditions At VRRM, Tcase = 200C IF = 2000A, dIRR/dt = 3A/s, Tcase = 200C, VR = 100V At Tvj = 200C At Tvj = 200C Min. Max. 150 230 39 0.6 0.0225 Units mA A C V m
3/7
www.dynexsemi.com
RD65FV
CURVES
8000 Tj = 200C 7000
14000 12000 16000 dc 1/2 wave 3 phase 6 phase
Instantaneous forward current, IF - (A)
5000 4000 3000 2000 1000 0 0.5
Mean power dissipation - (W)
6000
10000 8000 6000 4000 2000 0
0.55 0.6 0.65 0.7 0.75 Instantaneous forward voltage, VF - (V)
0.8
0
2000
4000
6000
8000
10000
12000
14000
Mean forward current, IF(AV) - (A)
Fig. 2 Maximum (limit) forward characteristics
Fig. 3 Power dissipation
10000 IF QS
Stored charge QS - (C)
1000 Conditions: Tj = 200C VR = 100V IF = 2000A Max. IRR 100
Reverse recovery current IRR - (A)
dI/dt IRM 1000
Max. QS
100 0.1
1.0
10
10 100
Rate of decay of forward current dI/dt - (A/s)
Fig. 4 Maximum stored charge and reverse recovery current vs dI/dt
4/7
www.dynexsemi.com
RD65FV
280 I2t = I2 x t 2
Peak half sine forward current - (kA)
0.1
240
100
Anode side cooled Thermal impedance - C/W
200
80
I2t value - (A2s x 106)
0.01 Double side cooled
160
60
120
40
0.001
80
20
Conduction Effective thermal resistance Junction to case C/W Double side Anode side 0.0075 0.015 d.c. 0.0085 0.016 Halfwave 0.0092 0.0167 3 phase 120 0.0120 0.0194 6 phase 60 0.01 0.1 1.0 Time - (s) 10 100
40 1 ms 10 1 235 10 20 50 Cycles at 50Hz Duration
0.0001 0.001
Fig. 5 Surge (non-repetitive) forward current vs time (with 50% VRRM @ Tcase = 175C)
Fig. 6 Maximum (limit) transient thermal impedance
5/7
www.dynexsemi.com
RD65FV
PACKAGE DETAILS
For further package information, please visit our website or contact your nearest Customer Service Centre. All dimensions in mm, unless stated otherwise. DO NOT SCALE.
Holes O3.6 x 2.0 deep (In both electrodes)
Cathode O112.5 max O73 nom
O73 nom
Anode
Nominal weight: 1100g Clamping force: 43kN 10%
Package outine type code: V
Note: 1. Package maybe supplied with pins and/or tags.
6/7
27.0 25.4
www.dynexsemi.com
RD65FV
POWER ASSEMBLY CAPABILITY
The Power Assembly group was set up to provide a support service for those customers requiring more than the basic semiconductor, and has developed a flexible range of heatsink / clamping systems in line with advances in device types and the voltage and current capability of our semiconductors. We offer an extensive range of air and liquid cooled assemblies covering the full range of circuit designs in general use today. The Assembly group continues to offer high quality engineering support dedicated to designing new units to satisfy the growing needs of our customers. Using the up to date CAD methods our team of design and applications engineers aim to provide the Power Assembly Complete solution (PACs).
DEVICE CLAMPS
Disc devices require the correct clamping force to ensure their safe operation. The PACs range offers a varied selection of pre-loaded clamps to suit all of our manufactured devices. This include cube clamps for single side cooling of `T' 22mm Clamps are available for single or double side cooling, with high insulation versions for high voltage assemblies. Please refer to our application note on device clamping, AN4839
HEATSINKS
Power Assembly has its own proprietary range of extruded aluminium heatsinks. They have been designed to optimise the performance or our semiconductors. Data with respect to air natural, forced air and liquid cooling (with flow rates) is available on request. For further information on device clamps, heatsinks and assemblies, please contact your nearest Sales Representative or Customer Services.
http://www.dynexsemi.com e-mail: power_solutions@dynexsemi.com
HEADQUARTERS OPERATIONS DYNEX SEMICONDUCTOR LTD Doddington Road, Lincoln. Lincolnshire. LN6 3LF. United Kingdom. Tel: 00-44-(0)1522-500500 Fax: 00-44-(0)1522-500550 DYNEX POWER INC. 99 Bank Street, Suite 410, Ottawa, Ontario, Canada, K1P 6B9 Tel: 613.723.7035 Fax: 613.723.1518 Toll Free: 1.888.33.DYNEX (39639) CUSTOMER SERVICE CENTRES Mainland Europe Tel: +33 (0)1 58 04 91 00. Fax: +33 (0)1 46 38 51 33 North America Tel: (613) 723-7035. Fax: (613) 723-1518. UK, Scandinavia & Rest Of World Tel: +44 (0)1522 500500. Fax: +44 (0)1522 500020 SALES OFFICES Mainland Europe Tel: +33 (0)1 58 04 91 00. Fax: +33 (0)1 46 38 51 33 North America Tel: (613) 723-7035. Fax: (613) 723-1518. Toll Free: 1.888.33.DYNEX (39639) / Tel: (949) 733-3005. Fax: (949) 733-2986. UK, Scandinavia & Rest Of World Tel: +44 (0)1522 500500. Fax: +44 (0)1522 500020 These offices are supported by Representatives and Distributors in many countries world-wide. (c) Dynex Semiconductor 2001 Publication No. DS5408-2 Issue No. 2.0 October 2001 TECHNICAL DOCUMENTATION - NOT FOR RESALE. PRINTED IN UNITED KINGDOM
Datasheet Annotations: Dynex Semiconductor annotate datasheets in the top right hard corner of the front page, to indicate product status. The annotations are as follows:Target Information: This is the most tentative form of information and represents a very preliminary specification. No actual design work on the product has been started. Preliminary Information: The product is in design and development. The datasheet represents the product as it is understood but details may change. Advance Information: The product design is complete and final characterisation for volume production is well in hand. No Annotation: The product parameters are fixed and the product is available to datasheet specification.
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company reserves the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request. All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.
7/7
www.dynexsemi.com


▲Up To Search▲   

 
Price & Availability of RD65FV06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X