Part Number Hot Search : 
SMAB13 0GU73P M74HC BU4920G AEH30F48 SC3356 CVM60 768KH
Product Description
Full Text Search
 

To Download RD-2424D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RD and RC Series, 2 Watt, SIP7/DIP14 (Dual Output) Features

Dual Output from a Single Input Rail Power Sharing on Output 1kVDC & 2kVDC Isolation

Custom Solutions Available
UL94V-0 Package Material Efficiency to 80%
Selection Guide
Part Number SIP7 RD-XX3.3D RD-XX05D RD-XX09D RD-XX12D RD-XX15D RD-XX24D Part Number DIP14 RC-XX05D RC-XX05D RC-XX09D RC-XX12D RC-XX15D RC-XX05D 2kV (H) (H) (H) (H) (H) (H) Input Voltage (VDC) 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 Output Voltage (VDC) 3.3 5 9 12 15 24 Output Current (mA) 303 200 111 84 66 42 Efficiency (%) 70 70-75 75-81 78-83 80-84 80-85
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight 3.3V output type 5V output type 9V, 12V, 15V, 24V output types 10% Capacitor Type 5% 1,2% / 1% V Input 20% max. 15% max. 10% max. 150mVp-p max. 70% min. 1.000VDC min. (also available with 2.000VDC, Suffix H") 10 G min. 40pF min./115pF max. 1 Second 34kHz min. / 85kHz max. -40C to +85C (see Graph) -55C to +125C 2.8g
3.0 Output Power (Watts) 2.0 Safe Operating Area 1.0 0 -40 0 50 100 125 150 85 Operating Temperature C 4.0
www.recom-international.com
August 2002
EC 53
ECONOLINE - DC/DC-Converter
RD and RC Series, 2 Watt, SIP7/DIP14 (Dual Output) Package Style and Pinning (mm)
14 PIN DIP Package
1 Bottom View 7
7 PIN SIP Package
3rd angle projection
19.65 7.05
14
11
98
19.90 10.20
RC-0512D RECOM ****
RD-0505D RECOM ****
0.51 typ.
RD-0505D RECOM ****
10.00
7.62 4.10 0.51 typ.
12 456
7.10 1.27 typ. 15.24 2.0 3.05 2.0 0.25
12 456
12.70
Recommended Footprint Details
1.00 o+0.15/-0 1.00 o+0.15/-0 2.54 2.54
2.54
2.54
Pin Connections Pin # 1 2 4 5 6 7 8 9 11 14 RC -Vin No Pin No Pin No Pin No Pin NC Com +Vout -Vout +Vin RD +Vin -Vin -Vout Com +Vout No Pin No Pin No Pin No Pin No Pin XX.X 0.5 mm XX.XX 0.25 mm
EC 54
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RD-2424D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X