Part Number Hot Search : 
IRMCF3 N4728 PA035XUJ ADM211E TM9324 MAX7455 NTE1790 PC2508
Product Description
Full Text Search
 

To Download RCH-106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RCH Series Power Inductors
Dimensions(mm)
RCH-106
Specifications
Parts No. Inductance 6R3 7R5 8R8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 6.3uH 7.5uH 8.8uH 10uH 12uH 15uH 18uH 22uH 27uH 33uH 39uH 47uH 56uH 68uH 82uH 100uH 120uH 150uH 180uH 220uH 270uH 330uH 390uH 470uH DCR.(Max) Typical DCR.(Max) Typical Parts No. Inductance /Rated DC. Current (A) /Rated DC. Current (A) 560uH 1.900(1.430)/0.48 561 680uH 2.200(1.680)/0.43 681 820uH 2.600(1.930)/0.40 821 0.040(0.026)/3.60 1.0mH 3.200(2.440)/0.36 102 0.044(0.029)/3.30 1.2mH 122 0.058(0.040)/2.90 1.5mH 152 0.064(0.043)/2.70 1.8mH 182 0.088(0.060)2.40 2.2mH 222 0.100(0.069)/2.20 2.7mH 272 0.110(0.077)/2.00 3.3mH 332 0.140(0.110)/1.80 3.9mH 392 0.160(0.120)/1.70 4.7mH 472 0.190(0.130)/1.50 5.6mH 562 0.220(0.150)/1.40 6.8mH 682 0.290(0.200)/1.30 8.2mH 822 0.320(0.240)/1.30 10mH 103 0.380(0.270)/1.20 12mH 123 0.500(0.360)/1.00 15mH 153 0.560(0.420)/0.84 18mH 183 0.780(0.560)/0.76 22mH 223 0.920(0.670)/0.69 27mH 273 1.100(0.760)/0.62 33mH 333 1.300(0.940)/0.57 39mH 393 1.500(1.090)/0.52 47mH 473
Tolerance of Inductance: 10uH-27uH 20% (M); 33uH-1.0mH 10% (K) Test Frequency:L 10uH-82uH (2.52MHz); 100uH-47mH (1KHz). This indicates the value of the current when the inductance is 10%lower than it's initial value at D.C. superimposition or D.C. current when at t=40 ,whitchever is lower.(Ta=20 )


▲Up To Search▲   

 
Price & Availability of RCH-106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X