Part Number Hot Search : 
EM78P346 BEFVAA4 2N2907A TP28F001 2N3762L S16KSD2 TPC810 LT1573
Product Description
Full Text Search
 

To Download RC5506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONIC HARDWARE AG * Industriestr. 8 * CH-8618 Oetwil a/S. * Tel. +41 43 844 94 00 * Fax +41 43 844 94 01 * www.ehag.ch * info@ehag.ch
RC5501 (UHF Controller)
Data Sheet
The mobile RC550X family from smTAG is an intelligent ISM wireless UHF controller. It is ideal for high-volume two-way wireless applications, for remote control systems, for home security and alarm systems, for industrial applications such as telemetry, sensor data logging, for personal/patient data logging, barcode readers and automatic meter reading. It provides highly accurate, real-time data collection without human intervention in wireless applications like: Identification, Remote Control, Tracking and Tracing, Monitoring of Assets, Temperature, Vibration, Pressure and many more. * * * * * * RC5501: RS232 Interface RC5502: USB 2.0 RC5503: Ethernet RC5504: Bluetooth RC5505: WLAN RC5506: GSM
By integration of advanced UHF radio frequency technology from smTAG, the RC550X transmits and receives data at distances of up to 100m (300 feet) from an TM4300 and up to 40m (120 feet) from a TM2200. The highly effective anti-collision handling algorithm allows simultaneous communication with thousands of tags within the controller read zone. Because of its low power consumption, RC550X can effectively operate from the controller internal rechargeable battery pack.
Features
Benefits
* * * * *
2000 tag simultaneous identification 100 tag/sec. identification rate UHF operating frequencies Multi-tag compatibility A unique communication interface Internal Buzzer Real-Time operating system Security
Provides high-speed data collection to facilitate warehousing and inventory-based applications Provides reliable identification of fast moving objects Operates interchangeable on standard European ISM band frequencies Provides communication for the whole smTAG UHF based tag families This unique feature of the FSK-Controller family makes it easy to build a controller network and to integrate it into almost any existing IT infrastructure The internal buzzer allows early, security network independent onsite alarming Meets industrial requirements for reliability and robustness High security system with use of sha-256 algorithm & frequency
* * *
smtag international,
ELECTRONIC HARDWARE AG * Industriestr. 8 * CH-8618 Oetwil a/S. * Tel. +41 43 844 94 00 * Fax +41 43 844 94 01 * www.ehag.ch * info@ehag.ch
RC5501 (UHF Controller)
SMTAG
smTAG is a global supplier of innovative RFID Technology in the UHF band. With its unique system approach smtag provides an easy to implement set of products, which reduces the time for implementation dramatically. System integrators of industrial, medical and corporate solutions gets high quality products, which offers a max. return on investment. FSK-C product line increase efficiency and quality
Data Sheet
Specification RC550X
Compatibility Performance Data rate UID receive rate - ID only 2 Bytes @ 19'200 Baud rate UID receive rate -128 bit data packets @ 57'600 Baud rate (UID + data) Stability/Filter (Data Integrity) Communication Base Frequency Modulation Base Band Width Sensitivity Channel Frequency/Channel hopping Number of antennas Certification Micro controller Flash Memory 7 Kb 64 Bytes 256 Kb (data logging) Data RAM External EEPROM Electrical Powering 5 volts DC power supply 4 AAA batteries mounted on the inside (optional) 5 volts regulated 25 mA max. (during RF transmit operations) 1.5 mA 2 uA 868MHz (EC) or 915MHz (US) ISM Band (factory preset) FSK 67 to 405 KHz - 61 to 103 dBm 4096 per base frequency Programmable 1 EN 300 220 (EC); FCC part 15 (US) TM, TC family 2.4 to 19.2 Kbs (programmable) Up to 5'000 UID's per second Up to 1'000 UID's per second 8 or 16 bit CRC
To learn more about how the FSK-C product family can increase profitability for business, contact one of smtag's business partner
Partner Network
Partner Company Details
Voltage Power consumption Active: Idle: Stand by: Environmental Operating temperature Storage temperature Humidity Physical
-40C to +85C / -40F to +185F -40C to +85C / -40F to +185F 5% to 90% (non condensing)
Copyright (c) 2005 smtag international All rights reserved v.1.5 (10/05)
Dimensions Weight Colour Type of material
87 x 153 x 55 mm 150 grams Grey ABS
in the course of Q1/06 a PC based configuration application will be downloadable from "www.smtag.com"
smtag international


▲Up To Search▲   

 
Price & Availability of RC5506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X