Part Number Hot Search : 
BC1602 SK34E MAX6965 TFS456Y D4448 P2801 33401 FMMT4126
Product Description
Full Text Search
 

To Download RC30S10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. RC30S01G THRU RC30S10G
SILICON GPP CELL RECTIFIER
VOLTAGE: 100 TO 1000V CURRENT: 30A
FEATURES
* Glass passivated junction chip * High surge capability * Solderable electrode surfaces * Ideal for hybrids
TECHNICAL SPECIFICATION
MECHANICAL DATA
* Polarity: Bottom or upper electrode denotes cathode according to the notice in package
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Ta=55oC) (Note 2) Peak Forward Surge Current (8.3ms single half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage (at rated forward current) Maximum DC Reverse Current Ta=25oC (at rated DC blocking voltage) Ta=150 C
o
SYMBOL
VRRM VRMS VDC IF(AV) IFSM VF IR
RC30S RC30S RC30S RC30S RC30S RC30S UNITS 01G 02G 04G 06G 08G 10G 100 200 400 600 800 1000 V 70 140 280 420 560 700 V 100 200 400 600 800 1000 V
30 400 1.00 10 750 300 1 -50 to +150
o
A A V A A pF C/W o C
CJ Typical Junction Capacitance (Note 1) R(ja) Typical Thermal Resistance (Note 3) Storage and Operation Junction Temperature TSTG,TJ Note: 1. Measured at 1 MHz and applied voltage of 4.0Vdc 2. When mounted to heat sink from body. 3. Thermal resistance from junction to ambient.
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of RC30S10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X