Part Number Hot Search : 
HD74LS20 CS8305 NJM2550 EFF20C 7805A H4N12 74AC10P0 KRA301E
Product Description
Full Text Search
 

To Download RB480Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RB480Y
Diodes
Schottky barrier diode
RB480Y
Applications Low current rectification External dimensions (Unit : mm) Land size figure (Unit : mm)
1.60.1 0.220.05 0.130.05 (3)
0.5
0.45 1.55
1.20.1 1.60.1 00.1
Features 1) Ultra small mold type. (EMD4) 2) Low IR 3) High reliability.
(4)
1.0
EMD4
(1)
(2) 0.5 0.50.05
Structure
Construction Silicon epitaxial planar
0.5 1.00.1
ROHM : EMD4 JEITA : SC-75A Size dot (year week factory)
Taping specifications (Unit : mm)
4.00.1 2.00.05 1.50.1 0 1.750.1 0.30.1
3.50.05 1.650.1 5.50.2
8.00.2
1.650.1
1PIN
4.00.1
0.80.1
00.1
0.650.1
Absolute maximum ratings (Ta=25C) Parameter Reverse voltage Average rectified forward current (*1) Forward current surge peak 60Hz1cyc*1 Junction temperature Storage temperature
Symbol VR Io IFSM Tj Tstg
Limits 30 100 1 125 -40 to +125
Unit V mA A
(*1) Rating of per diode
Electrical characteristics (Ta=25C) Parameter Symbol Min. VF1 VF2 Forward voltage VF3 Reverse current IR -
Typ. -
Max. 0.38 0.43 0.53 1
Unit V V V A
Conditions IF=1mA IF=10mA IF=100mA VR=10V
Rev.B
1.650.01
1/3
RB480Y
Diodes
Electrical characteristic curves (Ta=25C)
1000 Ta=125 1000000 100 Ta=125 Ta=75 10000 1000 100 Ta=-25 10 1 0 10 20 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 30 Ta=25 f=1MH
FORWARD CURRENT:IF(mA)
REVERSE CURRENT:IR(nA)
Ta=75 10 1 0.1 0.01 0.001 0 100 200 300 400 500 600 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS Ta=25 Ta=-25
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
100
100000
10
1 0 10 20 30 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
450
1000
50
FORWARD VOLTAGE:VF(mV)
REVERSE CURRENT:IR(nA)
440 430 420 410 400
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
Ta=25 Ta=25 VF=100mA IF=100mA n=30pcs n=30pcs
900 800 700 600 500 400 300 200 100 0 AVE:100.5nA
Ta=25 VR=10V n=30pcs
40 30 20 10 AVE:28.2pF 0 Ct DISPERSION MAP
Ta=25 f=1MHz VR=0V n=10pcs
AVE:430.7mV
AVE:426.3mV :0.9486mV
VF DISPERSION MAP
IR DISPERSION MAP
20
10
10
PEAK SURGE FORWARD CURRENT:IFSM(A)
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ifsm 15
PEAK SURGE FORWARD CURRENT:IFSM(A)
1cyc 8.3ms
Ifsm 8.3ms 8.3ms 1cyc 5
Ifsm
t
10
5
5 AVE:5.60A 0 IFSM DISRESION MAP
0 1 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100
0 1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 100
10000
Mounted on epoxy board IM=10mA IF=100mA
0.3 Per chip
0.01 Per chip 0.008
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
1000
1ms
time
300us
Rth(j-a)
0.2 Sin(180) DC
REVERSE POWER DISSIPATION:PR (W)
FORWARD POWER DISSIPATION:Pf(W)
D=1/2
0.006 D=1/2 0.004 Sin(180) 0.002
DC
100
Rth(j-c)
0.1
10 0.001
0 0.1 10 TIME:t(s) Rth-t CHARACTERISTICS 1000 0 0.1 0.2 0.3 0.4 0.5 AVERAGE RECTIFIED FORWARD CURRENTIo(A) Io-Pf CHARACTERISTICS
0 0 10 20 30 REVERSE VOLTAGE:VR(V) VR-PR CHARACTERISTICS
Rev.B
2/3
RB480Y
Diodes
0.5 Per diode
AVERAGE RECTIFIDE FORWARD CURRENT:Io(A)
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
0.4 DC 0.3 D=1/2 0.2 0.1 0 0 25
0A 0V
Io t T VR D=t/T VR=15V Tj=125
0.5 Per diode 0.4 0.3 0.2 0.1 0 0 25 50 Sin(180) DC
0A 0V
Io t T VR D=t/T VR=15V Tj=125
D=1/2
Sin(180)
50
75
100
125
75
100
125
AMBIENT TEMPERATURE:Ta() Derating Curve(Io-Ta)
CASE TEMPARATURE:Tc() Derating Curve(Io-Tc)
Rev.B
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of RB480Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X