|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LESHAN RADIO COMPANY LTD. RB301S Thru RB309S FEATURES Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated chip junctions Single in-line package High current capacity with small package Superior thermal conductivity High temperature soldering guaranted: 260 /10 seconds High IFSM Maximum Ratings & Thermal Characteristics Ratings at 25 ambient temperature unless otherwise specified. Parameter Symbol Maximum repetitive voltage Maximum DC reverse current at rated DC blocking voltage TA=25 TA=125 Symbol RB301S VRM IR 100 RB302S RB304S RB306S RB308S RB309S Unit V A 200 400 10 500 3 600 800 1000 Average rectified forward current 60Hz Sine wave Resistance load with heat sink Tc=100 Peak forward surge current 8.3ms single half sinewave superimposed on rated load Maximum instantaneous forward voltage at 3A Operating junction temperature Storage temperature Io A IFSM VF TJ Tstg 80 1.0 125 -40~150 A V LESHAN RADIO COMPANY LTD. RB301S Thru RB309S Fig. 1 derating Curve Instantaneous Reverse Current Microamperes Fig.2 Typical Reverse Characteristics Average Rectified Forward Current Case Temperature Tc( ) Percent of Rated Peak Reverse Voltage% Fig.3 Forward Voltage Fig.4 Peak Surge Forward capability Forward Voltage VF V Peak Surge Forward Current IFSM(A) Forward Current IF(A) Number of Cycles at 60 Hz(cycles) |
Price & Availability of RB309S |