Part Number Hot Search : 
STK412 106K0 EMK31 BUW1215 S2072 S2072 TA0566A LPS25
Product Description
Full Text Search
 

To Download RB208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
RB200 - RB2010
Pb
2.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
! Diffused Junction ! Low Forward Voltage Drop A ! High Current Capability ! High Reliability ! High Surge Current Capability B ! Ideal for Printed Circuit Boards +~~! Recognized File # E157705 C D E ~ + G G ~
Mechanical Data
! ! ! ! ! ! ! Case: RB-20, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 1.1 grams (approx.) Mounting Position: Any Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
RB-20 Dim Min Max 8.60 9.40 A 6.90 7.40 B 27.9 -- C 25.4 -- D 0.71 0.81 E 4.60 5.60 G All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TA = 50C
Symbol VRRM VRWM VR VR(RMS) IO
RB200
RB201
RB202
RB204
RB206
RB208 RB2010
Unit
50 35
100 70
200 140
400 280 2.0
600 420
800 560
1000 700
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) Peak Reverse Current At Rated DC Blocking Voltage Operating Temperature Range Storage Temperature Range @IF = 2.0A @TA = 25C @TA = 100C
IFSM VFM IRM Tj TSTG
60 1.0 5.0 500 -55 to +125 -55 to +150
A V A C C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
RB200 - RB2010
1 of 4
(c) 2006 Won-Top Electronics
Single phase half-sine-wave 60Hz resistive or inductive load
1.5
IF, INSTANTANEOUS FORWARD CURRENT (A)
2.0
10
IF, AVERAGE FORWARD CURRENT (A)
1.0
1.0
0.1
0.5
Tj = 25C Pulse width = 300s
0 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve 150
0.01 0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
60 IFSM, PEAK FORWARD SURGE CURRENT (A)
Pulse Width 8.3 ms Single Half-Sine-Wave (JEDEC Method)
100
Tj = 25C f = 1mz
40
30
Cj, JUNCTION CAPACITANCE (pF)
1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
50
10
20
10
0
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
IR, INSTANTANEOUS REVERSE CURRENT (A)
200 100
Tj = 100C
10
1.0
Tj = 25C
0.1
0.01
120 0 40 80 160 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
RB200 - RB2010
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE RB20x
WTE RB20x x Polarity = Manufacturer's Logo = Device Number = 0, 1, 2, 4, 6, 8 or 10 = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 260 x 190 x 80 Quantity (PCS) 1,000 Carton Size L x W x H (mm) 400 x 273 x 415 Quantity (PCS) 10,000 Approx. Gross Weight (KG) 14.0
Note: 1. Paper box, white or brown color.
RB200 - RB2010
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
RB200 RB201 RB202 RB204 RB206 RB208 RB2010
1. 2.
Package Type
Round Bridge Round Bridge Round Bridge Round Bridge Round Bridge Round Bridge Round Bridge
Shipping Quantity
1000 Units/Box 1000 Units/Box 1000 Units/Box 1000 Units/Box 1000 Units/Box 1000 Units/Box 1000 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, RB200-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
RB200 - RB2010
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of RB208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X