Part Number Hot Search : 
BC1602 SK34E MAX6965 TFS456Y D4448 P2801 33401 FMMT4126
Product Description
Full Text Search
 

To Download RAFIX22FS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RAFIX 22 FS
2
General data
RAFIX 22 FS control component range * For a mounting hole diameter of 22.3 mm to IEC 60947 * Contact blocks with gold or silver contacts * Depth behind panel only 9.2 mm * Water-jet proof IP65 * 2 collar shapes * The contact blocks can be combined with other components on the same PCB. The specified data apply only if actuators/signal indicators are combined with contact blocks and lamp sockets within the same product range.
RAFIX 22 FS
Content
RAFIX 22 FS pushbutton RAFIX 22 FS pushbutton, flush lens, round collar RAFIX 22 FS pushbutton, protruding lens, round collar RAFIX 22 FS pushbutton, protruding front ring, round collar RAFIX 22 FS pushbutton, flush lens, square collar RAFIX 22 FS pushbutton, protruding lens, square collar RAFIX 22 FS pushbutton, protruding front ring RAFIX 22 FS selector switch RAFIX 22 FS selector switch, round collar RAFIX 22 FS selector switch, square collar RAFIX 22 FS keylock switch RAFIX 22 FS keylock switch, round collar RAFIX 22 FS keylock switch, square collar RAFIX 22 FS emergency stop pushbutton RAFIX 22 FS emergency stop pushbutton, non-illuminated, dupe-proof to EN 418, non-blocking RAFIX 22 FS emergency stop pushbutton, illuminated, dupe-proof to EN 418, non-blocking RAFIX 22 FS signal indicator RAFIX 22 FS signal indicator, round collar RAFIX 22 FS signal indicator, square collar RAFIX 22 FS contact block with gold contacts RAFIX 22 FS contact block with gold contacts RAFIX 22 FS contact blocks with silver contacts RAFIX 22 FS contact blocks with silver contacts RAFIX 22 FS special accessories Blanking cap Ring nut LED base for signal indicators Plastic frontring with thermoflex protective cap 2 - 168 2 - 169 2 - 170 2 - 171 2 - 172 2 - 173 2 - 174 2 - 176 2 - 177 2 - 178 2 - 180 2 - 181 2 - 182 2 - 184 2 - 185 2 - 185 2 - 186 2 - 187 2 - 187 2 - 188 2 - 189 2 - 190 2 - 191 2 - 192 2 - 192 2 - 192 2 - 193 2 - 193
Control components
Stock items are marked by bold printed order numbers.
2 - 163
RAFIX 22 FS
The new RAFIX 22 FS control component range can be combined on a common printed circuit board together with short-travel keys and other components thanks to its extremely small mounting depth of 9.2 mm.
2
The actuators and signal indicators are fastened to the front panel with a threaded ring in a 22.3 mm panel cutout to IEC 60947. The cast-on collar seal made of thermoflex and an integrated special membrane provide a water-jet proof degree of protection IP 65 to DIN.
Screw-on front ring, made of plastic or metallized
Lens transparent (illuminated) or opaque
Diffuser (for transparent lenses only)
The contact blocks are soldered onto the PCB. Illumination of the actuator is provided by a 3 mm LED inserted into the base of the contact block and soldered to the PCB together with the contact block.
Actuator with O-ring seal and special membrane. Housing with integrated cast-on collar seal, front panel thickness 1 - 3 mm Threaded ring 3 mm LED
RAFIX 22 FS
The printed circuit board is fastened to the front panel with bolts, with the contact blocks sliding almost completely into the actuators. In this way an extremely low profile is achieved. Additional advantages: Individual wiring is made unnecessary and there is no more need for a cut-out in the PCB in the control component areas.
Contact block (optionally with LED installed): * 1NC, 1 NO, 2 NC, 1 NC + 1 NO, 2 NO (colour-coded plungers: NC = red, NO = green) * Gold contacts for 42 V max. (grey housing) or silver contacts for max. 250 V (black housing) * Locating pip for correct assembly Printed circuit board
9,2 mm
2 - 164
Control Components
RAFIX 22 FS
Combined with short-travel keys
The actuators of the RAFIX 22FS system are suited for integration into low-profile data entry systems. The small mounting depth and the PCB solder terminals make it possible to combine the contact blocks with Rafi short-travel keys RACON 8 an 12, RF 15 and RF 19 as well as KN 19 on one and the same printed circuit board.
Illumination
RAFIX 22 FS pushbuttons, selector switches and emergency stop buttons are also available as illuminated versions. For illumination, we recommend to use the superbright 3 mm LEDs in the colour matching the lens. The LEDs are fitted into the contact block and soldered together with it. The signal indicators are als illuminated with superbright LEDs soldered directly onto the printed circuit board. In order to ensure full illumination, the LED must be mounted on a base. Bases are available as accessories.
2
Sealed against moisture and dirt
O-ring seal The O-ring seals the space between the lens and the actuator. The cast-on collar seal cannot be lost or distorted during assembly. During assembly, the actuator is held in the mounting hole by the cast-on seal and can then be fixed by screwing from the rear. Cast-on collar seal
RAFIX 22 FS
Special sealing
The special membrane seal safely prevents moisture, oil or dust from reaching the contact block. In contrast with seals sliding up and down along the shaft, the special membrane seal is arranged in a fixed position on the housing. In this way, RAFIX 22 FS guarentees switching raliability for the full service life (degree of protection IP65 to DIN).
Control Components
2 - 165
RAFIX 22 FS
Numerous design options for individual panels
RAFIX 22 FS is available with many options. Various lens and frontring combinations offer nearly unlimited design options for your panels. RAFIX 22 FS ist available both with a round or a square collar. The square version can be arranged one collar to the next just as an integral keypad.
2
min. 30.00
Panel cut-out to IEC 60947 All actuators are provided with a locating pip. With a grid spacing of 30 mm, the collars of the square actuators are arranged next to each other without a space in between. We recommend to use this grid spacing also for the round collar shapes (IEC 60947). Assembly indication The mismatch of actuators and contact blocks must be in a range of o 0.2 mm.
RAFIX 22 FS
Hole patterns PCB, view on component side
Actuator position
min. 30.00
NO contacts (on version with 2 NC's, NC contacts)
Locating pip 2*
Locating pip 1* LED cathode
LED anode
NC contacts (on version with 2 NO's, NO contacts)
* For better distinction the locating pip 2 has a bigger diameter than pip 1. In order to ease the mounting, the positions are additionally marked on the upper side of the housing.
2 - 166
Control Components
RAFIX 22 FS
Installation drawing
Front panel top edge
Front panel
Spacer Printed circuit board PCB top edge Captive nut
2
RAFIX 22 FS emergency stop
RAFIX 22 FS pushbutton
RF 19 short-travel key
Stud
RAFIX 22 FS
Control Components
2 - 167
RAFIX 22 FS
RAFIX 22 FS pushbuttons
Pict.: green/silver
silver/blue
panel cut-out acc. to IEC 60947-5-1
2
Technical data
General information Form of lens Colour of lens Colout of front ring Form of collar Dimensions Length of collar Width of collar Overall height Mounting depth Mounting hole Key grid Diameter of collar Mechanical design Mounting Contact function Illuminability see order block see order block see order block see order block see order block see order block see order block 9.2 mm 22.3 mm 30 x 30 mm see order block ring nut see order block yes Mechanical characteristics Operating travel Robustness min. Other specifications Ambient temp. operating min. Ambient temp. operating max. Storage temperature min. Storage temperature max. Operating life Degree of protection from front side Resistance to constant environment Resistance at variable environment 4 mm 100 N
-25 C +70 C -40 C +80 C 1 million momentary/ 0,5 million latching IP65 IEC 60068-2-3 and 2-30 IEC 60068-2-14 and 2-33
RAFIX 22 FS
Accessories RAFIX 22 FS pushbuttons
Description Photo Order no. Page
RAFIX 22 FS universal contact block, 1 NC + 1 NO, gold contacts RAFIX 22 FS universal contact block, silver contacts, 1 NO Fixing spanner for ring nut and front ring
1.20.126.003/0000 2 - 189 1.20.126.202/0000 2 - 191 5.05.800.062/0000 5 - 25
For additional accessories, refer to the chapter Special accessories".
2 - 168
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
RAFIX 22 FS pushbutton, flush lens, round collar
Pict.: green/silver grey
panel cut-out acc. to IEC 60947-5-1
Illuminability Colour of lens
Order no. momentary Plastic front ring Metallized front ring
Order no. latching Plastic front ring Metallized front ring
yes yes yes yes yes no no no no no no no
transparent white transparent red transparent yellow transparent green transparent blue opaque black opaque white opaque red opaque yellow opaque green opaque blue opaque slate-grey
1.30.250.001/10xx 1.30.250.001/13xx 1.30.250.001/14xx 1.30.250.001/15xx 1.30.250.001/16xx 1.30.250.101/01xx 1.30.250.101/02xx 1.30.250.101/03xx 1.30.250.101/04xx 1.30.250.101/05xx 1.30.250.101/06xx 1.30.250.101/07xx
1.30.250.021/1000 1.30.250.021/1300 1.30.250.021/1400 1.30.250.021/1500 1.30.250.021/1600 1.30.250.121/0100 1.30.250.121/0200 1.30.250.121/0300 1.30.250.121/0400 1.30.250.121/0500 1.30.250.121/0600 1.30.250.121/0700
1.30.250.011/10xx 1.30.250.011/13xx 1.30.250.011/14xx 1.30.250.011/15xx 1.30.250.011/16xx 1.30.250.111/01xx 1.30.250.111/02xx 1.30.250.111/03xx 1.30.250.111/04xx 1.30.250.111/05xx 1.30.250.111/06xx 1.30.250.111/07xx
1.30.250.031/1000 1.30.250.031/1300 1.30.250.031/1400 1.30.250.031/1500 1.30.250.031/1600 1.30.250.131/0100 1.30.250.131/0200 1.30.250.131/0300 1.30.250.131/0400 1.30.250.131/0500 1.30.250.131/0600 1.30.250.131/0700
RAFIX 22 FS
2
Technical data see page 2 - 168 Accessories: Plastic frontring black with protection cap: 5.05.004.986/0100 Plastic frontring red with protection cap: 5.05.004.986/0300 Plastic frontring yellow with protection cap: 5.05.004.986/0400 Plastic frontring green with protection cap: 5.05.004.986/0500 Plastic frontring blue with protection cap: 5.05.004.986/0600 Plastic frontring slate grey with protection cap: 5.05.004.986/0700 Plastic frontring silver grey with protection cap: 5.05.004.986/0800 Legend insert without legend: 5.70.800.000/2000 xx = Front ring colour: black = 01, red = 03, yellow = 04, green = 05, blue = 06, slate grey = 07, silver grey = 08 Order numbers 1.30.250.001/--08 and 1.30.250.011/--08 (with silver grey plastic front ring) are stock items.
Control components
Stock items are marked by bold printed order numbers.
2 - 169
RAFIX 22 FS
RAFIX 22 FS pushbutton, protruding lens, round collar
Pict.: black/metallized
panel cut-out acc. to IEC 60947-5-1
Illuminability Colour of lens
Order no. momentary Plastic front ring Metallized front ring
Order no. latching Plastic front ring Metallized front ring
yes
transparent white transparent red transparent yellow transparent green transparent blue opaque black opaque white opaque red opaque yellow opaque green opaque blue opaque slate-grey
1.30.250.201/10xx 1.30.250.201/13xx 1.30.250.201/14xx 1.30.250.201/15xx 1.30.250.201/16xx 1.30.250.301/01xx 1.30.250.301/02xx 1.30.250.301/03xx 1.30.250.301/04xx 1.30.250.301/05xx 1.30.250.301/06xx 1.30.250.301/07xx
1.30.250.221/1000 1.30.250.221/1300 1.30.250.221/1400 1.30.250.221/1500 1.30.250.221/1600 1.30.250.321/0100 1.30.250.321/0200 1.30.250.321/0300 1.30.250.321/0400 1.30.250.321/0500 1.30.250.321/0600 1.30.250.321/0700
1.30.250.211/10xx 1.30.250.211/13xx 1.30.250.211/14xx 1.30.250.211/15xx 1.30.250.211/16xx 1.30.250.311/01xx 1.30.250.311/02xx 1.30.250.311/03xx 1.30.250.311/04xx 1.30.250.311/05xx 1.30.250.311/06xx 1.30.250.311/07xx
1.30.250.231/1000 1.30.250.231/1300 1.30.250.231/1400 1.30.250.231/1500 1.30.250.231/1600 1.30.250.331/0100 1.30.250.331/0200 1.30.250.331/0300 1.30.250.331/0400 1.30.250.331/0500 1.30.250.331/0600 1.30.250.331/0700
2
yes yes yes yes no no no
RAFIX 22 FS
no no no no
Technical data see page 2 - 168 Accessories: Legend insert without legend: 5.70.802.000/2000 xx = Front ring colour: black = 01, red = 03, yellow = 04, green = 05, blue = 06, slate grey = 07, silver grey = 08 Order numbers 1.30.250.201/--08 and 1.30.250.211/--08 (with silver grey plastic front ring) are stock items.
2 - 170
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
RAFIX 22 FS pushbutton, protruding front ring, round collar
Pict.: white/slate grey
panel cut-out acc. to IEC 60947-5-1
Illuminability Colour of lens
Order no. momentary Plastic front ring Metallized front ring
Order no. latching Plastic front ring Metallized front ring
yes yes yes yes yes no no no no no no no
transparent white transparent red transparent yellow transparent green transparent blue opaque black opaque white opaque red opaque yellow opaque green opaque blue opaque slate-grey
1.30.250.401/10xx 1.30.250.401/13xx 1.30.250.401/14xx 1.30.250.401/15xx 1.30.250.401/16xx 1.30.250.501/01xx 1.30.250.501/02xx 1.30.250.501/03xx 1.30.250.501/04xx 1.30.250.501/05xx 1.30.250.501/06xx 1.30.250.501/07xx
1.30.250.421/1000 1.30.250.421/1300 1.30.250.421/1400 1.30.250.421/1500 1.30.250.421/1600 1.30.250.521/0100 1.30.250.521/0200 1.30.250.521/0300 1.30.250.521/0400 1.30.250.521/0500 1.30.250.521/0600 1.30.250.521/0700
RAFIX 22 FS
2
Technical data see page 2 - 168 Accessories: Legend insert without legend: 5.70.800.000/2000 xx = Front ring colour: black = 01, red = 03, yellow = 04, green = 05, blue = 06, slate grey = 07, silver grey = 08
Control components
Stock items are marked by bold printed order numbers.
2 - 171
RAFIX 22 FS
RAFIX 22 FS pushbutton, flush lens, square collar
Pict.: blue/silver grey
panel cut-out acc. to IEC 60947-5-1
Illuminability Colour of lens
Order no. momentary Plastic front ring Metallized front ring
Order no. latching Plastic front ring Metallized front ring
yes
transparent white transparent red transparent yellow transparent green transparent blue opaque black opaque white opaque red opaque yellow opaque green opaque blue opaque slate-grey
1.30.250.051/10xx 1.30.250.051/13xx 1.30.250.051/14xx 1.30.250.051/15xx 1.30.250.051/16xx 1.30.250.151/01xx 1.30.250.151/02xx 1.30.250.151/03xx 1.30.250.151/04xx 1.30.250.151/05xx 1.30.250.151/06xx 1.30.250.151/07xx
1.30.250.071/1000 1.30.250.071/1300 1.30.250.071/1400 1.30.250.071/1500 1.30.250.071/1600 1.30.250.171/0100 1.30.250.171/0200 1.30.250.171/0300 1.30.250.171/0400 1.30.250.171/0500 1.30.250.171/0600 1.30.250.171/0700
1.30.250.061/10xx 1.30.250.061/13xx 1.30.250.061/14xx 1.30.250.061/15xx 1.30.250.061/16xx 1.30.250.161/01xx 1.30.250.161/02xx 1.30.250.161/03xx 1.30.250.161/04xx 1.30.250.161/05xx 1.30.250.161/06xx 1.30.250.161/07xx
1.30.250.081/1000 1.30.250.081/1300 1.30.250.081/1400 1.30.250.081/1500 1.30.250.081/1600 1.30.250.181/0100 1.30.250.181/0200 1.30.250.181/0300 1.30.250.181/0400 1.30.250.181/0500 1.30.250.181/0600 1.30.250.181/0700
2
yes yes yes yes no no no
RAFIX 22 FS
no no no no
Technical data see page 2 - 168 Accessories: Plastic frontring black with protection cap: 5.05.004.986/0100 Plastic frontring red with protection cap: 5.05.004.986/0300 Plastic frontring yellow with protection cap: 5.05.004.986/0400 Plastic frontring green with protection cap: 5.05.004.986/0500 Plastic frontring blue with protection cap: 5.05.004.986/0600 Plastic frontring slate grey with protection cap: 5.05.004.986/0700 Plastic frontring silver grey with protection cap: 5.05.004.986/0800 Legend insert without legend: 5.70.800.000/2000 xx = Front ring colour: black = 01, red = 03, yellow = 04, green = 05, blue = 06, slate grey = 07, silver grey = 08 Order numbers 1.30.250.051/--08 and 1.30.250.061/--08 (with silver grey plastic front ring) are stock items.
2 - 172
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
RAFIX 22 FS pushbutton, protruding lens, square collar
Pict.: white/blue
panel cut-out acc. to IEC 60947-5-1
Illuminability Colour of lens
Order no. momentary Plastic front ring Metallized front ring
Order no. latching Plastic front ring Metallized front ring
yes yes yes yes yes no no no no no no no
transparent white transparent red transparent yellow transparent green transparent blue opaque black opaque white opaque red opaque yellow opaque green opaque blue opaque slate-grey
1.30.250.251/10xx 1.30.250.251/13xx 1.30.250.251/14xx 1.30.250.251/15xx 1.30.250.251/16xx 1.30.250.351/01xx 1.30.250.351/02xx 1.30.250.351/03xx 1.30.250.351/04xx 1.30.250.351/05xx 1.30.250.351/06xx 1.30.250.351/07xx
1.30.250.271/1000 1.30.250.271/1300 1.30.250.271/1400 1.30.250.271/1500 1.30.250.271/1600 1.30.250.371/0100 1.30.250.371/0200 1.30.250.371/0300 1.30.250.371/0400 1.30.250.371/0500 1.30.250.371/0600 1.30.250.371/0700
1.30.250.261/10xx 1.30.250.261/13xx 1.30.250.261/14xx 1.30.250.261/15xx 1.30.250.261/16xx 1.30.250.361/01xx 1.30.250.361/02xx 1.30.250.361/03xx 1.30.250.361/04xx 1.30.250.361/05xx 1.30.250.361/06xx 1.30.250.361/07xx
1.30.250.281/1000 1.30.250.281/1300 1.30.250.281/1400 1.30.250.281/1500 1.30.250.281/1600 1.30.250.381/0100 1.30.250.381/0200 1.30.250.381/0300 1.30.250.381/0400 1.30.250.381/0500 1.30.250.381/0600 1.30.250.381/0700
RAFIX 22 FS
2
Technical data see page 2 - 168 Accessories: Legend insert without legend: 5.70.802.000/2000 xx = Front ring colour: black = 01, red = 03, yellow = 04, green = 05, blue = 06, slate grey = 07, silver grey = 08 Order numbers 1.30.250.251/--08 and 1.30.250.261/--08 (with silver grey plastic front ring) are stock items.
Control components
Stock items are marked by bold printed order numbers.
2 - 173
RAFIX 22 FS
RAFIX 22 FS pushbutton, protruding front ring
Pict.: green/metallized
panel cut-out acc. to IEC 60947-5-1
Illuminability Colour of lens
Order no. momentary Plastic front ring Metallized front ring
Order no. latching Plastic front ring Metallized front ring
yes
transparent white transparent red transparent yellow transparent green transparent blue opaque black opaque white opaque red opaque yellow opaque green opaque blue opaque slate-grey
1.30.250.451/10xx 1.30.250.451/13xx 1.30.250.451/14xx 1.30.250.451/15xx 1.30.250.451/16xx 1.30.250.551/01xx 1.30.250.551/02xx 1.30.250.551/03xx 1.30.250.551/04xx 1.30.250.551/05xx 1.30.250.551/06xx 1.30.250.551/07xx
1.30.250.471/1000 1.30.250.471/1300 1.30.250.471/1400 1.30.250.471/1500 1.30.250.471/1600 1.30.250.571/0100 1.30.250.571/0200 1.30.250.571/0300 1.30.250.571/0400 1.30.250.571/0500 1.30.250.571/0600 1.30.250.571/0700
2
yes yes yes yes no no no
RAFIX 22 FS
no no no no
Technical data see page 2 - 168 Accessories: Legend insert without legend: 5.70.800.000/2000 xx = Front ring colour: black = 01, red = 03, yellow = 04, green = 05, blue = 06, slate grey = 07, silver grey = 08
2 - 174
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
RAFIX 22 FS selector switches
Pict.: Front ring, silver grey, illuminated
non-illuminated
Einbauoffung nach IEC 60947-5-1
2
General data
The illuminated selector switches are provided with translucent handle markings. These are opaque on the nonilluminated versions.
Technical data
General information Form of lens Colour of lens Colout of front ring Form of collar
RAFIX 22 FS
handle translucent/opaque white see order block see order block see order block see order block 22.24 mm 9.2 mm 22.3 mm 30 x 30 mm see order block ring nut see order block yes see order block
Mechanical characteristics Torque max. Other specifications Operating life Degree of protection from front side Ambient temp. operating min. Ambient temp. operating max. Storage temperature min. Storage temperature max. Resistance to constant environment Resistance at variable environment
1.5 Nm 0.5 million momentary / 0.5 million latching IP65 -25 C +70 C -40 C +80 C IEC 600 68-2-3 and 2-30 IEC 600 68-2-14 and 2-33
Dimensions Length of collar Width of collar Overall height Mounting depth Mounting hole Key grid Diameter of collar Mechanical design Mounting Contact function Illuminability Rotating angle
Accessories RAFIX 22 FS selector switches
Description Photo Order no. Page
RAFIX 22 FS universal contact block, 1 NO RAFIX 22 FS universal contact block, silver contacts, 1 NC
1.20.126.002/0000 2 - 189 1.20.126.201/0000 2 - 191
For additional accessories, refer to the chapter Special accessories".
2 - 176
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
RAFIX 22 FS selector switch, round collar
Pict.: Front ring, silver grey, illuminated
Einbauoffung nach IEC 60947-5-1
Illuminability Contact function
Rotating angle
Drehwinkel Plastic front ring
Order no. Metal front ring
yes yes yes yes yes yes yes no no no no no no no
momentary momentary latching 1 x 90 and momentary 1 x 40 latching latching latching latching momentary momentary latching 1 x 90 and momentary 1 x 40 latching latching latching latching
1 x 40 2 x 40 1 x 90 and 1 x 40 1 x 90, form L 1 x 90, form V 2 x 60 2 x 90 1 x 40 2 x 40 1 x 90 and 1 x 40 1 x 90, form L 1 x 90, form V 2 x 60 2 x 90
1O + 1S 1O + 1S 1O + 1S
2 0
1.30.252.001/22xx 1.30.252.026/22xx 1.30.252.426/22xx 1.30.252.101/22xx 1.30.252.201/22xx 1.30.252.301/22xx 1.30.252.126/22xx 1.30.252.501/02xx 1.30.252.526/02xx 1.30.252.926/02xx 1.30.252.601/02xx 1.30.252.701/02xx 1.30.252.801/02xx 1.30.252.626/02xx
1.30.252.002/2200 1.30.252.027/2200 1.30.252.427/2200 1.30.252.102/2200 1.30.252.202/2200 1.30.252.302/2200 1.30.252.127/2200 1.30.252.502/0200 1.30.252.527/0200 1.30.252.927/0200 1.30.252.602/0200 1.30.252.702/0200 1.30.252.802/0200 1.30.252.627/0200
RAFIX 22 FS
2
1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S
2 0
1O + 1S 1O + 1S 1O + 1S 1O + 1S
Technical data see page 2 - 176 xx = Front ring colour: black = 01, red = 03, yellow = 04, green = 05, blue = 06, slate grey = 07, silver grey = 08 Other handle marking colours available on request. The following selector switches with silver grey plastic front ring are stock items: Illuminated: 1.30.242.001/2208, 1.30.242.026/2208, 1.30.242.101/2208, 1.30.242.201/2208, 1.30.242.301/2208 Non-illuminated: 1.30.242.501/0208, 1.30.242.526/0208, 1.30.242.601/0208, 1.30.242.701/0208, 1.30.242.801/0208
Control components
Stock items are marked by bold printed order numbers.
2 - 177
RAFIX 22 FS
RAFIX 22 FS selector switch, square collar
Pict.: Front ring, metallized, illuminated
Einbauoffung nach IEC 60947-5-1
Illuminability Contact function
Rotating angle
Drehwinkel Plastic front ring
Order no. Metal front ring
yes
momentary momentary latching 1 x 90 and momentary 1 x 40 latching latching latching latching momentary momentary latching 1 x 90 and momentary 1 x 40 latching latching latching latching
1 x 40 2 x 40 1 x 90 and 1 x 40 1 x 90, form L 1 x 90, form V 2 x 60 2 x 90 1 x 40 2 x 40 1 x 90 and 1 x 40 1 x 90, form L 1 x 90, form V 2 x 60 2 x 90
1O + 1S 1O + 1S 1O + 1S
2 0
1.30.252.051/22xx 1.30.252.076/22xx 1.30.252.476/22xx 1.30.252.151/22xx 1.30.252.251/22xx 1.30.252.351/22xx 1.30.252.176/22xx 1.30.252.551/02xx 1.30.252.576/02xx 1.30.252.976/02xx 1.30.252.651/02xx 1.30.252.751/02xx 1.30.252.851/02xx 1.30.252.676/02xx
1.30.252.052/2200 1.30.252.077/2200 1.30.252.477/2200 1.30.252.152/2200 1.30.252.252/2200 1.30.252.352/2200 1.30.252.177/2200 1.30.252.552/0200 1.30.252.577/0200 1.30.252.977/0200 1.30.252.652/0200 1.30.252.752/0200 1.30.252.852/0200 1.30.252.677/0200
2
yes yes yes yes yes yes no
1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S
2 0
RAFIX 22 FS
no no no no no no
1O + 1S 1O + 1S 1O + 1S 1O + 1S
Technical data see page 2 - 176 xx = Front ring colour: black = 01, red = 03, yellow = 04, green = 05, blue = 06, slate grey = 07, silver grey = 08 Other handle marking colours available on request. The following selector switches with silver grey plastic front ring are stock items: Illuminated: 1.30.252.051/2205, 1.30.252.076/2208, 1.30.252.151/2208, 1.30.252.251/2208, 1.30.252.351/2208 Non-illuminated: 1.30.252.551/0208, 1.30.252.576/0208, 1.30.252.651/0208, 1.30.252.751/0208, 1.30.252.851/0208
2 - 178
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
RAFIX 22 FS keylock switch
Pict.: blue
red
Einbauoffung nach IEC 60947-5-1
2
Technical data
General information Colout of front ring Form of collar Dimensions Length of collar Width of collar Overall height Mounting depth Mounting hole Key grid Diameter of collar see order block see order block see order block see order block 44.1 mm 9.2 mm 22.3 mm 30 x 30 mm see order block ring nut see order block Micromec 5 no 001 500 no no see order block see order block Mechanical characteristics Torque max. Other specifications Operating life Degree of protection from front side Ambient temp. operating min. Ambient temp. operating max. Storage temperature min. Storage temperature max. Resistance to constant environment Resistance at variable environment ESD-strength lock / contact ESD-strength key/ front panel 1.3 Nm 0.3 Mio. tastend/ 50000 rastend IP65 -25 C +70 C -40 C +80 C IEC 600 68-2-3 and 2-30 IEC 600 68-2-14 and 2-33 15 kV 15 kV
RAFIX 22 FS
Mechanical design Mounting Contact function Lock Wafers Illuminability Lock type Number of locking positions Main key Symmetric key Rotating angle Key removal position
Accessories RAFIX 22 FS keylock switch
Description Photo Order no. Page
RAFIX 22 FS universal contact block, 1 NC RAFIX 22 FS universal contact block, silver contacts, 1 NC, 1 NO Fixing spanner for ring nut and front ring
1.20.126.001/0000 2 - 189 1.20.126.203/0000 2 - 191 5.05.800.062/0000 5 - 25
For additional accessories, refer to the chapter Special accessories".
2 - 180
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
RAFIX 22 FS keylock switch, round collar
Pict.: blue
Einbauoffung nach IEC 60947-5-1
Contact function
Rotating angle
Key removal position
Drehwinkel Plastic front ring
Order no. Metal front ring
momentary momentary latching 1 x 90 and momentary 1 x 40 latching 1 x 90 and momentary 1 x 40 latching 1 x 90 and momentary 1 x 40 latching latching latching latching latching latching latching latching latching latching
1 x 40 2 x 40 1 x 90 and 1 x 40 1 x 90 and 1 x 40 1 x 90 and 1 x 40 1 x 90, form L
0 0 0 0+2 2 0
1O + 1S 1O + 1S 1O + 1S
2 0
1.30.255.001/xxxx 1.30.255.101/xxxx 1.30.255.501/xxxx 1.30.255.521/xxxx 1.30.255.511/xxxx 1.30.255.201/xxxx 1.30.255.221/xxxx 1.30.255.211/xxxx 1.30.255.301/xxxx 1.30.255.321/xxxx 1.30.255.311/xxxx 1.30.255.401/xxxx 1.30.255.411/xxxx 1.30.255.431/xxxx 1.30.255.421/xxxx
1.30.255.002/0000 1.30.255.102/0000 1.30.255.502/0000 1.30.255.522/0000 1.30.255.512/0000 1.30.255.202/0000 1.30.255.222/0000 1.30.255.212/0000 1.30.255.302/0000 1.30.255.322/0000 1.30.255.312/0000 1.30.255.402/0000 1.30.255.412/0000 1.30.255.432/0000 1.30.255.422/0000
RAFIX 22 FS
2
1O + 1S
2
0
1O + 1S
2
0
1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S
1 x 90, form L 0+1 1 x 90, form L 1 1 x 90, form V 0 1 x 90, form V 0+1 1 x 90, form V 1 2 x 90 2 x 90 2 x 90 2 x 90 0 0+1 0+1+2 0+2
Technical data see page 2 - 180 xxxx = Front ring colour: black = 0100, red = 0300, yellow = 0400, green = 0500, blue = 0600, slate grey = 0700, silver grey = 0800 Other lock variants available on request. Included: 2 keys. The following keylock switches with silver grey plastic front ring are stock items: 1.30.255.001/0800, 1.30.255.201/0800, 1.30.255.221/0800, 1.30.255.301/0800, 1.30.255.321/0800, 1.30.255.431/0800
Control components
Stock items are marked by bold printed order numbers.
2 - 181
RAFIX 22 FS
RAFIX 22 FS keylock switch, square collar
Pict.: red
Einbauoffung nach IEC 60947-5-1
Contact function
Rotating angle
Key removal position
Drehwinkel Plastic front ring
Order no. Metal front ring
momentary
1 x 40 2 x 40 1 x 90 and 1 x 40 1 x 90 and 1 x 40 1 x 90 and 1 x 40 1 x 90, form L
0 0 0 0+2 2 0
1O + 1S 1O + 1S 1O + 1S
2 0
1.30.255.051/xxxx 1.30.255.151/xxxx 1.30.255.551/xxxx 1.30.255.571/xxxx 1.30.255.561/xxxx 1.30.255.251/xxxx 1.30.255.271/xxxx 1.30.255.261/xxxx 1.30.255.351/xxxx 1.30.255.371/xxxx 1.30.255.361/xxxx 1.30.255.451/xxxx 1.30.255.461/xxxx 1.30.255.481/xxxx 1.30.255.471/xxxx
1.30.255.052/0000 1.30.255.152/0000 1.30.255.552/0000 1.30.255.572/0000 1.30.255.562/0000 1.30.255.252/0000 1.30.255.272/0000 1.30.255.262/0000 1.30.255.352/0000 1.30.255.372/0000 1.30.255.362/0000 1.30.255.452/0000 1.30.255.462/0000 1.30.255.482/0000 1.30.255.472/0000
2
momentary latching 1 x 90 and momentary 1 x 40 latching 1 x 90 and momentary 1 x 40 latching 1 x 90 and momentary 1 x 40 latching latching latching
1O + 1S
2
0
1O + 1S
2
0
1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S 1O + 1S
1 x 90, form L 0+1 1 x 90, form L 1 1 x 90, form V 0 1 x 90, form V 0+1 1 x 90, form V 1 2 x 90 2 x 90 2 x 90 2 x 90 0 0+1 0+1+2 0+2
RAFIX 22 FS
latching latching latching latching latching latching latching
Technical data see page 2 - 180 xxxx = Front ring colour: black = 0100, red = 0300, yellow = 0400, green = 0500, blue = 0600, slate grey = 0700, silver grey = 0800 Other lock variants available on request. Included: 2 keys. The following keylock switches with silver grey plastic front ring are stock items: 1.30.255.051/0800, 1.30.255.251/0800, 1.30.255.271/0800, 1.30.255.351/0800, 1.30.255.371/0800, 1.30.255.481/0800
2 - 182
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
RAFIX 22 FS emergency stop pushbutton
Pict.: red
panel cut-out acc. to IEC 60947-5-1
2
General data
The emergency stop pushbuttons comply with IEC 60 204, IEC 60 073, IEC 60 947 and VDE 0113 Part 1. They are designed dupe-proof according to EN 418 with a positive mechanical movement sequence. A certain operating force must be exerted at the action point in order to prevent inadvertent operation. The pushbutton latches when pressed and is reset by turning it in a clockwise direction. The special shape of the actuator prevents the emergency stop pushbutton from being blocked. This means that the emergency stop process - once initiated - cannot be impeded by any jamming objects. Only use contact block 1.20.126.4xx.
Technical data
RAFIX 22 FS
General information Form of lens Colour of lens Form of collar Dimensions Mushroom Diameter Overall height Mounting depth Mounting hole Key grid Diameter of collar Mechanical design Mounting Contact function Illuminability Mechanical characteristics Robustness min.
conical mushroom form red round 30 mm 33.2 mm 9.2 mm 22.3 mm 30 x 30 mm 29.8 mm ring nut latching see order block 100 N
Other specifications Ambient temp. operating min. Ambient temp. operating max. Approvals acc. to IEC Approvals, other Robustness Operating life Degree of protection from front side Storage temperature min. Storage temperature max. Resistance to constant environment Resistance at variable environment
-25 C +70 C 60947-5-x, 60204, 60073, 601058 UL 508, CSA, cURuS (UL + CSA) acc. IEC 600 68-2-3 and 2-30 50000 IP65 -40 C +80 C IEC 600 68-2-3 and 2-30 IEC 600 68-2-14 and 2-33
Accessories RAFIX 22 FS emergency stop pushbutton
Description Photo Order no. Page
RAFIX 22 FS emergency stop contact block, 1 NC, gold contacts RAFIX 22 FS emergency stop contact block, 2 NC, gold contacts
1.20.126.401/0000 2 - 189 1.20.126.404/0000 2 - 189
2 - 184
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
Accessories RAFIX 22 FS emergency stop pushbutton
Description Photo Order no. Page
RAFIX 22 FS emergency stop contact block, silver contacts, 1 NC Fixing spanner for ring nut and front ring Emergency stop label, yellow, round 60 mm, PVC adhesive, without legend Emergency stop label, yellow, round 60 mm, PVC adhesive, with legend "NOT-AUS" Emergency stop label, yellow, round 60 mm, PVC adhesive, with legend "ARRET D'URGENCE" Emergency stop label, yellow, round 60 mm, PVC adhesive, with legend "EMERGENCY-STOP" Emergency stop label, yellow 36 x 64 mm, PVC adhesive, without legend
1.20.126.601/0000 2 - 191 5.05.800.062/0000 5 - 25 5.76.204.100/0400 2 - 161 5.76.204.101/0400 2 - 161 5.76.204.102/0400 2 - 161 5.76.204.103/0400 2 - 161 5.76.205.011/0400 2 - 161
2
RAFIX 22 FS emergency stop pushbutton, non-illuminated, dupe-proof to EN 418, non-blocking
RAFIX 22 FS
Pict.: red
panel cut-out acc. to IEC 60947-5-1
Illuminability
Approvals acc. to IEC
Order no. complete
no
Technical data see page 2 - 184
60947-5-x, 60204, 60073, 601058
1.30.253.501/0300
RAFIX 22 FS emergency stop pushbutton, illuminated, dupe-proof to EN 418, non-blocking
Pict.: red
panel cut-out acc. to IEC 60947-5-1
Illuminability
Approvals acc. to IEC
Order no. complete
yes
Technical data see page 2 - 184
60947-5-x, 60204, 60073, 601058
1.30.253.001/0300
Control components
Stock items are marked by bold printed order numbers.
2 - 185
RAFIX 22 FS
RAFIX 22 FS signal indicator
Pict.: yellow
panel cut-out acc. to IEC 60947-5-1
2
Technical data
General information Form of lens Colour of lens Form of collar Dimensions Length of collar Width of collar Overall height Mounting depth Mounting hole Key grid Diameter of collar flat lens see order block see order block see order block see order block 9.7 mm 9.2 mm 22.3 mm 30 x 30 mm see order block ring nut yes Mechanical characteristics Robustness min. Other specifications Degree of protection from front side Ambient temp. operating min. Ambient temp. operating max. Storage temperature min. Storage temperature max. Resistance to constant environment Resistance at variable environment 100 N
IP65 -25 C +70 C -40 C +80 C IEC 600 68-2-3 and 2-30 IEC 600 68-2-14 and 2-33
RAFIX 22 FS
Mechanical design Mounting Illuminability
Accessories RAFIX 22 FS signal indicator
Description Photo Order no. Page
3 mm LED superbright red Fixing spanner for ring nut and front ring LED base for signal indicators Legend insert blank
1.90.690.269/0000 5 - 21 5.05.800.062/0000 5 - 25 5.30.109.020/0756 2 - 193 5.70.806.000/2000
2 - 186
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
RAFIX 22 FS signal indicator, round collar
Pict.: yellow
panel cut-out acc. to IEC 60947-5-1
Form of collar
Colour of lens
Order no. complete
round round round round round
Technical data see page 2 - 186 Accessories: Legend insert blank: 5.70.806.000/2000
transparent colourless transparent red transparent yellow transparent green transparent blue
1.74.506.001/1000 1.74.506.001/1300 1.74.506.001/1400 1.74.506.001/1500 1.74.506.001/1600
2
RAFIX 22 FS signal indicator, square collar
RAFIX 22 FS
Pict.: red
panel cut-out acc. to IEC 60947-5-1
Form of collar
Colour of lens
Order no. complete
square square square square square
Technical data see page 2 - 186 Accessories: Legend insert blank: 5.70.806.000/2000
transparent colourless transparent red transparent yellow transparent green transparent blue
1.74.506.051/1000 1.74.506.051/1300 1.74.506.051/1400 1.74.506.051/1500 1.74.506.051/1600
Control components
Stock items are marked by bold printed order numbers.
2 - 187
RAFIX 22 FS
RAFIX 22 FS contact blocks with gold contacts
Pict.: Universal contact block, 1 NC + 1 NO, gold contacts Emergency stop contact block, gold contacts, 2 NC
2
General data
Illumination information: The contact blocks are suitable for use with illuminated actuators: Insert the desired LED into the integrated LED base and subsequently solder it together with the contact block. We strongly recommend using the Rafi superbright LED since this ensures homogeneous illumination.
Technical data
General information Lamp
RAFIX 22 FS
Approvals acc. to IEC LED Approvals, other 17.3 mm 30 mm 9.2 mm soldering in PCB bridgecontact self cleaning Au see order block Ambient temp. operating min. Ambient temp. operating max. Storage temperature min. Storage temperature max. Colour of plunger Robustness Shock resistance acc. to IEC 60068-2-27 Resistance to vibrations acc. to IEC 60068-2-6 Resistance to constant environment Resistance at variable environment Salt spray Solderability / solder heat resistance Solder techniques Type Colour of housing
Dimensions Diameter Recommended key grid Mounting depth Mechanical design Mounting Contact system
60947-5-x, 60204, 60073, 601058 UL 508, CSA, cURus (UL + CSA) -25 C +70 C -40 C +80 see order block acc. to IEC 60947-5-5 (TUV) 50 g at 11 ms, amplitude half sinusoidal 5 g at 10 ... 500 Hz IEC 600 68-2-3 and 2-30 IEC 600 68-2-14 and 2-33 IEC 600 68-2-11 IEC 600 68-2-20 wave solder bath / manual soldering see order block grey
Contact materials Contact arrangement NC contact forcibly actuated acc. to IEC 60947-5-1 yes solder terminal with Terminals locating lug Robustness 100 N Electrica characteristics acc. to IEC 60947, AC-15 Operating voltage AC/DC 42 V Operating current AC/DC 100 mA Rated power max. 250 mW Other specifications Operating life Switching reliability at 24V/5mA DC 1 million at 10 mA/ 24 V DC 10 x 10-6
2 - 188
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
Accessories RAFIX 22 FS contact blocks with gold contacts
Description Photo Order no. Page
3 mm LED superbright yellow 3 mm LED superbright red 3 mm LED superbright blue 3 mm LED superbright green 3 mm LED superbright white
1.90.690.267/0000 5 - 21 1.90.690.269/0000 5 - 21 1.90.690.282/0000 5 - 21 1.90.690.285/0000 5 - 21 1.90.690.295/0000 5 - 21
2
For additional accessories, refer to the chapter RAFIX 22 FS special accessories".
RAFIX 22 FS contact block with gold contacts
Pict.: Universal contact block, 1 NC + 1 NO, gold contacts Pict.: emergency stop contact block, 1 NC, gold contacts
Contact arrangement
Type
Colour of housing
Colour of plunger
Order no. complete
RAFIX 22 FS
1 NC 1 NO 1 NC + 1 NO 2 NC 2 NO 1 NC 1 NO 1 NC + 1 NO 2 NC 2 NO
Universal Universal Universal Universal Universal emergency stop emergency stop emergency stop emergency stop emergency stop
grey grey grey grey grey grey grey grey grey grey
red green red and green red green red green yellow red green
1.20.126.001/0000 1.20.126.002/0000 1.20.126.003/0000 1.20.126.004/0000 1.20.126.005/0000 1.20.126.401/0000 1.20.126.402/0000 1.20.126.403/0000 1.20.126.404/0000 1.20.126.405/0000
Technical data see page 2 - 188 Caution: Emergency stop contact blocks can only be used with emergency stop pushbuttons. Universal contact blocks are not suitable for emergency stop pushbuttons.
Control components
Stock items are marked by bold printed order numbers.
2 - 189
RAFIX 22 FS
RAFIX 22 FS contact blocks with silver contacts
Pict.: Silver contacts, 1 NC + 1 NO
Silver contacts, universal type, 1 NC
2
General data
Illumination information: The contact blocks are suitable for use with illuminated actuators: Insert the desired LED into the integrated LED base and subsequently solder it together with the contact block. We strongly recommend using the Rafi superbright LED since this ensures homogeneous illumination.
Technical data
General information Lamp
RAFIX 22 FS
LED 17.3 mm 30 mm 9.2 mm soldering in PCB bridgecontact self cleaning Ag see order block
Dimensions Diameter Recommended key grid Mounting depth Mechanical design Mounting Contact system
Operating life at 250V / 4A Switching reliability at 24V/5mA DC Ambient temp. operating min. Ambient temp. operating max. Storage temperature min. Storage temperature max. Colour of plunger Approvals acc. to IEC Approvals, other Robustness Shock resistance acc. to IEC 60068-2-27 Resistance to vibrations acc. to IEC 60068-2-6 Resistance to constant environment Resistance at variable environment Salt spray Solderability / solder heat resistance Solder techniques Flame class acc. to UL 94 Hot wire ignition acc. to IEC 60695-2-1 Type Colour of housing
70000 10 x 10-6 -25 C +70 C -40 C +80 C see order block 60947-5-x, 60204, 60073, 601058 UL 508, CSA, cURus (UL + CSA) acc. to IEC 60947-5-5 (TUV) 50 g at 11 ms, amplitude half sinusoidal 5 g at 10 ... 500 Hz IEC 600 68-2-3 and 2-30 IEC 600 68-2-14 and 2-33 IEC 600 68-2-11 IEC 600 68-2-20 wave solder bath / manual soldering V0 yes see order block black
Contact materials Contact arrangement NC contact forcibly actuated acc. to IEC 60947-5-1 yes solder terminal with Terminals locating lug Robustness 100 N Electrica characteristics acc. to IEC 60947, AC-15 Rated insulation voltage AC/DC 250 V Rated peak voltage 2500 V Rated operating current IE , AC15 B300 3 A/120 V; 1.5 A/240 V; Ithe: 5 A Rated operating current IE , DC13 Q300 550 mA/120 V; 270 mA/ 240 V; Ithe: 2.5 A Other specifications Operating life at 250V / 1A Operating life at 250V / 2A
1000000 100000
2 - 190
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
Accessories RAFIX 22 FS contact blocks with silver contacts
Description Photo Order no. Page
3 mm LED superbright yellow 3 mm LED superbright red 3 mm LED superbright blue 3 mm LED superbright green 3 mm LED superbright white
1.90.690.267/0000 5 - 21 1.90.690.269/0000 5 - 21 1.90.690.282/0000 5 - 21 1.90.690.285/0000 5 - 21 1.90.690.295/0000 5 - 21
2
For additional accessories, refer to the chapter RAFIX 22 FS special accessories".
RAFIX 22 FS contact blocks with silver contacts
Pict.: Universal, silver contacts, universal type, 1 NO
Pict.: Universal, silver contacts, 1 NC + 1 NO
Contact arrangement
Type
Colour of housing
Colour of plunger
Order no. complete
RAFIX 22 FS
1 NC 1 NO 1 NC + 1 NO 2 NC 2 NO 1 NC 1 NO 1 NC + 1 NO 2 NC 2 NO
Universal Universal Universal Universal Universal emergency stop emergency stop emergency stop emergency stop emergency stop
black black black black black black black black black black
red green red and green red green red green yellow red green
1.20.126.201/0000 1.20.126.202/0000 1.20.126.203/0000 1.20.126.204/0000 1.20.126.205/0000 1.20.126.601/0000 1.20.126.602/0000 1.20.126.603/0000 1.20.126.604/0000 1.20.126.605/0000
Technical data see page 2 - 190 Caution: Emergency stop contact blocks can only be used with emergency stop pushbuttons. Universal contact blocks are not suitable for emergency stop pushbuttons.
Control components
Stock items are marked by bold printed order numbers.
2 - 191
RAFIX 22 FS
RAFIX 22 FS special accessories
2
Accessories RAFIX 22 QR special accessories
Description Photo Order no. Page
Fixing spanner for ring nut and front ring
5.05.800.062/0000 5 - 25
Blanking cap
RAFIX 22 FS
Short text
Feature 1
Feature 2
Order no.
Blanking cap IP65, ring nut, square Blanking cap IP65, ring nut, round
5.05.800.068/0000 5.05.800.067/0000
Ring nut
Pict.: black
Short text
Feature 1
Feature 2
Order no.
Ring nut (spare part)
5.24.279.014/0100
2 - 192
Stock items are marked by bold printed order numbers.
Control components
RAFIX 22 FS
LED base for signal indicators
Short text
Feature 1
Feature 2
Order no.
LED base for signal indicators LED base for signal indicators
5.30.109.020/0756
2
Plastic frontring with protective cap
Short text
Frontring
Feature 2
Order no. RAFIX 22 FS
Plastic frontring black with protection cap Plastic frontring red with protection cap Plastic frontring yellow with protection cap Plastic frontring green with protection cap Plastic frontring blue with protection cap Plastic frontring slate grey with protection cap Plastic frontring silver grey with protection cap
black red yellow green blue slate grey silver grey
5.05.004.986/0100 5.05.004.986/0300 5.05.004.986/0400 5.05.004.986/0500 5.05.004.986/0600 5.05.004.986/0700 5.05.004.986/0800
Control components
Stock items are marked by bold printed order numbers.
2 - 193


▲Up To Search▲   

 
Price & Availability of RAFIX22FS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X