Part Number Hot Search : 
D201I C550A LVC125 VTC5764C PC817 16BPE MAX17 AD637B
Product Description
Full Text Search
 

To Download RA507GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
RA501GP THRU RA507GP
50.0 Amp High Current Glass Passivated Rectifier 50 to 1000 Volts
Features
l
Plastic Material Used Carriers Underwrites Laboratory Classification 94V-O Low Cost Construction Utilizing Void-free Molded Plastic Technique High Surge Capability, Glass Passivated Chip Diffused Junction
l
l l
Maximum Ratings
l l
Operating & Storage Temperature: -55 C to +175 C For Capacitive Load, Derate Current by 20% Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V
o
o
RA
A
MCC Part Number RA501GP RA502GP RA503GP RA504GP RA505GP RA506GP RA507GP
Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V
Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
D B E C
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Reverse Recovery Times Typical Junction Capacitance IF(AV) IFSM VF 50.0A 500A T C =135 o C 8.3ms half sine IFM =50.0A TA =25 C
o
1.1V
IR
5.0uA
T C =25 o C IF =0.5A, IR =1.0A, Irr=0.25A Measured at 1.0MHz, V R=4.0V
trr
3.0us
DIMENSION DIM INCHES MM NOTE MIN MAX MIN MAX A .380 .410 9.70 10.40 B .165 .185 4.19 4.70 C .215 .225 5.50 5.70 D .235 .250 6.00 6.40 E ----5o ----5o NOM
Cj
300pF
Revision: 4
www.mccsemi.com
2004/04/02
MCC
RA501GP thru RA507GP
Micro Commercial Components
TM
RATINGS AND CHARACTERISTIC CURVES
70
AVERAGE FORWARD CURRENT. (A)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
1000
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
8.3ms Single Half Sine Wave JEDEC Method
60 50 40 30 20 10 0
PEAK FORWARD SURGE CURRENT. (A)
175
500
100
125
135
145
155
o
165
50
1
2
5
10
20
50
100
CASE TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL FORWARD CHARACTERISTICS
1000
FIG.4- TYPICAL REVERSE CHARACTERISTICS
100 60 40
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
100
20 10 6 4 2 1 0.6 0.4 0.2
Tj=25 0C
10
1.0
Tj=25 C PULSE WIDTH-300 S 2% DUTY CYCLE
0
0.1
0.6
1.0
1.4
1.8
2.2
2.6
0.1
FORWARD VOLTAGE. (V)
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE.(pF)
500 Tj=25 0C
100
50
1
2
5
10
20
50
100
REVERSE VOLTAGE. (V)
Revision: 4
www.mccsemi.com
2004/04/02


▲Up To Search▲   

 
Price & Availability of RA507GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X