Part Number Hot Search : 
4081B RBV1504 DS2704G 000MT NJU3401 MAX038 2SD2624 SRF1640
Product Description
Full Text Search
 

To Download QTLP673C-YTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C-O Yellow-Orange QTLP673C-R Red QTLP673C-IG True Green
PACKAGE DIMENSIONS
0.134 (3.4) 0.118 (3.0)
QTLP673C
QTLP673C-E Orange QTLP673C-IC Cyan
QTLP673C-Y Yellow QTLP673C-IB Blue
1
3
0.118 (3.0) 0.102 (2.6)
0.094 (2.4) 0.078 (2.0)
2 4
0.035 (0.9) 0.028 (0.7)
TOP
0.094 (2.4)
Polarity Marking
0.083 (2.1) 0.067 (1.7) 0.004 (0.10)
0.024 (0.6) 0.016 (0.4)
0.149 (3.8) 0.134 (3.4)
0.043 (1.1) 0.020 (0.5)
SIDE
APPLICATIONS
* Automotive interior lighting * Status indication for consumer electronics and office equipment * Information display lighting
2
1 3 4
NOTE: Dimensions fo all drawings are in
POLARITY
DESCRIPTION
This ultra bright high current surface mount LED is designed with flat top and sides for the ease of pick-and-place by automatic placement equipment. It is compatible with both IR reflow and TTW (Through-the-Wave) soldering. These LEDs are ideal for backlighting and optical coupling into light pipes.
FEATURES
* Small package dimensions of 3.2(L) x 2.8(W) x 1.8(H) mm * AllnGaP technology for -Y, -O, -R, and -E * InGaN technology for -IB, -IC, and -IG * Wide viewing angle of 120 * Water clear optics * Available in 0.315" (8mm) width tape on 7" (178mm) diameter reel; 2,000 units per reel Page 1 of 9
8/21/03
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C-O Yellow-Orange QTLP673C-R Red QTLP673C-IG True Green QTLP673C-Y Yellow QTLP673C-IB Blue
QTLP673C
QTLP673C-E Orange QTLP673C-IC Cyan
ABSOLUTE MAXIMUM RATINGS (TA =25C Unless otherwise specified)
Parameter Continuous Forward Current Peak Forward Current (f = 100 KHz, Duty Factor = 1/10) Reverse Voltage Power Dissipation Junction Temperature Operating Temperature Storage Temperature Lead Soldering Time Symbol IF IFM VR PD TJ TOPR TSTG TSOL QTLP673C-Y/-E/-O/-R 70 100 5 180 125 -40 to +100 -40 to +100 260 for 5 sec Units mA mA V mW C C C C
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25C)
QTLP673C Part Number Luminous Intensity (mcd) T1: 285-355 IV T2: 355-450 U1: 450-560 U2: 560-715 Forward Voltage (V) 51 52 Dominant Wavelength (nm) W: 582-585 X: 585-588 D Y: 588-591 Z: 591-594 -- Viewing Angle () 21/2 120 W: 610-615 X: 615-621 -- -- -- 120 W: 600-603 X: 603-606 Y: 606-609 Z: 609-612 -- 120 -- -- -- -- Full: 620-630 120 IF = 50mA IF = 50mA VF 2.0-2.3 2.3-2.6 2.0-2.3 2.3-2.6 2.0-2.3 2.3-2.6 2.0-2.3 2.3-2.6 IF = 50mA T1: 285-355 T2: 355-450 U1: 450-560 U2: 560-715 T1: 285-355 T2: 355-450 U1: 450-560 U2: 560-715 T1: 285-355 T2: 355-450 U1: 450-560 U2: 560-715 IF = 50mA Symbol -Y -E -O -R Condition
Page 2 of 9
8/21/03
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C-O Yellow-Orange QTLP673C-R Red QTLP673C-IG True Green QTLP673C-Y Yellow QTLP673C-IB Blue
QTLP673C
QTLP673C-E Orange QTLP673C-IC Cyan
ABSOLUTE MAXIMUM RATINGS (TA =25C Unless otherwise specified)
Parameter Continuous Forward Current Peak Forward Current (f = 100 KHz, Duty Factor = 1/10) Reverse Voltage Power Dissipation Junction Temperature Operating Temperature Storage Temperature Lead Soldering Time Symbol IF IFM VR PD TJ TOPR TSTG TSOL QTLP673C-IG/IC/IB 30 200 5 135 125 -40 to +100 -40 to +100 260 for 5 sec Units mA mA V mW C C C C
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25C)
QTLP673C Part Number Luminous Intensity (mcd) T1: 285-355 T2: 355-450 IV U1: 450-560 U2: 560-715 V1: 715-900 V2: 900-1125 Forward Voltage (V) Typ Max Dominant Wavelength (nm) W: 520-524 X: 524-528 D Y: 528-532 Z: 532-536 -- Viewing Angle ()
Tolerance for Luminous Intesity (IV): 11% Tolerance for VF: 0.1V Tolerance for D: 1nm
Symbol -IG -IB -IC
Condition
Q2: 90-112.5 R1: 112.5-140 R2: 140-180 S1: 180-224 S2: 280-355
T1: 285-355 T2: 355-450 U1: 450-560 U2: 560-715 V1: 715-900 V2: 900-1125 IF = 30mA
VF
3.9 4.55
3.9 4.55 W: 464-468 X: 468-472 Y: 472-476 Z: 476-480 -- 120
3.9 4.55 W: 499-503 X: 503-507 Y: 507-511 -- -- 120
IF = 30mA
IF = 30mA
21/2
120
IF = 30mA
Page 3 of 9
8/21/03
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C-O Yellow-Orange QTLP673C-R Red QTLP673C-IG True Green QTLP673C-Y Yellow QTLP673C-IB Blue
QTLP673C
QTLP673C-E Orange QTLP673C-IC Cyan
TYPICAL PERFORMANCE CURVES QTLP673C-O/-R/-Y/-E
Fig. 1 Forward Current (mA) vs. Forward Voltage
100 90
Fig. 2 Relative Luminuous Intensity vs. Forward Current
Relative Intensity, Normalized at 50mA.
1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60 70 80
Forward Current (mA)
80 70 60 50 40 30 20 10 0 1.4 1.6 1.8 2.0 2.2 2.4
FORWARD VOLTAGE (V)
FORWARD CURRENT (mA)
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0 0.9 Y O E R
RELATIVE INTENSITY
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 500 550 600 650 700 750 800
WAVELENGTH (nm)
Fig. 4 Radiation Diagram
80
Fig. 5 Maximum Forward Current vs. Ambient Temperature
IF - FORWARD CURRENT (mA)
70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100
-30 -40 -50 -60 -70 -80 -90
-20 -10
0 10 20
30 40 50 60 70 80
1.0 0.8 0.6 0.4
0.2 0
0.2
90 0.4 0.6 0.8 1.0
REL. LUMINOUS INTENSITY (%)
AMBIENT TEMPERATURE TA (C)
Page 4 of 9
8/21/03
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C-O Yellow-Orange QTLP673C-R Red QTLP673C-IG True Green QTLP673C-Y Yellow QTLP673C-IB Blue
QTLP673C
QTLP673C-E Orange QTLP673C-IC Cyan
TYPICAL PERFORMANCE CURVES QTLP673C-IC/-IB/-IG
Fig. 1 Forward Current (mA) vs. Forward Voltage
60 50 40 30 20 10 0 1.5
Fig. 2 Relative Luminuous Intensity vs. Forward Current
Relative Intensity, Normalized at 30mA.
1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60
Forward Current (mA)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FORWARD VOLTAGE (V)
FORWARD CURRENT (mA)
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0 0.9
Blue
0.8 0.7 Relative Intensity
Cyan
0.6 0.5
True Green
0.4 0.3 0.2 0.1 0.0 400 450 500 550 600 650 700 750 800 Wavelength (nm)
Fig. 4 Radiation Diagram
35
Fig. 5 Maximum Forward Current vs. Ambient Temperature
IF - FORWARD CURRENT (mA)
30 25 20 15 10 5 0 0 10 20 30 40 50 60 70 80 90 100
-30 -40 -50 -60 -70 -80 -90
-20 -10
0 10 20
30 40 50 60 70 80
1.0 0.8 0.6 0.4
0.2 0
0.2
90 0.4 0.6 0.8 1.0
REL. LUMINOUS INTENSITY (%)
AMBIENT TEMPERATURE TA (C)
Page 5 of 9
8/21/03
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C-O Yellow-Orange QTLP673C-R Red QTLP673C-IG True Green QTLP673C-Y Yellow QTLP673C-IB Blue
QTLP673C
QTLP673C-E Orange QTLP673C-IC Cyan
RECOMMENDED PRINTED CIRCUIT BOARD PATTERN
0.102 [2.59] 0.043 [1.09]
0.059 [1.50]
0.177 [4.50]
RECOMMENDED IR REFLOW SOLDERING PROFILE
300
T(C)
250
240-245C 10-40s
200 183C 120 to 180s 150
Ramp-down rate up to 6C/s
Defined for Preconditioning up to 6C/s
100
Ramp-up rate up to 6C/s
50
Defined for Preconditioning 2-3C/s
0 0 25 50 75 100 125 150 175 200 225 t(sec.) 250
Page 6 of 9
8/21/03
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C-O Yellow-Orange QTLP673C-R Red QTLP673C-IG True Green QTLP673C-Y Yellow QTLP673C-IB Blue
QTLP673C
QTLP673C-E Orange QTLP673C-IC Cyan
RECOMMENDED TTW REFLOW SOLDERING PROFILE
300 standard curve limit curves 250 235C...260C 2nd 200 1st
10s T(C)
150
cs 200C/s 100C...130C
5C/s 2C/s
100
50
2C/s forced cooling
0 0 25 50 75 100 125 150 175 200 225 t(sec.) 250
ORDERING INFORMATION
Orderable Part Number QTLP673C-OTR QTLP673C-RTR QTLP673C-IGTR QTLP673C-YTR QTLP673C-IBTR QTLP673C-ETR QTLP673C-ICTR Color Yellow-Orange Red True Green Yellow Blue Orange Cyan Package Power PLCC-4 Power PLCC-4 Power PLCC-4 Power PLCC-4 Power PLCC-4 Power PLCC-4 Power PLCC-4
Page 7 of 9
8/21/03
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C-O Yellow-Orange QTLP673C-R Red QTLP673C-IG True Green
TAPE AND REEL DIMENSIONS
8.4
0. 2.5 5
+1.5 -0.0
QTLP673C
QTLP673C-E Orange QTLP673C-IC Cyan
QTLP673C-Y Yellow QTLP673C-IB Blue
11.0
+0.5 -0.0
O12.75
+0.25 -0.0
Progressive direction
1.75 2.00.05 4.0 O1.55.05 0.2290.01
3.50.05
2.5
0 0
.5
O62.00.5
O1801
8.0
4.0
3.12
2.290.1
Dimensional tolerance is 0.1mm unless otherwise specified Angle: 0.5 Unit: mm
Page 8 of 9
3.810.1
8/21/03
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C-O Yellow-Orange QTLP673C-R Red QTLP673C-IG True Green QTLP673C-Y Yellow QTLP673C-IB Blue
QTLP673C
QTLP673C-E Orange QTLP673C-IC Cyan
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Page 9 of 9
8/21/03


▲Up To Search▲   

 
Price & Availability of QTLP673C-YTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X