Part Number Hot Search : 
MSTRP MAX743 09231 KD221203 LM7818A 11207 GC1512 TSJ100N
Product Description
Full Text Search
 

To Download QSE773 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QSE773
PLASTIC SILICON PIN PHOTODIODE
PACKAGE DIMENSIONS
0.215 (5.46) 0.199 (5.06)
FEATURES
* Daylight Filter * Sidelooker Package * Pin Photodiode * Wide Reception Angle, 120 * Chip Size = .1072 inches (2.712 mm)
C L
0.126 (3.20) 0.110 (2.80) 0.311 (7.90) 0.288 (7.30)
SENSING SURFACE 0.610 (15.49) MIN
SCHEMATIC
ANODE CATHODE
ANODE
0.060 (1.52)
0.020 (0.51) SQ. (2x) 0.100 (2.54)
0.116 (2.95) 0.100 (2.54)
NOTES: 1. Dimensions for all drawings are in inches (mm). 2. Tolerance of .010 (.25) on all non-nominal dimensions unless otherwise specified.
1. Derate power dissipation linearly 2.50 mW/C above 25C. 2. RMA flux is recommended. 3. Methanol or isopropyl alcohols are recommended as cleaning agents. 4. Soldering iron 1/16" (1.6mm) minimum from housing. 5. As long as leads are not under any stress or spring tension. 6. Light source is an GaAs LED which has a peak emission wavelength of 940 nm. 7. All measuements made under pulse conditions.
ABSOLUTE MAXIMUM RATINGS
Parameter Operating Temperature Storage Temperature Soldering Temperature (Iron)(2,3,4,5) Soldering Temperature (Flow)(2,3,5) Reverse Voltage Power Dissipation(1)
(TA = 25C unless otherwise specified) Symbol TOPR TSTG TSOL-I TSOL-F VR PD Rating -40 to +85 -40 to +85 240 for 5 sec 260 for 10 sec 32 150 Unit C C C C V mW
1 of 4
100032C
QSE773
PLASTIC SILICON PIN PHOTODIODE
ELECTRICAL / OPTICAL CHARACTERISTICS
PARAMETER TEST CONDITIONS
(TA =25C unless otherwise specified)
MIN TYP MAX UNITS
SYMBOL
Reverse Voltage Dark Reverse Current Peak Sensitivity Reception Angle @ 1/2 Power Photo Current Capacitance Rise Time Fall Time
IR = 0.1 mA VR = 10 V VR = 5 V Ee = 1.0 mW/cm2, VCE = 5 V(6) VR = 3 V VR = 5 V, RL = 1 K VR = 5 V, RL = 1 K
VR IR(D) !PK " IPH C tr tf
32 -- 920 +/-60 30 20 50 50
-- 30
V nA nm Degrees
--
A pF ns ns
TYPICAL PERFORMANCE CURVES
1.0 S (!)rel - RELATIVE SPECTRAL SENSITIVITY
120 Wavelength = 940 nm TA = 25C
ISC - SHORT CIRCUIR CURRENT 800 900 1000 1100
0.8
100
80
0.6
60
0.4
40
0.2
20 0 700 0 0 !#- WAVELENGTH (nm) 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
Ee - IRRADIANCE (mW/cm2)
Fig. 1 Relative Spectral Sensitivity vs. Wavelength
Fig. 2 Short Circuit Current vs. Irradiance
2 of 4
100032C
QSE773
PLASTIC SILICON PIN PHOTODIODE
100 f = 1 MHz E=0
1000 VR = 10 V E=0 IR - DARK CURRENT (nA) 0.1 1 VR - REVERSE VOLTAGE (V) 10 100 100
80 CAPACITANCE (pF)
60
40
10
20
0 0.01
1 0 10 20 30 40 50 60 70 80 90 100
TA -TEMPERATURE (C)
Fig. 3 Capacitance vs. Reverse Voltage
Fig. 4 Dark Current vs. Temperature
1200 E=0 IR -DARK CURRENT (pA) 1000
800
600
400
200
0 0 2 4 6 8 10 12 14 16 18 20
VR - REVERSE VOLTAGE (V)
Fig. 5 Dark Current vs. Reverse Voltage
3 of 4
100032C
QSE773
PLASTIC SILICON PIN PHOTODIODE
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
(c) 2000 Fairchild Semiconductor Corporation
4 of 4
100032C


▲Up To Search▲   

 
Price & Availability of QSE773

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X