|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDTQS3VH16210 2.5V / 3.3V 20-BIT 2 PORT, HIGH BANDWIDTH BUS SWITCH INDUSTRIAL TEMPERATURE RANGE QUICKSWITCH(R) PRODUCTS 2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH FEATURES: DESCRIPTION: IDTQS3VH16210 * N channel FET switches with no parasitic diode to Vcc - Isolation under power-off conditions - No DC path to Vcc or GND - 5V tolerant in OFF and ON state * 5V tolerant I/Os * Low RON - 4 typical * Flat RON characteristics over operating range * Rail-to-rail switching 0 - 5V * Bidirectional dataflow with near-zero delay: no added ground bounce * Excellent RON matching between channels * Vcc operation: 2.3V to 3.6V * High bandwidth - up to 500 MHz * LVTTL-compatible control Inputs * Undershoot Clamp Diodes on all switch and control Inputs * Low I/O capacitance, 4pF typical * Available in SSOP and TSSOP packages The QS3VH16210 HotSwitch with 20-bit flow-though pin is a high bandwidth bus switch. The QS3VH16210 has very low ON resistance, resulting in under 250ps propagation delay through the switch. The switches are controlled by active low enable (xOE) controls. The QS3VH16210 is organized as a dual 10-bit, 2-port bus switch with separate, xOE control inputs. In the OFF and ON states, the switches are 5V-tolerant. In the OFF state, the switches offer very high impedance at the terminals. The combination of near-zero propagation delay, high OFF impedance, and over-voltage tolerance makes the QS3VH16210 ideal for high performance communications applications. The QS3VH16210 is characterized for operation from -40C to +85C. APPLICATIONS: * * * * * Hot-swapping 10/100 Base-T, Ethernet LAN switch Low distortion analog switch Replaces mechanical relay ATM 25/155 switching FUNCTIONAL BLOCK DIAGRAM 1A 1 1B 1 2A 1 2B 1 1A 10 1B 10 2A 10 2B 10 1O E 2O E The IDT logo is a registered trademark of Integrated Device Technology, Inc. INDUSTRIAL TEMPERATURE RANGE 1 c 2002 Integrated Device Technology, Inc. MARCH 2002 DSC-5881/4 IDTQS3VH16210 2.5V / 3.3V 20-BIT 2 PORT, HIGH BANDWIDTH BUS SWITCH INDUSTRIAL TEMPERATURE RANGE PIN CONFIGURATION ABSOLUTE MAXIMUM RATINGS(1) Symbol VTERM(2) VTERM(3) VTERM(3) VAC IOUT TSTG Description Supply Voltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current (max. current/pin) Storage Temperature Max. - 0.5 to 4.6 - 0.5 to 5.5 - 0.5 to 5.5 -3 120 -65 to +150 Unit V V V V mA NC 1A 1 1A2 1A3 1A4 1A5 1A6 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1OE 2OE 1B1 1B2 1B3 1B4 1B5 GND 1B6 1B7 1B8 1B9 1B10 2B1 2B2 2B3 GND 2B4 2B5 2B6 2B7 2B8 2B9 2B10 C GND 1A7 1A8 1A9 1A 10 2A1 2A2 NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC. CAPACITANCE Symbol CIN CI/O CI/O Parameter(1) Control Inputs (TA = +25 C, f = 1MHz, VIN = 0V, VOUT = 0V) Typ. 3 4 8 Max. 5 6 12 Unit pF pF pF o Quickswitch Channels (Switch OFF) Quickswitch Channels (Switch ON) VCC 2A3 NOTE: 1. This parameter is guaranteed but not production tested. GND 2A4 2A5 2A6 2A7 2A8 2A9 2A 10 PIN DESCRIPTION Pin Names xOE 1A1 - 1A10, 2A1 - 2A10 1B1 - 1B10, 2B1 - 2B10 Description Bus Enables (Active LOW) Bus A Bus B SSOP/ TSSOP TOP VIEW FUNCTION TABLE Control Input xOE L H NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level (EACH 10-BIT BUS SWITCH) (1) Function A port = B port Disconnect 2 IDTQS3VH16210 2.5V / 3.3V 20-BIT 2 PORT, HIGH BANDWIDTH BUS SWITCH INDUSTRIAL TEMPERATURE RANGE DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 3.3V 0.3V Symbol VIH VIL IIN IOZ IOFF RON Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Off-State Current (Hi-Z) Data Input/Output Power Off Leakage Switch ON Resistance Test Conditions Guaranteed Logic HIGH for Control Inputs Guaranteed Logic HIGH for Control Inputs VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V Min. 1.7 2 -- -- -- -- -- ION = 30mA ION = 15mA ION = 30mA ION = 15mA -- -- -- -- Typ.(1) -- -- -- -- -- -- -- 6 7 4 5 Max. -- -- 0.7 0.8 1 1 1 8 9 6 8 A A A V Unit V VCC 0V VOUT 5V, Switches OFF VIN or VOUT 0V to 5V, VCC = 0V VCC = 2.3V VCC = 3V VIN = 0V VIN = 0V VIN = 2.4V (Typ. at VCC = 2.5V) VIN = 1.7V 0V VIN NOTE: 1. Typical values are at VCC = 3.3V and TA = 25C, unless otherwise noted. TYPICAL ON RESISTANCE vs VIN AT VCC = 3.3V 16 RON (ohms) 14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VIN (Volts) 3 IDTQS3VH16210 2.5V / 3.3V 20-BIT 2 PORT, HIGH BANDWIDTH BUS SWITCH INDUSTRIAL TEMPERATURE RANGE POWER SUPPLY CHARACTERISTICS Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current (2,3) Test Conditions(1) VCC = Max., VIN = GND or VCC, f = 0 VCC = Max., VIN = 3V, f = 0 per Control Input VCC = 3.3V, A and B Pins Open, Control Inputs Toggling @ 50% Duty Cycle per Input HIGH Min. -- -- Typ. 1.5 -- Max. 3 30 Unit mA A Dynamic Power Supply Current(4) See Typical ICCD vs Enable Frequency graph below NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per input driven at the specified level. A and B pins do not contribute to Icc. 3. This parameter is guaranteed but not tested. 4. This parameter represents the current required to switch internal capacitance at the specified frequency. The A and B inputs do not contribute to the Dynamic Power Supply Current. This parameter is guaranteed but not production tested. TYPICAL ICCD vs ENABLE FREQUENCY CURVE AT VCC = 3.3V 20 18 16 14 12 10 ICCD (mA) 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20 ENABLE FREQUENCY (MHZ) 4 IDTQS3VH16210 2.5V / 3.3V 20-BIT 2 PORT, HIGH BANDWIDTH BUS SWITCH INDUSTRIAL TEMPERATURE RANGE SWITCHING CHARACTERISTICS OVER OPERATING RANGE TA = -40C to +85C VCC = 2.5 0.2V (1) Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ fxOE Parameter Data Propagation Delay(2,3) A to B or B to A Switch Turn-On Delay xBE to xA or xB Switch Turn-Off Delay xBE to xA or xB Operating Frequency - Enable(2,5) Min. (4) 1.5 1.5 Max. VCC = 3.3 0.3V (1) Min. (4) 1.5 1.5 Max. Unit ns ns ns MHz 0.2 9 8.5 7.5 0.2 9 8.5 20 NOTES: 1. See Test Conditions under TEST CIRCUITS AND WAVEFORMS. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.2ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side. 4. Minimums are guaranteed but not production tested. 5. Maximum toggle frequency for xOE control input (pass voltage > VCC, VIN = 5V, RLOAD > 1M, no CLOAD). 5 IDTQS3VH16210 2.5V / 3.3V 20-BIT 2 PORT, HIGH BANDWIDTH BUS SWITCH INDUSTRIAL TEMPERATURE RANGE SOME APPLICATIONS FOR HOTSWITCH PRODUCTS NFET 0 to +5V 0 to +5V Vcc = 3.3V CHARGE PUMP +6.5V OE DRIVER SINGLE HOT SWITCH Rail-to-Rail Switching PHY 4.5VPP 3VH SWITCH LOGIC SIDE 4.5VPP Z = 100 10M bps to 100Mbps >100m TWISTED PAIR Z = 100 LOGIC SIDE 2VPP Fast Ethernet Data Switching (LAN Switch) PLUGGABLE CARD/ LIVE SYSTEM CONN ECTOR ZERO DOWN TIME SYSTEM QS3VH XXX CARD I/O ON CARD LOGIC CPU C ON NEC TOR QS3VH XX X CARD I/O ON CARD LOGIC RAM Hot Swapping 6 BUS IDTQS3VH16210 2.5V / 3.3V 20-BIT 2 PORT, HIGH BANDWIDTH BUS SWITCH INDUSTRIAL TEMPERATURE RANGE TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V 0.3V 6 3 1.5 300 300 50 VCC(2)= 2.5V 0.2V 2 x Vcc Vcc VCC/2 150 150 30 Unit V V V mV mV pF tPLH OPPOSITE PHASE INPUT TRANSITION tPHL SAME PHASE INPUT TRANSITION tPLH OUTPUT tPHL VIH VT 0V VOH VT VOL VIH VT 0V Propagation Delay VLOAD Open 500 Pulse(1, 2) Generator VIN D.U.T. RT 500 CL VOUT GND CONTROL INPUT tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ VCC ENABLE DISABLE VIH VT 0V VLOAD/2 VOL + VLZ VOL VOH VOH -VHZ 0V Test Circuits for All Outputs DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2ns; tR 2ns. NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. Enable and Disable Times SWITCH POSITION Test tPLZ/tPZL tPHZ/tPZH tPD Switch VLOAD GND Open 7 IDTQS3VH16210 2.5V / 3.3V 20-BIT 2 PORT, HIGH BANDWIDTH BUS SWITCH INDUSTRIAL TEMPERATURE RANGE ORDERING INFORMATION IDTQS XXXXX Device Type XX Package PV PA PAG 3VH16210 Shrink Small Outline Package Thin Shrink Small Outline Package TSSOP - Green 2.5V / 3.3V 20-Bit 2-Port, High Bandwidth Bus Switch CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: logichelp@idt.com (408) 654-6459 8 |
Price & Availability of QS3VH16210 |