Part Number Hot Search : 
CO4580 LC352 470M1 SSM6J CSC815 003930 29040 USB3311
Product Description
Full Text Search
 

To Download QIR0620001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QIR0620001
Powerex Inc., 200 Hillis St., Youngwood, PA 15697 (724) 925-7272 IGBT H-Series Chopper Module 200/300 Amperes/600 Volts
Description: Powerex IGBT modules are designed for use in switching applications. Each Module consists of one IGBT transistor and one super fast recovery diode in a chopper configuration. All components are encapsulated in a plastic package are electrically isolated from the heat sinking base plate, offering simplified system assembly and thermal management. Features: Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery (70ns) Diodes High Frequency Operation (2025kHz) Isolated Base plate for Easy Heat sinking Schematic:
D1
D2
Applications: AC Motor Control Motion/Servo Control Ordering Information: Contact Powerex Custom Modules
Page 1
PRELIMINARY
06/07/97
QIR0620001
Powerex Inc., 200 Hillis St., Youngwood, PA 15697 (724) 925-7272 IGBT H-Series Chopper Module 200/300 Amperes/600 Volts
Maximum Ratings, Tj=25C unless otherwise specified
Ratings Collector Emitter Voltage Gate Emitter Voltage Collector Current Peak Collector Current Diode Forward Current (D1) Diode Forward Surge Current (D1) Power Dissipation V Isolation Symbol VCES VGES IC ICM IFM IFM Pd VRMS
600 20 200 400* 300 600* 1100 2500
Units Volts Volts Amperes Amperes Amperes Amperes Watts Volts
Static Electrical Characteristics, Tj=25C unless otherwise specified
Characteristic Collector Cutoff Current Gate Leakage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) VCE(sat) Test Conditions VCE=VCES VCE=0V IC=20mA, VCE=10V IC=200A, VGE=15V IC=200A, VGE=15V, Tj=150C VCC=300V, IC=200A, VGS=15V IE=300A, VGS=0V Min Typ Max 1.0 0.5 7.5 2.8 Units mA A Volts Volts Volts
4.5
6.0 2.1 2.15
Total Gate Charge
QG
600
nC
Diode Forward Voltage (D1)
VFM
2.8
Volts
Dynamic Electrical Characteristics, Tj=25C unless otherwise specified
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn on Delay time Rise Time Turn off delay time Fall Time Diode Reverse Recovery Time Diode reverse Recovery Charge Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr Test Conditions VGE=0V VCE=10V f=1MHz VCC=300V IC=200A VGE1=VGE2=15 V RG=3.1 IE=200A diE/dt=400A/S Min Typ Max 20 7 4 200 550 300 300 110 0.54 Units nF nF nF nS nS nS nS nS C
Thermal and Mechanical Characteristics, Tj=25C unless otherwise specified
Characteristic Thermal Resistance, Junction to Symbol RJC Test Conditions Per IGBT Min Typ Max 0.16 Units C/W
Page 2
PRELIMINARY
06/07/97
QIR0620001
Powerex Inc., 200 Hillis St., Youngwood, PA 15697 (724) 925-7272 IGBT H-Series Chopper Module 200/300 Amperes/600 Volts
Case
Page 3
PRELIMINARY
06/07/97


▲Up To Search▲   

 
Price & Availability of QIR0620001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X