Part Number Hot Search : 
LM258AM CXA15 MICS06 TKD21A CXA15 AD669ANZ 045CT BTB08
Product Description
Full Text Search
 

To Download QIQ0660001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QIQ0660001
Powerex Inc., 200 Hillis St., Youngwood, PA 15697 (724) 925-7272 IGBT H-Series Chopper Hermetic Module 600 Amperes/600 Volts
Description:
Powerex IGBT Hermetic modules are designed for use in switching applications. Each Module consists of two IGBT transistors in a half bridge configuration with each transistor having a reverse connected super fast recovery free wheel diode. All components are located in a hermetically sealed chamber and are electrically isolated from the heat sinking base plate, offering simplified system assembly and thermal management.
Features: Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery (70ns) Free-Wheel Diode Isolated Base plate for Easy Heat sinking Fully Hermetic Package Package Design Capable of Use at High Altitudes Package can be modified to adhere to customer dimensions. D1 sized to match RM400HA Schematic:
D1
D2
Applications: AC Motor Control Motion/Servo Control Air Craft Applications Ordering Information: Contact Powerex Custom Modules
Page 1
PRELIMINARY
06/06/97
QIQ0660001
Powerex Inc., 200 Hillis St., Youngwood, PA 15697 (724) 925-7272 IGBT H-Series Chopper Hermetic Module 600 Amperes/600 Volts
Maximum Ratings, Tj=25C unless otherwise specified
Ratings Collector Emitter Voltage Gate Emitter Voltage Collector Current Peak Collector Current Diode Forward Current (D2) Diode Forward Current (D1) V Isolation Symbol VCES VGES IC ICM IFM IFM VRMS
600 20 600 1200* 600 400 2500
Units Volts Volts Amperes Amperes Amperes Amperes Volts
Static Electrical Characteristics, Tj=25C unless otherwise specified
Characteristic Collector Cutoff Current Gate Leakage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) VCE(sat) Test Conditions VCE=VCES VCE=0V IC=60mA, VCE=10V IC=600A, VGE=15V IC=600A, VGE=15V, Tj=150C VCC=300V, IC=600A, VGS=15V IE=400A, VGS=0V IE=600A, VGS=0V Min Typ Max 1.0 0.5 7.5 2.8 Units mA A Volts Volts Volts
4.5
6.0 2.1 2.15
Total Gate Charge
QG
1800
nC
Diode Forward Voltage (D1) Diode Forward Voltage (D2)
VFM VFM
2.0 2.8
Volts Volts
Dynamic Electrical Characteristics, Tj=25C unless otherwise specified
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn on Delay time Rise Time Turn off delay time Fall Time Diode Reverse Recovery Time (D1) Diode Reverse Recovery Time (D2) Diode reverse Recovery Charge (D1) Diode reverse Recovery Charge (D2) Symbol Cies Coes Cres td(on) tr td(off) tf trr trr Qrr Qrr Test Conditions VGE=0V VCE=10V f=1MHz VCC=300V IC=600A VGE1=VGE2=15 V RG=1 IE=400A IE=600A diE/dt= 400A/S diE/dt= 1200A/S Min Typ Max 60 21 12 Units nF nF nF nS nS nS nS nS nS C C
300 400 110 80 1.62
Page 2
PRELIMINARY
06/06/97
QIQ0660001
Powerex Inc., 200 Hillis St., Youngwood, PA 15697 (724) 925-7272 IGBT H-Series Chopper Hermetic Module 600 Amperes/600 Volts
Thermal and Mechanical Characteristics, Tj=25C unless otherwise specified
Characteristic Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Symbol RJC RJC RJC Test Conditions IGBT Diode (D1) Diode (D2) Min Typ Max 0.06 0.08 0.12
Units C/W C/W C/W
Page 3
PRELIMINARY
06/06/97


▲Up To Search▲   

 
Price & Availability of QIQ0660001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X