Part Number Hot Search : 
S100A 2405D D64F26 CXA15 ST3222C RL205 DP35A P8483
Product Description
Full Text Search
 

To Download QIQ0645001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QIQ0645001
Powerex, Inc., 200 Hillis St., Youngwood 15697 (724) 925-7272 Low side Chopper IGBT Module 600V 450A IGBT / 600V 450A Fast Diode
Description:
Powerex Low side Chopper IGBT Module designed specially for customer applications. The modules are isolated for easy mounting with other components on a common heatsink.
Features:
Low Drive Requirement Low VCE(sat) Super Fast Diode (3) H Series 150A 600V Chips per IGBT Switch (9) H Series 100A 600V Chips per Diode Isolated Baseplate for Easy Heat Sinking Low Thermal Impedance
Applications:
Dim Inches Millimeters A 4.25 108.0 B 2.44 62.0 C 1.14+0.04/-0.02 29+1.0/-0.5 D 3.660.01 93.00.25 E 1.880.01 48.00.25 F 0.67 17.0 Welding Power Supplies G 0.16 4.0 H 0.24 6.0 J 0.59 15.0 Dim K L M N P Q R S T Inches 0.55 0.87 0.33 0.10 0.85 0.98 0.11 0.25 Dia. 0.6 Millimeters 14.0 22.0 8.5 2.5 21.5 25.0 2.8 6.5 Dia. 15.15
Choppers Welding Power Supplies
Preliminary
Page 1
8/17/2001
QIQ0645001
Powerex, Inc., 200 Hillis St., Youngwood 15697 (724) 925-7272 Low side Chopper IGBT Module 600V 450A IGBT / 600V 450A Fast Diode
Maximum Ratings, Tj=25C unless otherwise specified
Ratings Collector Emitter Voltage Gate Emitter Voltage Collector Current Peak Collector Current Diode Average Forward Current Diode Forward Surge Current Diode I2t for Fusing for One Cycle t=8.3mS Power Dissipation Junction Temperature Mounting Torque, M6 Terminal Screws Mounting Torque, M6 Mounting Screws Module Weight (Typical) V Isolation 180 Conduction, TC=70C Symbol VCES VGES IC ICM IFM IFM I2t Pd Tstg VRMS QIQ0645001 600 20 450 900 450 5400 121500 1650 -40 to 125 40 40 400 2000 Units Volts Volts Amperes Amperes Amperes Amperes A2sec Watts C In-lb In-lb Grams Volts
Static Electrical Characteristics, Tj=25C unless otherwise specified
Characteristic Collector Cutoff Current Gate Leakage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) Test Conditions VCE=VCES VGE=0V VGE=VGES VCE=0V IC=45mA, VCE=10V IC=450A, VGE=15V IC=450A, VGE=15V, Tj=125C Total Gate Charge Diode Forward Voltage QG VFM VCC=300V, IC=450A, VGS=15V IF=900A IF=450A IF=300A Min. 4.5 Typ. 6.0 2.1 2.15 1350 2.0 1.7 1.3 Max. 1.0 0.5 7.5 2.8 2.8 2.2 Units mA A Volts Volts Volts nC Volts Volts Volts
Dynamic Electrical Characteristics, Tj=25C unless otherwise specified
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn on Delay time Rise Time Turn- off Delay Time Fall Time Diode Reverse Recovery Time Diode Reverse Recovery Charge Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr Test Conditions VGE=0V VCE=10V f=1MHz VCC=300V IC=450A VGE1=VGE2=15V RG=1.6 IF=900A diF/dt=-1800A/S Min. Typ. 2.43 Max. 45 15.9 9 350 600 350 300 110 Units nF nF ns ns ns ns ns ns C
Thermal and Mechanical Characteristics, Tj=25C unless otherwise specified
Characteristic Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Contact Thermal Resistance Symbol RJC RJC RCF Test Conditions Per IGBT Per Diode Per Module Min. Typ. 0.075 0.08 0.02 Max. TBD TBD Units C/W C/W C/W
Preliminary
Page 2
8/17/2001
QIQ0645001
Powerex, Inc., 200 Hillis St., Youngwood 15697 (724) 925-7272 Low side Chopper IGBT Module 600V 450A IGBT / 600V 450A Fast Diode
TRANSIENT THERMAL IMPEDANCE CHARACTERISTIC
TRANSIENT THERMAL IMPEDANCE CHARACTERISTIC
0.10 0.08 0.06 0.04 0.02 0.00 0.001
IGBT (TYPICAL)
0.10 0.08 0.06 0.04 0.02 0.00 0.001
DIODE (TYPICAL)
THERMAL IMPEDANCE, Rjc(C/W)
THERMAL IMPEDANCE, Rjc(C/W)
0.01
0.1
TIME, (seconds)
1
10
0.01
0.1
TIME, (seconds)
1
10
Preliminary
Page 3
8/17/2001


▲Up To Search▲   

 
Price & Availability of QIQ0645001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X