Part Number Hot Search : 
30KPA60A D5341 MAX38 1N5352 S4299 P823F TK17016S SSR1645
Product Description
Full Text Search
 

To Download QIC0610001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QIC0610001
Powerex Inc., 200 Hillis St., Youngwood 15697 (724) 925-7272
Dual Common Emitter IGBT Module 100A 600V Per Switch
Description:
Powerex Dual Common Emitter IGBT Power Module features two common emitter IGBT's.
Features:
* * * * * * Two switches - each capable of 100Amps Isolated Mounting Low Drive Requirement Internal Series Gate Resistors Isolation Material - DBC Alumina Baseplate Materal - Copper
Schematic:
1 6 7 5 4 3
Dim A B C D E F G Inches Min. 3.681 3.145 1.329 1.28 1.161 0.940 0.901 Inches Max 3.721 3.155 1.349 1.32 1.201 0.95 0.911 Millimeters Min 93.50 79.88 33.76 32.51 29.49 23.88 22.88 Millimeters Max 94.51 80.14 34.26 33.53 30.51 24.13 23.14 Dim K L M N P Q S Inches Min. 0.61 0.502 0.46 0.403 0.305 0.251 --Inches Max 0.65 0.522 0.48 0.423 0.325 0.261 --Millimeters Min 15.49 12.75 11.68 10.24 7.75 6.38 M6 x 0.8 Millimeter Max 16.51 13.26 12.19 10.74 8.26 6.63 M6 x 0.8
2
Preliminary
Page 1
3/13/98
QIC0610001
Powerex Inc., 200 Hillis St., Youngwood 15697 (724) 925-7272
Dual Common Emitter IGBT Module 100A 600V Per Switch
Electrical Charactistics of Each Switch
(2 switches per module) Part IGBT (each Switch) (2 Switches/Module) Symbol Vces Vges Rth(j-c) Parameter Collector Emitter Voltage Vge=0 Gate Emitter Voltage Vce=0 Thermal Impedance Junction to case Quantity of IGBT Die 10mm x 10mm per switch Peak Reverse Blocking Voltage Reverse recovery time Reverse Recovery charge Thermal Impedance Junction to case Quantity of Diode Die 10mm x 10mm per switch V Isolation Module weight Max. Mounting torque M6 Mounting screw Max. Terminal torque, M6 Terminal Screw Units 600 V 20 V 0.31 C/W 1 1000 V TBD TBD 0.31 C/W 1 2000 V 500 g 6 Nm 6 Nm
Diode (each Switch) (2 Switches/Module)
Vrrm trr Qrr Rth(j-c)
Package
Vrms
600V, 100A IGBT Element Vcesat (Typical)
5.00
4.00
IGBT Vcesat (V)
3.00
2.00
25C 125C
1.00
0.00 0 25 50 75 100 125 150 175 200
MODULE CURRENT (A)
Preliminary
Page 2
3/13/98


▲Up To Search▲   

 
Price & Availability of QIC0610001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X