Part Number Hot Search : 
EZ1583CM CDBA320 EZ1583CM MF0ICU2 NX5302SK AB019B CLA80000 15000
Product Description
Full Text Search
 

To Download QCA100BA60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRANSISTOR MODULE
Hi-
QCA100BA60
UL;E76102 M QCA100BA60 is a dual Darlington power transistor module which has series-connected ULTRA HIGH hFE, high speed, high power Darlington transistors. Each transistor has a reverse paralleled fast recovery diode (trr 200ns). The mounting base of the module is electrically isolated from Semiconductor elements for simple heatsink construction, IC 100A, VCEX 600V Low saturation voltage for higher efficiency. ULTRA HIGH DC current gain hFE. hFE 750 Isolated mounting base VEBO 10V for faster switching speed. Applications Motor Control VVVF , AC/DC Servo, UPS, Switching Power Supply, Ultrasonic Application
Unit A
Maximum Ratings
Symbol VCBO VCEX VEBO IC IC IB PT Tj Tstg VISO Item Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Reverse Collector Current Base Current Total power dissipation Junction Temperature Storage Temperature Isolation Voltage Mounting Torque Mass Mounting M5 Terminal M5 A.C.1minute Recommended Value 1.5 2.5 15 25 Recommended Value 1.5 2.5 15 25 Typical Value TC 25 40 =pw 1ms VBE 2V Conditions Ratings QCA100BA60 600 600 10 100 200 100 6 620 150 40 125 2500 2.7 28 2.7 28 360
Tj 25 Unit V V V A A A W
V Nm ( f B) g
Electrical Characteristics
Symbol ICBO IEBO VCEO SUS VCEX SUS hFE VCE VBE
sat sat
Tj 25 Conditions VCB VCBO VEB VEBO Ic 1A Ic 20A IB2 5A Ic 100A VCE 2.5V Ic 100A IB 130mA Ic 100A IB 130mA Vcc 300V Ic 100A 2A IB1 0.2A IB2 Ic 100A 5V 200 0.2 0.6 450 600 750 2.5 3.0 2.0 8.0 2.0 1.8 V ns /W s V V Ratings 1.0 400 Unit mA mA V
Item Collector Cut-off Current Emitter Cut-off Current Collector Emitter Sustaning Voltage D.C. Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage On Time Switching Time Storage Time Fall Time Collector-Emitter Reverse Voltage Reverse Recovery time Thermal Impedance (junction to case)
ton ts tf VECO trr Rth j-c
Vcc 300V Ic 100A di/dt=100/ s VBE Transistor part Diode part
35
QCA100BA60
36


▲Up To Search▲   

 
Price & Availability of QCA100BA60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X