Part Number Hot Search : 
CXD8871Q 16F40 MIMH51 2SC3103 11151 BAV170W MC10E016 SI570
Product Description
Full Text Search
 

To Download Q68000-A8440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Switching Diode Array
For high-speed switching applications q Connected in series
q
SMBD 7000
Type SMBD 7000
Marking s5C
Ordering Code (tape and reel) Q68000-A8440
Pin Configuration
Package1) SOT-23
Maximum Ratings Parameter Reverse voltage Peak reverse voltage Forward current Surge forward current, t = 1 s Total power dissipation, TS = 31 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VR VRM IF IFS Ptot Tj Tstg
Values 100 100 200 4.5 330 150 - 65 ... + 150
Unit V mA A mW C
500 360
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
SMBD 7000
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Breakdown voltage Forward voltage IF = 1 mA IF = 10 mA IF = 100 mA Reverse current VR = 50 V VR = 100 V VR = 50 V, TA = 125 C AC characteristics Diode capacitance VR = 0, f = 1 MHz Reverse recovery time IF = 10 mA, IR = 10 mA, RL = 100 Test circuit for reverse recovery time CD trr - - - - 2 15 pF ns V(BR) VF 550 670 750 IR - - - - - - 300 500 100 nA nA
A
Values typ. max.
Unit
100
- - - -
- 700 820 1100
V mV
Pulse generator: tp = 100 ns, D = 0.05 tr = 0.6 ns, Rj = 50
Oscillograph:
R = 50 tr = 0.35 ns C 1 pF
Semiconductor Group
2
SMBD 7000
Forward current IF= f (TA*; TS) * Package mounted on epoxy
Reverse current IR = f (TA)
Forward current IF = f (VF) TA = 25 C
Peak forward current IFM = f (t) TA = 25 C
Semiconductor Group
3
SMBD 7000
Forward voltage VF = f (TA)
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of Q68000-A8440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X