Part Number Hot Search : 
MA4P150 HRDR1 100BG PIC16F87 B6552 ACS20D DP368 ITM1602A
Product Description
Full Text Search
 

To Download Q68000-A8370 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs MMIC
CGY 50
________________________________________________________________________________________________________
Datasheet
* Single-stage monolithic microwave IC ( MMICamplifier ) * Cascadable 50 gain block * Application range: 100 MHz to 3 GHz * IP3 30 dBm typ. @ 1.8 GHz * Gain 8.5 dB typ. @ 1.8 GHz * Low noise figure: 3.0 dB typ @ 1.8 GHz * Gain control dynamic range 20 dB
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Type
Marking
Ordering code (tape and reel)
Circuit diagram Pin Configuration
2 OUT/D 4 IN/G
typ. 4k
Package 1)
CGY 50
G2
Q68000-A8370
SOT-143
1, 3 S
Maximum ratings Drain-voltage Peak drain-voltage Current control gate voltage Drain-gate voltage Input power
2)
Symbol
Value 5.5 7.5 -3 ... 0 7.5 16 150 -40...+150 400
Unit V V V V dBm C C mW
VD VDP VG VDG PIN TCh Tstg Ptot
Channel temperature Storage temperature range Total power dissipation (TS < 82C) 3) Thermal resistance Channel-soldering point 3)
RthChS
<170
K/W
Note: exceeding any of the max. ratings may cause permanent damage to the device. Appropriate handling is required to protect the electrostatic sensitive MMIC against degradation due to excess current spikes. Proper ground connection of leads 1 and 3 ( with minimum inductance ) is required to achieve the guaranteed RF performance, stable operating conditions and adequate tuning.
1) Dimensions see chapter Package Outlines 2) See application circuit. 3) TS is measured on the source 1 lead at the soldering point to the PCB. Siemens Aktiengesellschaft pg. 1/5 11.01.1996 HL EH PD 21
GaAs MMIC
Electrical characteristics TA = 25 C, VG = 0 V, VD = 4.5 V,
CGY 50
________________________________________________________________________________________________________
RS = RL = 50 , unless otherwise specified
( for application circuit see next page ) Characteristics Drain current Power gain
f = 200 MHz f = 1800 MHz
Symbol
min -
typ 60
max 75
Unit mA dB
ID G
7.5 G -
10.0 8.5 0.4 1.1 3.0
dB 2 dB 4.0 dB
Gain flatness
f = 200 to 1000 MHz f = 800 to 1800 MHz
Noise figure
f = 200 to 1800 MHz
F
-
Input return loss
f = 200 to 1800 MHz
RLIN
9.5 12 -
Output return loss
f = 200 to 1800 MHz
RLOUT
9.5 12 -
dB
Third order intercept point
Two tone intermodulation test f1 = 806 MHz, f2 = 810 MHz P = 10 dBm ( both carriers ) 0
IP3
29 31 -
dBm
1dB gain compression
f = 200 to 1800 MHz
P1 dB
G 20 16 -
dBm
Gain control dynamic range
f = 200 to 1800 MHz
dB
Siemens Aktiengesellschaft
pg. 2/5
11.01.1996 HL EH PD 21
GaAs MMIC
Application Circuit ( f = 800 to 1800 MHz )
CGY 50
________________________________________________________________________________________________________
V V G C 3 L Input 50Ohm 1 C1 1
3
D
D
1 L 2 C 2
C
4
4
Output 50Ohm
CGY50
2
50 Ohm Microstripline
Legend of components
C1 , C2 C3 , C4 L1 , L2 D1
Chip capacitors 100 pF Chip capacitors 1 nF Discrete inductor 1 H or printed microstrip inductor Z diode 5.6 V ( type BZW 22 C5 V 6 )
Note: Operating conditions for PIN, max : RG = RL = 50 , C1, max = 220 pF, VD = 4.5 V, VG current limited < 2 mA.
Siemens Aktiengesellschaft
pg. 3/5
11.01.1996 HL EH PD 21
GaAs MMIC
CGY 50
________________________________________________________________________________________________________
Total Power Dissipation Ptot = f (TS;TA)
500
P tot [ mW ] 400
300
TS
TA 200
100
0
0
50
100 TA ; TS [ C ]
Siemens Aktiengesellschaft
pg. 4/5
11.01.1996 HL EH PD 21
GaAs MMIC
CGY 50
________________________________________________________________________________________________________
Typical Common Source S-Parameters
VG = 0V f GHz 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 Mag 0.25 0.27 0.21 0.20 0.19 0.18 0.18 0.17 0.17 0.17 0.18 0.18 0.19 0.20 0.21 0.22 0.23 0.24 0.26 0.28 S11 Ang -31 -34 -44 -54 -65 -77 -93 -103 -119 -130 -141 -152 -163 -172 179 172 162 153 148 142 Mag 3.30 3.20 3.17 3.09 3.00 2.90 2.81 2.70 2.60 2.50 2.42 2.33 2.24 2.16 2.07 2.01 1.94 1.87 1.81 1.75 VD = 4.5 V S21 Ang 164 158 150 142 134 126 118 111 103 96 94 83 77 71 65 60 54 49 43 38 Mag 0.14 0.14 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.12 0.12 0.12 0.12 0.13 0.13 0.13 0.13 0.14 0.14 0.15 Z0 = 50 S12 Ang 5.0 0.0 -2.0 -3.0 -4.0 -5.0 -5.0 -6.0 -5.0 -5.0 -4.0 -4.0 -3.0 -3.0 -2.0 -2.0 -2.0 -1.0 -1.0 -1.0 Mag 0.05 0.05 0.08 0.10 0.12 0.14 0.16 0.17 0.18 0.19 0.20 0.21 0.21 0.21 0.21 0.21 0.21 0.21 0.21 0.20 S22 Ang -144 -133 105 91 81 74 68 62 56 51 46 42 39 36 33 30 29 28 27 27
Siemens Aktiengesellschaft
pg. 5/5
11.01.1996 HL EH PD 21


▲Up To Search▲   

 
Price & Availability of Q68000-A8370

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X