Part Number Hot Search : 
1430G5LL STRF6654 2N5555 PAB333 1N5277 UPD70108 KKA6107Q MPC534
Product Description
Full Text Search
 

To Download Q68000-A4444 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs MMIC
CGY 40
________________________________________________________________________________________________________
Datasheet
* Single-stage monolithic microwave IC ( MMICamplifier ) * Application range: 100 MHz to 3 GHz * Gain: 9 dB typ. @ 1.6 GHz * Low noise figure: 2.7 dB typ. @ 1.6 GHz * Bandwidth: 3 GHz typ. @ -3 dB, VSWR < 2 : 1 * Operating voltage range: 3 to 5.5 V * Individual current control with neg. gate bias * Hermetically sealed ceramic stripline package Cerec-X
ESD: Electrostatic discharge sensitive device, observe handling precautions! Type Marking Ordering code (tape and reel) Circuit Diagram (Pin Configuration) Package 1)
CGY 40
40
Q68000-A4444
Cerec-X
Maximum ratings Drain-voltage Current control gate voltage Drain-gate voltage Input power Channel temperature Storage temperature range Total power dissipation (TS < 82C) 2) Thermal resistance Channel-soldering point 2)
Symbol
Value 5.5 -3 ... 0 8.5 16 150 -55...+150 440
Unit V V V dBm C C mW
VD VG VDG PIN TCh Tstg Ptot
RthChS
155
K/W
Note: Exceeding any of the max. ratings may cause permanent damage to the device. Appropriate handling is required to protect the electrostatic sensitive MMIC against degradation due to excess voltage or current spikes. Proper ground connection of leads 2 and 4 ( with min. inductance ) is required to achieve the guaranteed RF performance, stable operating conditions and adequate cooling.
1) Dimensions see chapter Package Outlines 2) Ts is measured on the source lead at the soldering point to the PCB. Siemens Aktiengesellschaft pg. 1/5 11.01.1996 HL EH PD 21
GaAs MMIC
Electrical Characteristics TA = 25 C, VG = 0 V, VD = 4.5 V,
CGY 40
________________________________________________________________________________________________________
RS = RL = 50 , unless otherwise specified
( for application circuit see next page ) Characteristics Drain current Power gain
f = 200 MHz f = 1800 MHz
Symbol
min -
typ 60
max 80
Unit mA dB
ID G
9.5 8 G -
10.5 9 0.4 1.1 2.5 2.8
12 10.5 dB 2 dB 4.0 dB
Gain flatness
f = 200 to 1000 MHz f = 800 to 1800 MHz
Noise figure
f = 200 to 1000 MHz f = 800 to 1800 MHz
F
-
Input return loss
f = 200 to 1000 MHz f = 800 to 1800 MHz
RLIN
13 12 12 12 9.5
Output return loss
f = 200 to 1000 MHz f = 800 to 1800 MHz
RLOUT
9.5
dB
Third order intercept point
Two tone intermodulation test f1 = 806 MHz, f2 = 810 MHz P = 10 dBm ( both carriers ) 0
IP3
31 32 -
dBm
1dB gain compression
f = 200 to 1800 MHz
P1 dB
G 30 20 18 -
dBm
Gain control dynamic range
f = 200 to 1000 MHz f = 800 to 1800 MHz
dB
Siemens Aktiengesellschaft
pg. 2/5
11.01.1996 HL EH PD 21
GaAs MMIC
Application Circuit ( f = 800 to 1800 MHz )
CGY 40
________________________________________________________________________________________________________
V V G C 3 L Input 50Ohm C1 L 2
2 3
D
D L 3 C 1 4 2
C
4
Output 50Ohm
CGY40
1
50 Ohm Microstripline
Legend of components
C1 , C2 C3 , C4 L1
L 2 , L3 D
Chip capacitors 100 pF Chip capacitors 1 nF For optimized input matching - discrete inductor: approx. 3nH, or - printed microstripline inductor: Z approx. 100 , le approx. 5 mm - discrete inductor: approx. 40 nH, as e.g. 5 turns 0.25 mm copper wire on nylon rod with M3-thread, or - printed microstripline inductor Z diode 5.6 V ( type BZW 22 C5 V 6 )
Siemens Aktiengesellschaft
pg. 3/5
11.01.1996 HL EH PD 21
GaAs MMIC
CGY 40
________________________________________________________________________________________________________
Total Power Dissipation Ptot = f (TS;TA)
500
P tot [ mW ] 400
300
TS
TA 200
100
0
0 150
50
100 TA ; TS [ C ]
Siemens Aktiengesellschaft
pg. 4/5
11.01.1996 HL EH PD 21
GaAs MMIC
CGY 40
________________________________________________________________________________________________________
Typical Common Source S-Parameters
VG = 0V f GHz 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 Mag 0.20 0.16 0.15 0.16 0.15 0.14 0.15 0.15 0.16 0.17 0.18 0.21 0.21 0.23 0.24 0.26 0.29 0.31 0.32 0.34 0.36 S11 Ang -47 -49 -60 -72 -87 -105 -124 -139 -151 -166 -176 173 163 154 146 140 136 127 123 118 115 Mag 3.32 3.24 3.17 3.09 3.02 2.95 2.88 2.82 2.75 2.69 2.62 2.56 2.48 2.40 2.32 2.24 2.15 2.05 1.94 1.83 1.80 VD = 4.5 V S21 Ang 165 158 149 141 132 124 116 107 100 93 86 80 73 67 61 55 51 44 39 34 29 Mag 0.14 0.14 0.14 0.14 0.13 0.13 0.13 0.12 0.12 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 Z0 = 50 S12 Ang 2 -2 -6 -8 -10 -12 -13 -14 -15 -15 -15 -14 -14 -14 -13 -12 -14 -12 -11 -11 -11 Mag 0.09 0.09 0.11 0.13 0.16 0.19 0.21 0.22 0.24 0.25 0.26 0.27 0.27 0.27 0.27 0.27 0.26 0.25 0.24 0.23 0.22 S22 Ang -150 148 117 97 84 76 68 60 54 48 41 37 32 28 24 20 18 17 14 10 6
Siemens Aktiengesellschaft
pg. 5/5
11.01.1996 HL EH PD 21


▲Up To Search▲   

 
Price & Availability of Q68000-A4444

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X