Part Number Hot Search : 
CS8305 ATMEG 74LCX543 HB13210 SFBDY58A GBJ10005 1N3034C 280384
Product Description
Full Text Search
 

To Download Q67040-S4521 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IGW60T120
^
TrenchStop Series
Low Loss IGBT in Trench and Fieldstop technology
* * * * * * * * Best in class TO247 Short circuit withstand time - 10s Designed for : G E - Frequency Converters - Uninterrupted Power Supply Trench and Fieldstop technology for 1200 V applications offers : - very tight parameter distribution - high ruggedness, temperature stable behavior NPT technology offers easy parallel switching capability due to positive temperature coefficient in VCE(sat) Low EMI Low Gate Charge Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/ VCE 1200V IC 60A VCE(sat),Tj=25C 1.9V Tj,max 150C Package TO-247AC
C
P-TO-247-3-1 (TO-247AC)
Type IGW60T120
Ordering Code Q67040-S4521
Maximum Ratings Parameter Collector-emitter voltage DC collector current TC = 25C TC = 90C Pulsed collector current, tp limited by Tjmax Turn off safe operating area VCE 1200V, Tj 150C Gate-emitter voltage Short circuit withstand time Power dissipation TC = 25C Operating junction temperature Storage temperature Soldering temperature, 1.6mm (0.063 in.) from case for 10s Tj Tstg -40...+150 -55...+150 260 C
1)
Symbol VCE IC
Value 1200 100 60
Unit V A
ICpul s VGE tSC Ptot
150 150 20 10 375 V s W
VGE = 15V, VCC 1200V, Tj 150C
1)
Allowed number of short circuits: <1000; time between short circuits: >1s. 1 Preliminary / Rev. 1 Jul-02
Power Semiconductors
IGW60T120
^
TrenchStop Series
Thermal Resistance Parameter Characteristic IGBT thermal resistance, junction - case Thermal resistance, junction - ambient Electrical Characteristic, at Tj = 25 C, unless otherwise specified Parameter Static Characteristic Collector-emitter breakdown voltage Collector-emitter saturation voltage V ( B R ) C E S V G E = 0V , I C = 3 .0m A VCE(sat) V G E = 15 V , I C = 60 A T j =2 5 C T j =1 2 5 C T j =1 5 0 C Gate-emitter threshold voltage Zero gate voltage collector current VGE(th) ICES I C = 2. 0m A, V C E = V G E V C E = 12 0 0V, V G E = 0V T j =2 5 C T j =1 5 0 C Gate-emitter leakage current Transconductance Integrated gate resistor IGES gfs RGint V C E = 0V , V G E =2 0 V V C E = 20 V , I C = 60 A 30 4 0.6 6.0 600 nA S 5.0 1.9 2.1 2.3 5.8 2.4 6.5 mA 1200 V Symbol Conditions Value min. typ. max. Unit RthJA TO-247AC 40 RthJC 0.33 K/W Symbol Conditions Max. Value Unit
Power Semiconductors
2
Preliminary / Rev. 1 Jul-02
IGW60T120
^
TrenchStop Series
Dynamic Characteristic Input capacitance Output capacitance Reverse transfer capacitance Gate charge Internal emitter inductance measured 5mm (0.197 in.) from case Short circuit collector current
1)
Ciss Coss Crss QGate LE IC(SC)
V C E = 25 V , V G E = 0V , f= 1 MH z V C C = 96 0 V, I C =6 0 A V G E = 15 V T O - 24 7A C V G E = 15 V ,t S C 10 s V C C = 6 0 0 V, T j = 25 C
-
3700 180 150 280 300
13 -
pF
nC nH A
Switching Characteristic, Inductive Load, at Tj=25 C Parameter IGBT Characteristic Turn-on delay time Rise time Turn-off delay time Fall time Turn-on energy Turn-off energy Total switching energy td(on) tr td(off) tf Eon Eoff Ets T j =2 5 C , V C C = 60 0 V, I C = 6 0 A, V G E = 0/ 15 V , R G = 10 , 2) L =1 8 0n H, 2) C = 3 9p F Energy losses include "tail" and diode reverse recovery. 50 44 480 80 4.3 5.2 9.5 mJ ns Symbol Conditions Value min. typ. max. Unit
Switching Characteristic, Inductive Load, at Tj=150 C Parameter IGBT Characteristic Turn-on delay time Rise time Turn-off delay time Fall time Turn-on energy Turn-off energy Total switching energy td(on) tr td(off) tf Eon Eoff Ets T j =1 5 0 C V C C = 60 0 V, I C = 6 0 A, V G E = 0/ 15 V , R G = 1 0 , 2) L =1 8 0n H, 2) C = 3 9p F Energy losses include "tail" and diode reverse recovery. 50 45 600 130 6.4 9.4 15.8 mJ ns Symbol Conditions Value min. typ. max. Unit
1) 2)
Allowed number of short circuits: <1000; time between short circuits: >1s. Leakage inductance L an d Stray capacity C due to dynamic test circuit in Figure E. 3 Preliminary / Rev. 1 Jul-02
Power Semiconductors
IGW60T120
^
TrenchStop Series
150A
100A
TC=80C TC=110C
tp=3s 10s
125A
IC, COLLECTOR CURRENT
100A
IC, COLLECTOR CURRENT
10A
50s 150s
75A
50A
Ic
Ic
1A
500s
25A
20ms DC
0A 10Hz
100Hz
1kHz
10kHz
100kHz
0,1A 1V
10V
100V
1000V
f, SWITCHING FREQUENCY Figure 1. Collector current as a function of switching frequency (Tj 150C, D = 0.5, VCE = 600V, VGE = 0/+15V, RG = 10)
VCE, COLLECTOR-EMITTER VOLTAGE Figure 2. Safe operating area (D = 0, TC = 25C, Tj 150C;VGE=15V)
350W
80A
250W 200W 150W 100W 50W 0W 25C
IC, COLLECTOR CURRENT
Ptot, POWER DISSIPATION
300W
60A
40A
20A
50C
75C
100C
125C
0A 25C
75C
125C
TC, CASE TEMPERATURE Figure 3. Power dissipation as a function of case temperature (Tj 150C)
TC, CASE TEMPERATURE Figure 4. Collector current as a function of case temperature (VGE 15V, Tj 150C)
Power Semiconductors
4
Preliminary / Rev. 1 Jul-02
IGW60T120
^
TrenchStop Series
125A
125A
IC, COLLECTOR CURRENT
100A
15V 13V
IC, COLLECTOR CURRENT
VGE=17V
VGE=17V 100A 15V 13V 75A 11V 9V 50A 7V
75A
11V 9V
50A
7V
25A
25A
0A 0V 1V 2V 3V 4V 5V 6V
0A 0V 1V 2V 3V 4V 5V 6V
VCE, COLLECTOR-EMITTER VOLTAGE Figure 5. Typical output characteristic (Tj = 25C)
VCE, COLLECTOR-EMITTER VOLTAGE Figure 6. Typical output characteristic (Tj = 150C)
VCE(sat), COLLECTOR-EMITT SATURATION VOLTAGE
125A
3,5V 3,0V 2,5V 2,0V 1,5V 1,0V 0,5V 0,0V -50C
IC=100A
IC, COLLECTOR CURRENT
100A
IC=60A
75A
IC=30A
50A
IC=15A
25A
TJ=150C 25C 0V 2V 4V 6V 8V 10V 12V
0A
0C
50C
100C
VGE, GATE-EMITTER VOLTAGE Figure 7. Typical transfer characteristic (VCE=20V)
TJ, JUNCTION TEMPERATURE Figure 8. Typical collector-emitter saturation voltage as a function of junction temperature (VGE = 15V)
Power Semiconductors
5
Preliminary / Rev. 1 Jul-02
IGW60T120
^
TrenchStop Series
td(off)
1000 ns
tf
td(off)
t, SWITCHING TIMES
100ns td(on) tr 10ns
t, SWITCHING TIMES
tf 100 ns td(on) tr 10 ns
1ns
20A
40A
60A
80A
1 ns
5
15
25
35
45
IC, COLLECTOR CURRENT Figure 9. Typical switching times as a function of collector current (inductive load, TJ=150C, VCE=600V, VGE=0/15V, RG=10, Dynamic test circuit in Figure E)
RG, GATE RESISTOR Figure 10. Typical switching times as a function of gate resistor (inductive load, TJ=150C, VCE=600V, VGE=0/15V, IC=60A, Dynamic test circuit in Figure E)
td(off)
VGE(th), GATE-EMITT TRSHOLD VOLTAGE
7V 6V 5V 4V min. 3V 2V 1V 0V -50C max. typ.
t, SWITCHING TIMES
100ns t f td(on) tr
10ns
0C
50C
100C
150C
0C
50C
100C
150C
TJ, JUNCTION TEMPERATURE Figure 11. Typical switching times as a function of junction temperature (inductive load, VCE=600V, VGE=0/15V, IC=60A, RG=10, Dynamic test circuit in Figure E)
TJ, JUNCTION TEMPERATURE Figure 12. Gate-emitter threshold voltage as a function of junction temperature (IC = 2.0mA)
Power Semiconductors
6
Preliminary / Rev. 1 Jul-02
IGW60T120
^
TrenchStop Series
30,0mJ
*) Eon and Etsinclude losses due to diode recovery
Ets*
*) Eon and Ets include losses due to diode recovery
Ets*
E, SWITCHING ENERGY LOSSES
25,0mJ
E, SWITCHING ENERGY LOSSES
20 mJ
20,0mJ
15,0mJ Eoff
15 mJ
10,0mJ
10 mJ
Eoff
5,0mJ
Eon*
Eon*
0,0mJ 20A 40A 60A 80A
5 mJ
5
15
25
35
IC, COLLECTOR CURRENT Figure 13. Typical switching energy losses as a function of collector current (inductive load, TJ=150C, VCE=600V, VGE=0/15V, RG=10, Dynamic test circuit in Figure E)
RG, GATE RESISTOR Figure 14. Typical switching energy losses as a function of gate resistor (inductive load, TJ=150C, VCE=600V, VGE=0/15V, IC=60A, Dynamic test circuit in Figure E)
16mJ
*) E on and E ts include losses due to diode recovery
E ts * 25mJ
*) Eon and Ets include losses due to diode recovery
E, SWITCHING ENERGY LOSSES
14mJ 12mJ 10mJ 8mJ 6mJ 4mJ E off
E, SWITCHING ENERGY LOSSES
20mJ
15mJ
Ets*
10mJ
E on*
Eoff
5mJ Eon* 50C 100C 150C 400V 500V 600V 700V 800V
TJ, JUNCTION TEMPERATURE Figure 15. Typical switching energy losses as a function of junction temperature (inductive load, VCE=600V, VGE=0/15V, IC=60A, RG=10, Dynamic test circuit in Figure E)
VCE, COLLECTOR-EMITTER VOLTAGE Figure 16. Typical switching energy losses as a function of collector emitter voltage (inductive load, TJ=150C, VGE=0/15V, IC=60A, RG=10, Dynamic test circuit in Figure E)
Power Semiconductors
7
Preliminary / Rev. 1 Jul-02
IGW60T120
^
TrenchStop Series
Ciss
VGE, GATE-EMITTER VOLTAGE
15V
1nF
240V 10V
960V
c, CAPACITANCE
Coss 100pF Crss
5V
0V
0nC
100nC
200nC
300nC
10pF
0V
10V
20V
QGE, GATE CHARGE Figure 17. Typical gate charge (IC=60 A)
VCE, COLLECTOR-EMITTER VOLTAGE Figure 18. Typical capacitance as a function of collector-emitter voltage (VGE=0V, f = 1 MHz)
tSC, SHORT CIRCUIT WITHSTAND TIME
15s
IC(sc), short circuit COLLECTOR CURRENT
12V 14V
400A
10s
300A
200A
5s
100A
0s
0A
12V
14V
16V
18V
VGE, GATE-EMITTETR VOLTAGE Figure 19. Short circuit withstand time as a function of gate-emitter voltage (VCE=600V, start at TJ=25C)
VGE, GATE-EMITTETR VOLTAGE Figure 20. Typical short circuit collector current as a function of gateemitter voltage (VCE 600V, Tj 150C)
Power Semiconductors
8
Preliminary / Rev. 1 Jul-02
IGW60T120
^
TrenchStop Series
VCE, COLLECTOR-EMITTER VOLTAGE
VCE
IC, COLLECTOR CURRENT
600V 90A
90A
600V
400V
60A
60A
IC
400V
200V
30A
30A
200V
0V
IC
0us 0.5us 1us 1.5us
VCE
0A
0A 0us
0V 0.5us 1us 1.5us
t, TIME Figure 21. Typical turn on behavior (VGE=0/15V, RG=10, Tj = 150C, Dynamic test circuit in Figure E)
t, TIME Figure 22. Typical turn off behavior (VGE=15/0V, RG=10, Tj = 150C, Dynamic test circuit in Figure E)
ZthJC, TRANSIENT THERMAL RESISTANCE
D=0.5 10 K/W
-1
0.2 0.1 0.05
R,(K/W) 0.2003 0.0776 0.0469 0.0053
10 K/W
-2
0.02 0.01
, (s)= 7.98*10-2 3.86*10-3 4.44*10-4 4.87*10-5
R2
single pulse 1 R
C 1 = 1 /R 1
C 2 = 2 /R 2
10 K/W 10s
-3
100s
1ms
10ms
100ms
tP, PULSE WIDTH Figure 23. IGBT transient thermal resistance (D = tp / T)
Power Semiconductors
9
Preliminary / Rev. 1 Jul-02
IGW60T120
^
TrenchStop Series
TO-247AC
symbol
dimensions
[mm] min max 5.28 2.51 2.29 1.32 2.06 3.18 21.16 16.15 5.72 20.68 4.930 6.22 min 4.78 2.29 1.78 1.09 1.73 2.67 20.80 15.65 5.21 19.81 3.560 6.12
[inch] max 0.2079 0.0988 0.0902 0.0520 0.0811 0.1252 0.8331 0.6358 0.2252 0.8142 0.1941 0.2449 0.1882 0.0902 0.0701 0.0429 0.0681 0.1051 0.8189 0.6161 0.2051 0.7799 0.1402 0.2409
A B C D E F G H K L M N
P
0.76 max
0.0299 max
3.61
0.1421
Q
Power Semiconductors
10
Preliminary / Rev. 1 Jul-02
IGW60T120
^
TrenchStop Series
1
Tj (t) p(t)
r1
r2
2
n
rn
r1
r2
rn
Figure A. Definition of switching times
TC
Figure D. Thermal equivalent circuit
Figure B. Definition of switching losses
Figure E. Dynamic test circuit Leakage inductance L =180nH an d Stray capacity C =39pF.
Power Semiconductors
11
Preliminary / Rev. 1 Jul-02
IGW60T120
^
TrenchStop Series
Published by Infineon Technologies AG, Bereich Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 2001 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Power Semiconductors
12
Preliminary / Rev. 1 Jul-02


▲Up To Search▲   

 
Price & Availability of Q67040-S4521

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X