Part Number Hot Search : 
3415B L7915 JMF616 SMCJ28 BD946 BU2527AX 051F0 GS816
Product Description
Full Text Search
 

To Download Q62702-F534 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF 506
PNP Silicon RF Transistor
q
BF 506
For VHF mixer and oscillator stages
2 1 3
Type BF 506
Marking -
Ordering Code Q62702-F534
Pin Configuration 1 2 3 C B E
Package1) TO-92
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation, TA 45 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient Rth JA
Symbol VCE0 VCB0 VEB0 IC IB Ptot Tj Tstg
Values 35 40 4 30 5 300 150 - 55 ... + 150
Unit V
mA mW C
350
K/W
1)
For detailed information see chapter Package Outlines.
Semiconductor Group
1
BF 506
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage IC = 2 mA Collector-base breakdown voltage IC = 10 A Emitter-base breakdown voltage IE = 10 A Collector cutoff current VCB = 20 V DC current gain IC = 3 mA, VCE = 10 V AC Characteristics Transition frequency IC = 2 mA, VCE = 10 V, f = 100 MHz Collector-emitter capacitance VCB = 10 V, VBE = 0 V, f = 1 MHz Noise figure IC = 2 mA, VCB = 10 V, f = 200 MHz RS = 60 fT Cce F - - - 550 0.12 3 - - - MHz V dB V(BR) CE0 V(BR) CB0 V(BR) EB0 ICB0 hFE 35 40 4 - 25 - - - - - - - - 100 - nA - V Values typ. max. Unit
Semiconductor Group
2


▲Up To Search▲   

 
Price & Availability of Q62702-F534

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X