Part Number Hot Search : 
NTE5609 25ETTS C18F25 A472G CHUMH2PT 311YH 3NQ10 SKKH253
Product Description
Full Text Search
 

To Download Q62702-F1611 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFP 81
NPN Silicon RF Transistor * For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.
ESD: Electrostatic discharge sensitive device, observe handling precaution! Type Marking Ordering Code Pin Configuration BFP 81 FAs Q62702-F1611 1=C 2=E 3=B 4=E
Package SOT-143
Maximum Ratings Parameter Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation Symbol Values 16 25 25 2 30 4 mW 280 150 - 65 ... + 150 - 65 ... + 150 275 C mA Unit V
VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg
1)
TS 73 C
Junction temperature Ambient temperature Storage temperature Thermal Resistance Junction - soldering point
RthJS
K/W
1) TS is measured on the collector lead at the soldering point to the pcb.
Semiconductor Group
1
Dec-11-1996
BFP 81
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
16 120 -
V A 100 nA 100 A 10 50 200
IC = 1 mA, IB = 0
Collector-emitter cutoff current
ICES ICBO IEBO hFE
VCE = 25 V, VBE = 0
Collector-base cutoff current
VCB = 10 V, IE = 0
Emitter-base cutoff current
VEB = 2 V, IC = 0
DC current gain
IC = 15 mA, VCE = 8 V
Semiconductor Group
2
Dec-11-1996
BFP 81
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. AC Characteristics Transition frequency Values typ. max. Unit
fT
4.5 5.8 0.3 0.29 0.9 -
GHz pF 0.5 dB 1.45 2.2 -
IC = 15 mA, VCE = 8 V, f = 500 MHz
Collector-base capacitance
Ccb Cce
-
VCB = 10 V, f = 1 MHz
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Emitter-base capacitance
Ceb
-
VEB = 0.5 V, f = 1 MHz
Noise figure
F
IC = 5 mA, VCE = 8 V, ZS = ZSopt f = 900 MHz f = 1.8 GHz
Power gain
2)
Gma
IC = 15 mA, VCE = 8 V, ZS = ZSopt ZL = ZLopt f = 900 MHz f = 1.8 GHz
Transducer gain |S21e|2 15.5 9.5 21 13.5 -
IC = 15 mA, VCE = 8 V, ZS =ZL= 50 f = 900 MHz f = 1.8 GHz
2) Gma = |S21/S12| (k-(k2-1)1/2)
Semiconductor Group
3
Dec-11-1996
BFP 81
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) : Transistor Chip Data IS = 17.03 fA VAF = NE = VAR = NC = RBM = CJE = TF = ITF = VJC = TR = MJS = XTI = 35 1.0668 2.3785 1.2237 1.5489 33.977 21.842 14.701 0.26339 1.2554 0 3 V V fF ps mA V ns -
BF = IKF = BR = IKR = RB = RE = VJE = XTF = PTF = MJC = CJS = XTB = FC =
110 0.22241 25.974 5.7058 1.1731 0.4318 0.26781 0 0.24448 0 0 0.74346
A V deg fF -
NF = ISE = NR = ISC = IRB = RC = MJE = VTF = CJC = XCJC = VJS = EG = TNOM
0.80846 5.8728 0.36321 169.77 0.11894 0.3715 1.7707 0.48042 693.81 0.1254 0.75 1.11 300
fA fA mA V fF V eV K
0.011566 A
All parameters are ready to use, no scalling is necessary. Extracted on behalf of SIEMENS Small Signal Semiconductors by: Institut fur Mobil-und Satellitenfunktechnik (IMST) (c) 1996 SIEMENS AG
Package Equivalent Circuit: LBI = LBO = LEI = LEO = LCI = LCO = CBE = CCB = CCE = 0.89 0.73 0.4 0.15 0 0.42 189 15 187 nH nH nH nH nH nH fF fF fF
Valid up to 6 GHz For examples and ready to use parameters please contact your local Siemens distributor or sales office to obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm
Semiconductor Group
4
Dec-11-1996
BFP 81
Total power dissipation Ptot = f (TA*, TS)
* Package mounted on epoxy
300
mW
Ptot
200
TS
TA
150
100
50
0 0 20 40 60 80 100 120 C 150 TA ,TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load Ptotmax/PtotDC = f (tp)
10 3
10 2
RthJS
K/W
Ptotmax/P totDC D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 2 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10 1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
5
Dec-11-1996
BFP 81
Collector-base capacitance Ccb = f (VCB) VBE = vbe = 0, f = 1MHz
Transition frequency fT = f (IC)
VCE = Parameter
0.9 pF
6.0 GHz 5.0 5V 2V
Ccb
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 4 8 12 16 V VR 22
fT
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 5 10 15 20 25
1V
0.7V
mA IC
35
Power Gain Gma, Gms = f(IC)
f = 0.9GHz VCE = Parameter
22 dB
Power Gain Gma, Gms = f(IC)
f = 1.8GHz VCE = Parameter
14 10V 5V 3V 2V 10V 5V dB 3V 2V
G
18 16 14 12 10 8
G
10
8
6 1V 4 1V
2 6 4 2 0 5 10 15 20 25 mA IC 35 0.7V 0 0.7V -2 0 5 10 15 20 25 mA IC 35
Semiconductor Group
6
Dec-11-1996
BFP 81
Power Gain Gma, Gms = f(VCE):_____
|S21 |2 = f(VCE):---------
Intermodulation Intercept Point IP3=f(IC)
(3rd order, Output, ZS=ZL=50)
f = Parameter
22
VCE = Parameter, f = 900MHz
26
IC=15mA
dB
0.9GHz
8V dBm 5V 3V
G
18 16 14 12 10 8 1.8GHz 0.9GHz 1.8GHz
IP3
22 20 18 16 14 12 1V 10 8 2V
6 4 0 2 4 6 8 V 12
6 4 0 4 8 12 16 20 24 28 mA 34 IC
V CE
Power Gain Gma, Gms = f(f)
VCE = Parameter
34
Power Gain |S21|2= f(f)
VCE = Parameter
30
IC=15mA
dB dB
IC=15mA
G
26
S21
20 22
18
15
14 10 10 10V 2V 6 2 0.0 1V 0.7V 0.5 1.0 1.5 2.0 2.5 GHZ f 3.5 0 0.0 0.5 1.0 1.5 2.0 5 0.7V 2.5 10V 2V 1V 3.5
GHz f
Semiconductor Group
7
Dec-11-1996


▲Up To Search▲   

 
Price & Availability of Q62702-F1611

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X