![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BFG 196 NPN Silicon RF Transistor * For low noise, low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5GHz at collector currents from 20mA to 80mA * Power amplifier for DECT and PCN systems * fT = 7.5GHz F = 1.5 dB at 900MHz ESD: Electrostatic discharge sensitive device, observe handling precaution! Type Marking Ordering Code Pin Configuration BFG 196 BFG196 Q62702-F1292 1=E 2=B 3=E 4=C Package SOT-223 Maximum Ratings Parameter Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation Symbol Values 12 20 20 2 100 12 mW 800 150 - 65 ... + 150 - 65 ... + 150 75 C mA Unit V VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg 1) TS 90 C Junction temperature Ambient temperature Storage temperature Thermal Resistance Junction - soldering point RthJS K/W 1) TS is measured on the collector lead at the soldering point to the pcb. Semiconductor Group 1 Dec-13-1996 BFG 196 Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit V(BR)CEO 12 100 - V A 100 nA 100 A 1 50 200 IC = 1 mA, IB = 0 Collector-emitter cutoff current ICES ICBO IEBO hFE VCE = 20 V, VBE = 0 Collector-base cutoff current VCB = 10 V, IE = 0 Emitter-base cutoff current VEB = 1 V, IC = 0 DC current gain IC = 50 mA, VCE = 8 V Semiconductor Group 2 Dec-13-1996 BFG 196 Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. AC Characteristics Transition frequency Values typ. max. Unit fT 5 7.5 0.97 0.4 4 - GHz pF 1.4 dB 1.5 2.5 - IC = 70 mA, VCE = 8 V, f = 500 MHz Collector-base capacitance Ccb Cce - VCB = 10 V, f = 1 MHz Collector-emitter capacitance VCE = 10 V, f = 1 MHz Emitter-base capacitance Ceb - VEB = 0.5 V, f = 1 MHz Noise figure F IC = 20 mA, VCE = 8 V, ZS = ZSopt f = 900 MHz f = 1.8 GHz Power gain 2) Gma IC = 50 mA, VCE = 8 V, ZS = ZSopt ZL = ZLopt f = 900 MHz f = 1.8 GHz Transducer gain |S21e|2 11.5 6 14 8.5 - IC = 50 mA, VCE = 8 V, ZS =ZL= 50 f = 900 MHz f = 1.8 GHz 2) Gma = |S21/S12| (k-(k2-1)1/2) Semiconductor Group 3 Dec-13-1996 BFG 196 Total power dissipation Ptot = f (TA*, TS) * Package mounted on epoxy 900 mW Ptot 700 600 500 400 300 200 100 0 0 20 40 60 80 100 120 C 150 TA ,TS TS TA Permissible Pulse Load RthJS = f (tp) Permissible Pulse Load Ptotmax/PtotDC = f (tp) 10 2 10 2 RthJS K/W P totmax/PtotDC D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 10 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0 10 1 10 0 -7 10 10 -6 10 -5 10 -4 10 -3 10 -2 10 s 10 tp -1 0 10 0 -7 10 10 -6 10 -5 10 -4 10 -3 10 -2 10 s 10 tp -1 0 Semiconductor Group 4 Dec-13-1996 BFG 196 Collector-base capacitance Ccb = f (VCB) VBE = vbe = 0, f = 1MHz Transition frequency fT = f (IC) VCE = Parameter 1.8 pF 9 GHz 10V Ccb 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 4 8 12 16 V VR 22 fT 5V 3V 2V 7 6 5 4 3 1V 0.7V 2 1 0 0 20 40 60 80 mA IC 120 Power Gain Gma, Gms = f(IC) f = 0.9GHz VCE = Parameter 15 dB 10V 5V 3V Power Gain Gma, Gms = f(IC) f = 1.8GHz VCE = Parameter 10 dB G 13 12 11 10 9 8 G 2V 8 5V 3V 2V 7 6 1V 5 1V 4 7 6 5 0 20 40 60 80 0.7V 3 0.7V 2 mA IC 120 0 20 40 60 80 mA IC 120 Semiconductor Group 5 Dec-13-1996 BFG 196 Power Gain Gma, Gms = f(VCE):_____ |S21 |2 = f(VCE):--------- Intermodulation Intercept Point IP3=f(IC) (3rd order, Output, ZS=ZL=50) f = Parameter 16 VCE = Parameter, f = 900MHz 42 IC=50mA dB 0.9GHz dBm 38 8V G 12 0.9GHz IP 3 36 5V 34 32 10 1.8GHz 8 30 28 26 3V 6 1.8GHz 24 22 2V 4 20 2 0 0 2 4 6 8 V 12 18 16 14 0 1V 20 40 60 80 V CE mA IC 120 Power Gain Gma, Gms = f(f) VCE = Parameter 32 dB 28 Power Gain |S21|2= f(f) VCE = Parameter 30 IC=50mA dB IC=50mA G 26 24 22 20 18 16 S21 20 15 10 14 12 10 8 6 4 2 0.0 10V 1V 0.7V 0.5 1.0 1.5 2.0 2.5 GHz f 3.5 0 5 10V 1V 0.7V -5 0.0 0.5 1.0 1.5 2.0 2.5 GHz f 3.5 Semiconductor Group 6 Dec-13-1996 |
Price & Availability of Q62702-F1292
![]() |