Part Number Hot Search : 
M29F002 N4150 3SBP3 KIA6901F 4CBTLV3 MT8889 SMBJ51CA IDT54
Product Description
Full Text Search
 

To Download Q62702-B592 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BB 831
Silicon Variable Capacitance Diode Preliminary data * Frequency range up to 2 GHz special design for use in TV-sat indoor units
Type BB 831
Marking white T
Ordering Code Q62702-B592
Pin Configuration 1=C 2=A
Package SOD-323
Maximum Ratings Parameter Diode reverse voltage Peak reverse voltage (R 5k ) Forward current Operating temperature range Storage temperature Symbol VR VRM IF Top Tstg Value 30 35 20 -55 ...+125 -55 ...+150 mA C Unit V
Semiconductor Group
1
Aug-03-1998
BB 831
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter DC characteristics Reverse current VR = 30 V Reverse current VR = 30 V, TA = 85 C IR 500 IR 20 nA Symbol min. Values typ. max. Unit
AC characteristics Diode capacitance VR = 1 V, f = 1 MHz VR = 28 V, f = 1 MHz Capacitance ratio VR = 1 V, VR = 28 V, f = 1 MHz Capacitance matching VR = 1 V, VR = 28 V, f = 1 MHz Series resistance VR = 1 V, f = 100 MHz Series inductance Ls 1.8 nH rs 1 CT1 /CT28 CT /CT CT 7.8 0.85 7.8 8.8 1.02 8.6 9.8 1.2 9.5 3 % pF
1) In-line matching. For details please refer to Application Note 047
Semiconductor Group
2
Aug-03-1998
BB 831
Diode capacitance CT = f (VR ) f = 1MHz
Semiconductor Group
3
Aug-03-1998


▲Up To Search▲   

 
Price & Availability of Q62702-B592

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X