Part Number Hot Search : 
KBPC351 2012A SK09H06 00152 IMP1815 KBPC351 HD66760 S3C9452
Product Description
Full Text Search
 

To Download Q62702-B257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Tuning Varactors
BBY 34 C BBY 34 D
q q q
Hyperabrupt junction tuning diode Frequency linear tuning range 4 ... 12 V High figure of merit
Type BBY 34 C BBY 34 D
Marking -
Ordering Code Q62702-B257 Q62702-B194
Pin Configuration
Package1) D
Maximum Ratings Parameter Reverse voltage Forward current Junction temperature Storage temperature range Operating temperature range Symbol VR IF Tj Tstg Top Values 22 400 175 - 55 ... + 150 - 55 ... + 150 Unit V mA C
1)
For detailed information see chapter Package Outlines.
BBY 34 C BBY 34 D
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. BBY 34 C Reverse current VR = 20 V Diode capacitance VR = 2 V, f = 1 MHz VR = 10 V, f = 1 MHz Capacitance ratio VR1 = 2 V, VR2 = 20 V Figure of merit VR = 4 V, f = 50 MHz BBY 34 D Reverse current VR = 20 V Diode capacitance VR = 4 V, f = 1 MHz Capacitance ratio VR1 = 4 V, VR2 = 20 V Figure of merit VR = 4 V, f = 50 MHz IR CT CT4 CT20 Q - 3.2 2.7 400 - - - - 10 3.8 - - nA pF - - IR CT 3.4 - CT2 CT20 Q 4.3 400 - - - - - 1.7 - - - - - - 10 nA pF Values typ. max. Unit


▲Up To Search▲   

 
Price & Availability of Q62702-B257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X