Part Number Hot Search : 
MUR1030D MMBT2907 SSD2025 MAX85 0F1TR P6KE22CA SC101 AD8618AR
Product Description
Full Text Search
 

To Download PZTA14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PZTA14
Darlington NPN Silicon Planar Epitaxial Transistor
P b Lead(Pb)-Free
BASE 1 COLLECTOR 2, 4 4
1. BASE 2.COLLECTOR 3.EMITTER 4.COLLECTOR
1
2
3
3 EMITTER
SOT-223
ABSOLUTE MAXIMUM RATINGS (Ta=25 C)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current (DC) Total Device Disspation TA=25C Junction Temperature Storage, Temperature Symbol VCEO VCBO VEBO IC(DC) PD Tj Tstg Value 30 30 10 300 2 150 -55 to +150 Unit V V V mA W C C
Device Marking
PZTA14=A14
ELECTRICAL CHARACTERISTICS
Characteristics
Collector-Emitter Breakdown Voltage (IC = 1mA , IB=0)
Symbol V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO
Min
30
Max 100 100
Unit V V V nA nA
Collector-Base Breakdown Voltage (IC =100A , IE=0) Emitter-Base Breakdown Voltage (IE = 10 A , IC=0) Collector-Base Cutoff Current (VCB = 30V) Emitter-Base Cutoff Current (VEB = 10Vdc , I C=0)
30 10 -
NOTE: 1.Device mounted on an epoxy printed circuit board 1.575 inches 1.575 inches 0.059 inches; mounting pad for the collector lead min. 0.93 inches.2
WEITRON
http://www.weitron.com.tw
1/4
22-Sep-05
PZTA14
ELECTRICALCHARACTERISTICS- Continued
(T A = 25 C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(I C =10 mA, VCE = 5 V) (I C = 100 mA, V CE = 5 V) hFE1 hFE2 V CE(sat) 10K 20K 1.5 -
Collector-Emitter Saturation Voltage
(I C = 100 mA, I B = 0.1 mA)
V
Base-Emitter Saturation Voltage
(I C = 100mA, V CE = 5 V)
V BE( on)
-
-
2
V
DYNAMIC CHARACTERISTICS
Current-Gain-Bandwidth Product
(I C = 10 mA, V CE = 5V, f = 100 MHz)
fT
125
-
-
MHz
WEITRON
http://www.weitron.com.tw
2/4
22-Sep-05
PZTA14
Characieristics Curve
100000
VCE=5V
1
Saturation Voltage (V)
VCE(sat)@IC = 1000IB
hFE
10000
1000 0.1
1
10
100
1000
0.1
1
10
100
1000
Collector Current (mA)
Collector Current (mA)
Fig.1 Current Gain & Collector Current
Fig.2 Saturation Voltage & Collector Current
10
1000
Cutoff Frequence (MHz)
On Voltage (mV)
VCE = 5V
1
VBE(on)@VCE = 5V
100
0.1 0.01
0.1
1
10
100
1000
10
1
10
100
1000
Collector Current (mA)
Collector Current (mA)
Fig.3 On Voltage & Collector Current
Fig.4 Cutoff Frequency & Collector Current
10
10000
PT = 1ms
Collector Current (mA)
Capacitance (pF)
1000
PT = 100ms PT = 1s
100
Cob
10
1
0.1
1
10
100
1
1
10
100
Reverse-Biased Voltage (V)
Forward Biased Voltage (V)
Fig.5 Capacitance & Reverse-Biased Voltage
Fig.6 Safe Operating Area
WEITRON
http://www.weitron.com.tw
3/4
22-Sep-05
PZTA14
SOT-223 Outline Dimensions
unit:mm
A F
DIM
MILLIMETERS MIN MAX
4
S
1 2 3
B
D L G C H M K J
A B C D F G H J K L M S
6.30 3.30 1.50 0.60 2.90 2.20 0.020 0.24 1.50 0.85 0 6.70
6.70 3.70 1.75 0.89 3.20 2.40 0.100 0.35 2.00 1.05 10 7.30
WEITRON
http://www.weitron.com.tw
4/4
22-Sep-05


▲Up To Search▲   

 
Price & Availability of PZTA14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X