Part Number Hot Search : 
1N4592 RG4BC P2000B 2G40UM MLL5921D 2152A5 UPD42232 3C472K
Product Description
Full Text Search
 

To Download PZT2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PN2222A
MMBT2222A
C
PZT2222A
C
E
E C
TO-92
EBC
SOT-23
Mark:1P
B
SOT-223
B
NPN General Purpose Amplifier
* This device is for use as a medium power amplifier and switch requiring collector currents up to 500mA. * Sourced from process 19.
Absolute Maximum Ratings * Ta=25C unless otherwise noted
Symbol VCEO VCBO VEBO IC TSTG Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Operating and Storage Junction Temperature Range Value 40 75 6.0 1.0 - 55 ~ 150 Units V V V A C
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
Electrical Characteristics Ta=25C unless otherwise noted
Symbol Off Characteristics BV(BR)CEO BV(BR)CBO BV(BR)EBO ICEX ICBO IEBO IBL hFE Parameter Test Condition IC = 10mA, IB = 0 IC = 10A, IE = 0 IE = 10A, IC = 0 VCE = 60V, VEB(off) = 3.0V VCB = 60V, IE = 0 VCB = 60V, IE = 0, Ta = 125C VEB = 3.0V, IC = 0 VCE = 60V, VEB(off) = 3.0V IC = 0.1mA, VCE = 10V IC = 1.0mA, VCE = 10V IC = 10mA, VCE = 10V IC = 10mA, VCE = 10V, Ta = -55C IC = 150mA, VCE = 10V * IC = 150mA, VCE = 10V * IC = 500mA, VCE = 10V * IC = 150mA, VCE = 10V IC = 500mA, VCE = 10V IC = 150mA, VCE = 10V IC = 500mA, VCE = 10V 0.6 35 50 75 35 100 50 40 Min. 40 75 6.0 10 0.01 10 10 20 Max. Units V V V nA A A A A Collector-Emitter Breakdown Voltage * Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current Base Cutoff Current DC Current Gain
On Characteristics
300
VCE(sat) VBE(sat)
Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage *
0.3 1.0 1.2 2.0
V V V V
* Pulse Test: Pulse Width 300s, Duty Cycle 2.0%
(c)2004 Fairchild Semiconductor Corporation
Rev. A1, August 2004
Electrical Characteristics Ta=25C unless otherwise noted
Symbol Parameter Small Signal Characteristics fT Cobo Cibo rb'Cc NF Re(hie) Current Gain Bandwidth Product Output Capacitance Input Capacitance Collector Base Time Constant Noise Figure Real Part of Common-Emitter High Frequency Input Impedance Delay Time Rise Time Storage Time Fall Time
(Continued)
Test Condition IC = 20mA, VCE = 20V, f = 100MHz VCB = 10V, IE = 0, f = 1MHz VEB = 0.5V, IC = 0, f = 1MHz IC = 20mA, VCB = 20V, f = 31.8MHz IC = 100A, VCE = 10V, RS = 1.0K, f = 1.0KHz IC = 20mA, VCE = 20V, f = 300MHz
Min. 300
Max.
Units MHz
8.0 25 150 4.0 60
pF pF pS dB
Switching Characteristics td tr ts tf VCC = 30V, VEB(off) = 0.5V, IC = 150mA, IB1 = 15mA VCC = 30V, IC = 150mA, IB1 = IB2 = 15mA 10 25 225 60 ns ns ns ns
Thermal Characteristics Ta=25C unless otherwise noted
Symbol PD RJC RJA Parameter Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Max. PN2222A 625 5.0 83.3 200 357 125 *MMBT2222A 350 2.8 **PZT2222A 1,000 8.0 Units mW mW/C C/W C/W
* Device mounted on FR-4 PCB 1.6" x 1.6" x 0.06". ** Device mounted on FR-4 PCB 36mm x 18mm x 1.5mm; mounting pad for the collector lead min. 6cm2.
Spice Model
NPN (Is = 14.34f Xti = 3 Eg = 1.11 Vaf = 74.03 Bf = 255.9 Ne = 1.307 Ise = 14.34 Ikf = .2847 Xtb = 1.5 Br = 6.092 Isc = 0 Ikr = 0 Rc = 1 Cjc = 7.306p Mjc = .3416 Vjc = .75 Fc = .5 Cje = 22.01p Mje = .377 Vje = .75 Tr = 46.91n Tf = 411.1p Itf = .6 Vtf = 1.7 Xtf = 3 Rb = 10)
(c)2004 Fairchild Semiconductor Corporation
Rev. A1, August 2004
Typical Characteristics
V CESAT - COLLECTOR-EMITTER VOLTAGE (V)
h FE - TYPICAL PULSED CURRENT GAIN
500
V CE = 5V
0.4
= 10
400 300 200
25 C 125 C
0.3
125C 25 C
0.2
100
- 40 C
0.1
- 40 C
0 0.1
0.3
1 3 10 30 100 I C - COLLECTOR CURRENT (mA)
300
1
10 100 I C - COLLECTOR CURRENT (mA)
500
Figure 1. Typical Pulsed Current Gain vs Collector Current
Figure 2. Collector-Emitter Saturation Voltage vs Collector Current
V BE(ON) - BASE-EMITTER ON VOLTAGE (V)
V BESAT- BASE-EMITTER VOLTAGE (V)
1
VCE = 5V
1
= 10
- 40 C
0.8
- 40 C 25 C
0.8
25 C 125 C
0.6
125 C
0.6
0.4
0.4
1 10 100 I IC - COLLECTOR CURRENT (mA) C 500
0.2 0.1
1 10 I IC - COLLECTOR CURRENT (mA) C
25
Figure 3. Base-Emitter Saturation Voltage vs Collector Current
Figure 4. Base-Emitter On Voltage vs Collector Current
I CBO - COLLECTOR CURRENT (nA)
500 100 10 1 0.1
V
CB
= 40V
20
f = 1 MHz
CAPACITANCE (pF)
16 12
C te
8
C ob
4
25
50 75 100 125 T A - AMBIENT TEMPERATURE (C)
150
0.1
1 10 REVERSE BIAS VOLTAGE (V)
100
Figure 5. Collector Cutoff Current vs Ambient Temperature
Figure 6. Emitter Transition and Output Capacitance vs Reverse Bias Voltage
(c)2004 Fairchild Semiconductor Corporation
Rev. A1, August 2004
Typical Characteristics
400
I B1 = I B2 =
Ic 10
400
I B1 = I B2 =
320
V cc = 25 V
Ic 10
320
V cc = 25 V
TIME (nS)
TIME (nS)
240 160
t off
240 160 80
tf td
ts tr
80
t on
0 10
100 I CC - COLLECTOR CURRENT (mA) I
1000
0 10
100 I CC - COLLECTOR CURRENT (mA) I
1000
Figure 7. Turn On and Turn Off Times vs Collector Current
Figure 8. Switching Times vs Collector Current
CHAR. RELATIVE TO VALUES AT I C= 10mA
1 PD - POWER DISSIPATION (W)
8
V CE = 10 V T A = 25oC
0.75
SOT-223 TO-92
6
h oe
0.5
SOT-23
4
h re
0.25
2
h fe h ie
0
0
0
25
50 75 100 o TEMPERATURE ( C)
125
150
0
10
20 30 40 50 I C - COLLECTOR CURRENT (mA)
60
Figure 9. Power Dissipation vs Ambient Temperature
Figure 10. Common Emitter Characteristics
CHAR. RELATIVE TO VALUES AT VCE= 10V
CHAR. RELATIVE TO VALUES AT TA = 25oC
2.4 2 1.6 1.2 0.8 0.4 0
V CE = 10 V I C = 10 mA
1.3 1.25 1.2 1.15 1.1 1.05 1 0.95 0.9 0.85 0.8 0.75 0 5
h re
h ie h fe h oe
I C = 10 mA T A = 25oC
h fe
h ie
h re
h oe
0
20 40 60 80 T A - AMBIENT TEMPERATURE (o C)
100
10 15 20 25 30 VCE - COLLECTOR VOLTAGE (V)
35
Figure 11. Common Emitter Characteristics
Figure 12. Common Emitter Characteristics
(c)2004 Fairchild Semiconductor Corporation
Rev. A1, August 2004
Package Dimensions
TO-92
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. A1, August 2004
Package Dimensions (Continued)
SOT-23
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. A1, August 2004
Package Dimensions (Continued)
SOT-223
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. A1, August 2004
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM
ActiveArrayTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM
Power247TM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM
SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) VCXTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems 2. A critical component is any component of a life support which, (a) are intended for surgical implant into the body, device or system whose failure to perform can be or (b) support or sustain life, or (c) whose failure to perform reasonably expected to cause the failure of the life support when properly used in accordance with instructions for use device or system, or to affect its safety or effectiveness. provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2004 Fairchild Semiconductor Corporation
Rev. I11


▲Up To Search▲   

 
Price & Availability of PZT2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X