Part Number Hot Search : 
1N414 HMC1105 43020 43020 A1512 HAT2099H 48000 00BGXI
Product Description
Full Text Search
 

To Download PZ5LU-153R3E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
MZ SERIES PZ5LUxxxxE 3 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7
Available Inputs:
5, 12 and 15 VDC
Available Outputs:
3.3, 5, 12 and 15 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Resistance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions Case material +/- 10 % Capacitors 3000 VDC 1000 MOhm +/- 5 %, max. 100 mV p-p, max. Momentary +/- 1.2 % 1% Vin +/- 8 % max. , Load 20 % - 100 % +/- 0,02 % / C 70 % min. 100 KHz, typ. - 20 C to + 71 C - 25 C to + 125 C See graph Up to 90 %, non condensing Free air convection 19.50 x 6.00 x 9.60 mm 0.76 x 0.24 x 0.37 inches Non conductive black plastic
Examples of Partnumbers
PART NO. INPUT VOLTAGE (VDC) OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA)
PZ5LU-053R3E PZ5LU-0505E PZ5LU-0512E PZ5LU-0515E PZ5LU-123R3E PZ5LU-1205E PZ5LU-1212E PZ5LU-1215E PZ5LU-153R3E PZ5LU-1505E PZ5LU-1512E PZ5LU-1515E
5 5 5 5 12 12 12 12 15 15 15 15
3.3 5 12 15 3.3 5 12 15 3.3 5 12 15
227 150 63 50 227 150 63 50 227 150 63 50
MZ SERIES
PZ5LUxxxxE 1 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 71
Pin # 1 2 5 6 7
0.75 W
Safe Operating Area
Connection Single + V Input - V Input - V Output Omitted + V Output
-20
0
40
80
100
Specification can be changed without notice.
REV:2 / 09.2001
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of PZ5LU-153R3E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X