Part Number Hot Search : 
PDTC14 1N30B MCZ33 0CTQ1 4MPXX AD5539SQ BC847 1N30B
Product Description
Full Text Search
 

To Download PX1002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
PX1002 86.85 MHz SAW Filter
Value +10 30 -40 to +85 260C for 30 s Units dBm VDC C
* * * * * *
Designed for TDMA IS-54 Receiver IF Applications Low Insertion Loss Excellent Selectivity Hermetic 13.3 X 6.5 mm Surface-Mount Case Unbalanced Input and Output Pb Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating Maximum Incident Power in Passband Max. DC voltage between any 2 terminals Storage Temperature Range Suitable for lead-free soldering - Max Soldering Profile
SM13365-12
Electrical Characteristics
Characteristic Nominal Center Frequency Passband Insertion Loss at fc 3 dB Passband Amplitude Ripple over fc 15 kHz Group Delay Variation over fc 10 kHz Third-Order Intermod. for -20 dBm tones at fc 60 & 120 kHz Rejection fc 60 kHz fc -880 kHz to fc -940 kHz Ultimate Operating Temperature Range Impedance Matching to 50 unbalanced Case Style Lid Symbolization (YY=year, WW=week) See note 4 TA 1 -20 External L-C SM13365-12 13.3 X 6.5 mm Nominal Footprint RFM PX1002 YYWW 1, 2, 3 11 65 65 +70 C 16 dB GDV Sym fC IL BW3 1, 2 Notes 1 12 Min Typ 86.850 3 25 1.0 6.0 -95 Max 4.0 Units MHz dB kHz dBP-P sP-P dBm
Electrical Connections
Connection Port 1Hot Port 1 Gnd Return Port 2 Hot Port 2 Gnd Return Case Ground Terminals 2 3 8 9 All Others
Notes:
1. Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance matching to 50 and measured with 50 network analyzer. Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc. Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external impedance matching design. See Application Note No. 42 for details. "LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes." The design, manufacturing process, and specifications of this filter are subject to change. 6. Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port 2, so that the filter must always be installed in one direction per the circuit design. US and international patents may apply. RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc. (c)Copyright 1999, RF Monolithics Inc. Electrostatic Sensitive Device. Observe precautions for handling.
2. 3.
7. 8. 9. 10.
4. 5.
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com PX1002 112904
86.85 MHz
SAW Filter
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com PX1002 112904
86.85 MHz
Tape and Reel Specifications
SAW Filter
100 REF.
"B" REF.
Quantity Per Reel
254
100 Min 1000 Max
See Detail "A" 12.0 24.4
0 13.
21.0
.2
20
2.0
COMPONENT ORIENTATION and DIMENSIONS Carrier Tape Dimensions Ao Bo Ko Pitch W 7.0 mm 13.8 mm 2.0 mm 12.0 mm 24.0 mm
PIN #1 USER DIRECTION OF FEED
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com PX1002 112904
86.85 MHz
SAW Filter
SM13365-12 Case
12-Terminal Ceramic Surface-Mount Case 13.3 x 6.5 mm Nominal Footprint
Case Dimensions
Dimension A B C D E H P Min 13.08 6.27 mm Nom 13.31 6.50 1.91 1.50 0.79 1.0 2.54 Max 13.60 6.80 2.00 Min 0.515 0.247 Inches Nom 0.524 0.256 0.075 0.059 0.031 0.039 0.100 Max 0.535 0.268 0.079
Materials
Solder Pad Termination Lid Body Pb Free Au plating 30 - 60 uInches (76.2-152 uM) over 80200 uInches (203-508 uM) Ni. Fe-Ni-Co Alloy Electroless Nickel Plate (8-11% Phosphorus) 100-200 uInches Thick Al2O3 Ceramic Port 1 Port 2
Electrical Connections
Connection Input or Return Return or Input Output or Return Return or Output Ground Single Ended Operation Differential Operation Terminals 2 3 8 9 All others Return is ground Return is hot
B 3 2
C H 2 3
D
4
1
1
4 P (8 Places)
5 A 6
12
12
5
11
11
6
E (10 Places)
7
10
10
7
8
9
9
8
TOP VIEW
BOTTOM VIEW
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com PX1002 112904


▲Up To Search▲   

 
Price & Availability of PX1002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X