Part Number Hot Search : 
ESD9B5VD TA5010 E213I NS320 25001 15KP40CA 015L00 PIC16F
Product Description
Full Text Search
 

To Download PWB100A40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THYRISTOR MODULE NON-ISOLATED TYPE
PWB100A
PWB100A is a Thyristor module suitable for low voltage, 3 phase recifier applications. IT(AV)100A (each device) High Surge Current 3500 A (60Hz) Easy Construction Non-isolated. Mounting base as common Anode terminal Applications Welding power Supply Various DC power Supply
Unit A
Maximum Ratings
Symbol VRRM VRSM VDRM Symbol IT IT
AV RMS
Item Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Repetitive Peak Off-State Voltage Item Average On-State Current R.M.S. On-State Current Surge On-State Current I2t Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage (Forward) Peak Gate Voltage (Reverse) Critical Rate of Rise of On-State Current Operating Junction Temperature Storage Temperature Mounting Torque Mass Mounting M6 Terminal M5
Ratings PWB100A30 300 360 300 Conditions Single phase, half wave, 180 conduction, Tc 114 Single phase, half wave, 180 conduction, Tc 114
1 2cycle,
PWB100A40 400 480 400 Ratings 100 157 3200/3500 51000 10 1 3 10 5
Unit V V V Unit A A A A2S W W A V V A/ s 150 125 N fB g
ITSM I2t PGM PG
AV
50Hz/60Hz, peak value, non-repetitive
IFGM VFGM VRGM di dt Tj Tstg
IG 200mA Tj 25
VD
1
2VDRM
dIG/dt 1A/ s 30 to 30 to
50
Recommended Value 2.5-3.9 25-40 Recommended Value 1.5-2.5 15-25
4.7 48 2.7 28 170
Electrical Characteristics
Symbol IDRM IRRM VTM IGT VGT VGD tgt dv dt IH Rth j-c Item Repetitive Peak Off-State Current, max. Repetitive Peak Reverse Current, max. Peak On-State Voltage, max. Gate Trigger Current/Voltage, max. Non-Trigger Gate, Voltage. min. Turn On Time, max. Critical Rate of Rise of Off-State Voltage, min. Holding Current, typ. Thermal Impedance, max. Conditions at VDRM, single phase, half wave, Tj 150 at VDRM, single phase, half wave, Tj 150 On-State Current 310A, Tj 25 Tj 25 Tj 150 IT 1A VD 6V VD
2 1 2VDRM
Ratings 15 15 1.20 150/2 0.25
Unit mA mA V mA/V V s V/ s mA /W
Inst. measurement
IT 100A IG 200mA Tj 25 Tj 150 , VD Tj 25 Junction to case
1 3VDRM,
VD
1
2VDRM
dIG/dt 1A/ s
10 50 70 0.3
Exponential wave.
3 Module
SanRex(R)
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
;; ;;
-
PWB100A


▲Up To Search▲   

 
Price & Availability of PWB100A40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X