Part Number Hot Search : 
MAX528 M52358VP SD1434 BDV65A ZMM5241 NF03L ISL6840 FTS2015
Product Description
Full Text Search
 

To Download PTZ91B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PTZ4.7B
Diodes
Zener diode
PTZ4.7B
Applications External dimensions (Unit : mm)
2.60.2 1.20.3
Land size figure (Unit : mm)
2.0
4.50.03 20.05
Voltage regulation
4.50.03
Features 1) Small power mold type. (PMDS) 2) High ESD tolerance
5.00.3
5
4
0.10.02 0.1
2.0
1.50.2 2.60.03
0.20.01 1.03
0.25 0.5
2.00.2
PMDS
Construction Silicon epitaxial planar

0.25
0.5
1.03
0.2
Structure
Manufacture Date
ROHM : PMDS JEDEC : SOD-106
Taping dimensions (Unit : mm)
4.00.1 2.00.05 8.00.1 1.550.1 0 1.750.05 0.30.1
5.50.05
1.550.05 2.90.1 8.00.1 2.40.1
Absolute maximum ratings (Ta=25C)
Param eter P ower dis s ipation J unction tem perature S torage tem perature Sym bol P Tj Ts tg Lim its 1000 150 -55 to +150 Unit mW
5.30.1
9.50.1
Rev.B
12.00.3
4.2
1/4
PTZ4.7B
Diodes
Electrical characteristics (Ta=25C)
Symbol TYP. MIN. 3.600 3.900
Zener voltage : Vz(V)
Operating resistance : Zz() Reverse current : IR(A)
Temperature coefficiency : *z(mV/) ESD Break down voltage : ESD(kV)
Iz(mA) Max. Iz(mA) MAX. VR(V) Iz(mA) MIN. TYP. PTZ 3.6B 40 15 40 60 40 1.0 -2.8 PTZ 3.9B 40 15 40 40 40 1.0 -2.4 PTZ 4.3B 4.300 40 40 40 4.572 4.800 15 20 1.0 -2.1 PTZ 4.7B 4.700 40 40 40 4.924 5.200 10 20 1.0 -1.7 PTZ 5.1B 5.100 40 40 40 5.368 5.700 8 20 1.5 -0.6 PTZ 5.6B 5.600 40 40 40 5.856 6.300 8 20 2.5 1.4 PTZ 6.2B 6.200 40 40 40 6.509 7.000 6 20 3.0 2.5 PTZ 6.8B 6.800 40 40 40 7.280 7.700 6 20 3.5 3.2 PTZ 7.5B 7.500 40 40 40 7.889 8.400 4 20 4.0 4.2 PTZ 8.2B 8.200 40 40 40 8.655 9.300 4 20 5.0 5.0 PTZ 9.1B 9.100 40 40 40 9.747 10.200 6 20 6.0 5.9 PTZ 10B 10.000 40 40 40 10.310 11.200 6 10 7.0 6.9 30kV PTZ 11B 11.000 20 20 20 11.510 12.300 8 10 8.0 7.9 PTZ 12B 12.000 20 20 20 12.500 13.500 8 10 9.0 8.7 PTZ 13B 13.300 20 20 20 13.820 15.000 10 10 10.0 10.1 PTZ 15B 14.700 20 20 20 15.350 16.500 10 10 11.0 11.8 PTZ 16B 16.200 20 20 20 16.860 18.300 12 10 12.0 13.3 PTZ 18B 18.000 20 20 20 19.000 20.300 12 10 13.0 15.0 PTZ 20B 20.000 20.820 20 14 20 15.0 17.4 20 22.400 10 PTZ 22B 22.000 23.850 10 14 10 17.0 19.4 10 24.500 10 PTZ 24B 24.000 10 16 10 25.310 27.600 10 10 19.0 21.6 PTZ 27B 27.000 10 16 10 28.700 30.800 10 10 21.0 24.6 PTZ 30B 30.000 10 18 10 31.570 34.000 10 10 23.0 27.5 PTZ 33B 33.000 10 18 10 34.950 37.000 10 10 25.0 30.8 PTZ 36B 36.000 39.240 40.000 10 20 10 10 27.0 37.0 10 1.The Zener voltage(Vz) is measured 40ms after power is supplied. 2.The operating resistances(ZzZzk) are measured by superimposing a minute alternating current on the regulated current(Iz). TYP. 3.813 4.136
MAX. 4.000 4.400
Test Condition
C=150pF R=330 forward and reverse : 10 times
Marking (TYPE NO.)
TYP. PTZ3.6B PTZ3.9B PTZ4.3B PTZ4.7B PTZ5.1B PTZ5.6B PTZ6.2B PTZ6.8B PTZ7.5B TYPENO.
3.6B 3.9B 4.3B 4.7B 5.1B 5.6B 6.2B 6.8B 7.5B
TYP. PTZ8.2B PTZ9.1B PTZ10B PTZ11B PTZ12B PTZ13B PTZ15B PTZ16B
TYPENO.
8.2B 9.1B 10B 11B 12B 13B 15B 16B
Rev.B
2/4
PTZ4.7B
Diodes
Electrical characteristic curves (Ta=25C)
100 5.1 4.7 4.3 10 3.9 3.6 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36
ZENER CURRENT:Iz(mA)
1
0.1
0.01
0.001 0 5 10 15 20 25 30 35 40 45
ZENER VOLTAGE:Vz(V) Vz-Iz CHARACTERISTICS
1200 1000 800 600 400 200 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE:Ta() Pd-TaCHARACTERISTICS 0.12 0.1 0.08 TEMP.COEFFICIENCE:z(/) 0.06 0.04 20 0.02 0 -0.02 -0.04 -0.06 -0.08 0 20 30 TIME:t(ms) IFSM-t CHARACTERISTICS 10 40 15 10 5 0 -5 40 35
10000 PRSM REVERSE SURGE MAXIMUM POWER:PRSM(W) 1000 t
POWER DISSIPATION:Pd(W)
100
10
1 0.001 0.01 0.1 1 10 100
TIME:t(ms) PRSM-TIME CHARACTERISTICS 1000 Mounted on epoxy board
IM=10mA IF=0.5A
Rth(j-a) TRANSIENT THAERMAL IMPEDANCE:Rth (/W) TEMP.COEFFICIENCE:z(mV/) 100
1ms time
30 25
300us
Rth(j-c) 10
1
0.1 0.001 0.1 10 TIME:t(s) Rth-t CHARACTERISTICS 1000
Rev.B
3/4
PTZ4.7B
Diodes

100 Ta=75 REVERSE CURRENT:IR(nA) Ta=125 1 Ta=150 0.1 Ta=-25 Ta=25 1000 100 10 1 Ta=25 0.1 0.01 0.001 0.0001 0 1 2 3 4 ZENER VOLTAGEVz(V) Vz-Iz CHARACTERISTICS 5 6 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 1 100 0 0.2 0.4 0.6 0.8 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS 1 Ta=-25 Ta=150 Ta=125 CAPACITANCE BETWEEN TERMINALS:Ct(pF) 10000 f=1MH
10 ZENER CURRENT:Iz(mA)
Ta=75
1000
0.01
0.001
5.2 Ta=25 IZ=5mA n=30pcs
1 0.9 REVERSE CURRENT:IR(nA) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 AVE:0.119nA Ta=25 VR=1.0V n=30pcs
1100 1090 1080 CAPACITANCE BETWEEN TERMINALS:Ct(pF) 1070 1060 1050 1040 1030 1020 1010 1000 IR DISPERSION MAP Ct DISPERSION MAP AVE:1070.0pF Ta=25 f=1MHz VR=0V n=10pcs
5.1 ZENER VOLTAGE:Vz(V)
5
4.9
4.8
AVE:4.680V
4.7
0
Vz DISPERSION MAP
10000 ELECTROSTATIC DDISCHARGE TEST ESD(KV)
30 25 20 15 10 5 No break at 30kV
DYNAMIC IMPEDANCE:Zz()
1000
100
10
1 0.1 1 ZENER CURRENT:Iz(mA) Zz-Iz CHARACTERISTICS 10
0 C=200pF R=0 C=100pF R=1.5k C=150pF R=330
ESD DISPERSION MAP
Rev.B
4/4
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of PTZ91B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X